công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC33076D bảng dữ liệu(PDF) 6 Page - ON Semiconductor |
|
MC33076D bảng dữ liệu(HTML) 6 Page - ON Semiconductor |
6 / 12 page MC33076 6 MOTOROLA ANALOG IC DEVICE DATA 1 A 2 A 1B 2B Figure 13. Output Short Circuit Current versus Temperature VCC |VEE|, SUPPLY VOLTAGE (V) Figure 14. Supply Current versus Supply Voltage with No Load TA, AMBIENT TEMPERATURE (°C) Figure 15. Slew Rate versus Temperature Figure 16. Gain Bandwidth Product versus Temperature TA, AMBIENT TEMPERATURE (°C) Figure 17. Voltage Gain and Phase versus Frequency f, FREQUENCY (Hz) Figure 18. Voltage Gain and Phase versus Frequency TA, AMBIENT TEMPERATURE (°C) ∆Vin 100 Ω 100pF 80 120 160 200 240 280 f, FREQEUNCY (Hz) 80 120 160 200 280 + – 240 5.0 4.0 3.0 2.0 1.0 0 320 300 280 260 240 220 200 180 8.5 8.0 7.5 7.0 6.5 6.0 5.5 3.0 2.5 2.0 1.5 1.0 0.5 0 50 30 10 –10 –30 –50 50 30 10 –10 –30 –50 0 3.0 6.0 9.0 12 15 18 –55 –25 5.0 35 65 95 125 –55 –25 5.0 35 65 95 125 30 M –55 –25 5.0 35 65 95 125 10 M 1.0 M 100 k 30 M 10 M 1.0 M 100 k Source Sink VCC = +15 V VEE = –15 V VID = ±1.0 V RL < 10 Ω TA = + 25°C TA = +125°C TA = – 55°C VCC = +15 V VEE = –15 V ∆Vin = 20 Vpp VCC = +15 V VEE = –15 V f = 100 Hz RL = 100 Ω CL = 0 pF 1 A 2 A 1 B 2 B 1A) Phase, VS = ±18 V 2A) Phase, VS = ±1.5 V 1B) Gain, VS = ±18 V 2B) Gain, VS = ±1.5 V 1A) Phase, (R = 100 Ω) 2A) Phase, (R = 100 Ω, C = 300 pF) 1B) Gain, (R = 100 Ω) 2B) Gain, (R = 100 Ω, C = 300 pF) |
Số phần tương tự - MC33076D |
|
Mô tả tương tự - MC33076D |