công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC1496P bảng dữ liệu(PDF) 5 Page - ON Semiconductor

tên linh kiện MC1496P
Giải thích chi tiết về linh kiện  BALANCED MODULATORS/DEMODULATORS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC1496P bảng dữ liệu(HTML) 5 Page - ON Semiconductor

  MC1496P Datasheet HTML 1Page - ON Semiconductor MC1496P Datasheet HTML 2Page - ON Semiconductor MC1496P Datasheet HTML 3Page - ON Semiconductor MC1496P Datasheet HTML 4Page - ON Semiconductor MC1496P Datasheet HTML 5Page - ON Semiconductor MC1496P Datasheet HTML 6Page - ON Semiconductor MC1496P Datasheet HTML 7Page - ON Semiconductor MC1496P Datasheet HTML 8Page - ON Semiconductor MC1496P Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
MC1496, MC1496B
http://onsemi.com
5
Bias currents flowing into Pins 1, 4, 8 and 10 are transistor
base currents and can normally be neglected if external bias
dividers are designed to carry 1.0 mA or more.
Transadmittance Bandwidth
Carrier transadmittance bandwidth is the 3.0 dB bandwidth
of the device forward transadmittance as defined by:
g21C+
io (each sideband)
vs (signal)
V
o + 0
Signal transadmittance bandwidth is the 3.0 dB bandwidth
of the device forward transadmittance as defined by:
g21S+
io (signal)
vs (signal)
Vc + 0.5 Vdc, Vo + 0
Coupling and Bypass Capacitors
Capacitors C1 and C2 (Figure 5) should be selected for a
reactance of less than 5.0
W at the carrier frequency.
Output Signal
The output signal is taken from Pins 6 and 12 either
balanced or single−ended. Figure 11 shows the output levels
of each of the two output sidebands resulting from variations
in both the carrier and modulating signal inputs with a
single−ended output connection.
Negative Supply
VEE should be dc only. The insertion of an RF choke in
series with VEE can enhance the stability of the internal
current sources.
Signal Port Stability
Under certain values of driving source impedance,
oscillation may occur. In this event, an RC suppression
network should be connected directly to each input using
short leads. This will reduce the Q of the source−tuned
circuits that cause the oscillation.
Signal Input
(Pins 1 and 4)
510
10 pF
An alternate method for low−frequency applications is to
insert a 1.0 k
W resistor in series with the input (Pins 1, 4). In
this case input current drift may cause serious degradation
of carrier suppression.
NOTE:
Shielding of input and output leads may be needed
to properly perform these tests.
Figure 5. Carrier Rejection and Suppression
Figure 6. Input−Output Impedance
Figure 7. Bias and Offset Currents
Figure 8. Transconductance Bandwidth
0.01
mF
2.0 k
−8.0 Vdc
I6
I9
1.0 k
I7
I8
6.8 k
Zout
+Vo
+
+Vo
I9
3
RL
3.9 k
VCC
12 Vdc
8
C1
0.1
mF
MC1496
1.0 k
2
Re
1.0 k
C2
0.1
mF
51
10 k
Modulating
Signal Input
Carrier
Input
VC
Carrier Null
51
51
10 k
50 k
R1
VS
−Vo
RL
3.9 k
I6
I4
6
14
5
12
2
Re = 1.0 k
3
Zin
0.5 V
8
10
I1
4
1
−Vo
10
1
6
4
14
5
12
6.8 k
V
I10
I5
−8.0 Vdc
VEE
1.0 k
MC1496
MC1496
MC1496
6
14
5
12
I10
6.8 k
−8.0 Vdc
VEE
VCC
12 Vdc
2
Re = 1.0 k
3
1.0 k
Modulating
Signal Input
Carrier
Input
VC
VS
0.1
mF
0.1
mF
1.0 k
51
1.0 k
14
5
6
12
1.0 k
23
Re
VCC
12 Vdc
2.0 k
+Vo
−Vo
6.8 k
10 k
Carrier Null
51
10 k
50 k
V
−8.0 Vdc
VEE
50 50
8
10
4
1
8
10
4
1
51
TEST CIRCUITS


Số phần tương tự - MC1496P

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC1496P ONSEMI-MC1496P Datasheet
329Kb / 14P
   Balanced Modulators/Demodulators
October, 2006 ??Rev. 10
MC1496P1 ONSEMI-MC1496P1 Datasheet
329Kb / 14P
   Balanced Modulators/Demodulators
October, 2006 ??Rev. 10
MC1496P1G ONSEMI-MC1496P1G Datasheet
329Kb / 14P
   Balanced Modulators/Demodulators
October, 2006 ??Rev. 10
MC1496PG ONSEMI-MC1496PG Datasheet
329Kb / 14P
   Balanced Modulators/Demodulators
October, 2006 ??Rev. 10
More results

Mô tả tương tự - MC1496P

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC1496 ONSEMI-MC1496_06 Datasheet
329Kb / 14P
   Balanced Modulators/Demodulators
October, 2006 ??Rev. 10
logo
Anaren Microwave
70668 ANAREN-70668 Datasheet
197Kb / 1P
   Modulators Balanced
70666 ANAREN-70666 Datasheet
192Kb / 1P
   Modulators Balanced
logo
List of Unclassifed Man...
SL1641C ETC1-SL1641C Datasheet
202Kb / 2P
   DOUBLE BALANCED MODULATORS
logo
Marki Microwave
M1B-0618 MARKIMICROWAVE-M1B-0618 Datasheet
215Kb / 2P
   DOUBLE-BALANCED MIXERS BI-PHASE MODULATORS
logo
Merrimac Industries, In...
BPM-2A-250 MERRIMAC-BPM-2A-250 Datasheet
186Kb / 1P
   BIPHASE MODULATORS
JPF-21F-1200B MERRIMAC-JPF-21F-1200B Datasheet
154Kb / 2P
   QUADRAPHASE MODULATORS
JTM-2A-10B MERRIMAC-JTM-2A-10B Datasheet
118Kb / 1P
   QUADRAPHASE MODULATORS
JPP-21R-10B MERRIMAC-JPP-21R-10B Datasheet
124Kb / 2P
   QUADRAPHASE MODULATORS
logo
SYNERGY MICROWAVE CORPO...
SBM-C4 SYNERGY-SBM-C4 Datasheet
267Kb / 3P
   BPSK MODULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com