công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC1496P bảng dữ liệu(PDF) 10 Page - ON Semiconductor

tên linh kiện MC1496P
Giải thích chi tiết về linh kiện  BALANCED MODULATORS/DEMODULATORS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC1496P bảng dữ liệu(HTML) 10 Page - ON Semiconductor

Back Button MC1496P Datasheet HTML 6Page - ON Semiconductor MC1496P Datasheet HTML 7Page - ON Semiconductor MC1496P Datasheet HTML 8Page - ON Semiconductor MC1496P Datasheet HTML 9Page - ON Semiconductor MC1496P Datasheet HTML 10Page - ON Semiconductor MC1496P Datasheet HTML 11Page - ON Semiconductor MC1496P Datasheet HTML 12Page - ON Semiconductor MC1496P Datasheet HTML 13Page - ON Semiconductor MC1496P Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
MC1496, MC1496B
http://onsemi.com
10
be introduced with or without modulation, provided its level
is sufficiently high to saturate the upper quad differential
amplifier. If the carrier signal is modulated, a 300 mVrms
input level is recommended.
Doubly Balanced Mixer
The MC1496 may be used as a doubly balanced mixer
with either broadband or tuned narrow band input and output
networks.
The local oscillator signal is introduced at the carrier input
port with a recommended amplitude of 100 mVrms.
Figure 29 shows a mixer with a broadband input and a
tuned output.
Frequency Doubler
The MC1496 will operate as a frequency doubler by
introducing the same frequency at both input ports.
Figures 30 and 31 show a broadband frequency doubler
and a tuned output very high frequency (VHF) doubler,
respectively.
Phase Detection and FM Detection
The MC1496 will function as a phase detector. High−level
input signals are introduced at both inputs. When both inputs
are at the same frequency the MC1496 will deliver an output
which is a function of the phase difference between the two
input signals.
An FM detector may be constructed by using the phase
detector principle. A tuned circuit is added at one of the
inputs to cause the two input signals to vary in phase as a
function of frequency. The MC1496 will then provide an
output which is a function of the input signal frequency.
VS
DSB
MC1496
VCC
12 Vd
R1
+
Carrier Input
60 mVrms
Carrier
Input
1.0 k
1.0 k
Carrier Null
Carrier Adjust
1.0 k
Re 1.0 k
2
RL
3.9 k
3
RL
3.9
+
12
6
6.8 k
I5
VEE
−8.0 Vdc
10 k
10 k
51
51
Modulating
Signal
Input
VC
14
5
0.1
mF
0.1
mF
50 k
+
MC1496
Output
0.1
mF
0.1
mF
0.1
mF
VCC
12 Vdc
10 k
100
100
10 k
3.0 k
3.0 k
1.0 k
1.3 k
820
50 k
10 k
10
mF
15 V
Signal Input
300 mVrms
Modulating
Carrier
Null
+
25
mF
15 V
51
25
mF
15 V
2
3
14
5
Modulating
Signal
Input
VS
VC
1.0
mF
Carrier
Input
50 k
750
51
51
750
VEE
−8.0 Vdc
15
6.8 k
RL
3.9 k
Re 1.0 k
23
14
5
0.1
mF
−Vo
+Vo
VCC
12 Vdc
51
51
1.0 k
1.0 k
MC1496
2
3
14
5
MC1496
1.3 k
820
1.0 k
Carrier Input
300 mVrms
SSB Input
51
100
3.0 k
3.0 k
0.005
mF
10 k
0.1
mF
1.0 k
0.1
mF
0.1
mF
0.1
mF
0.1
mF
VCC
12 Vdc
AF
Outp
RLq 10
0.005
mF
TYPICAL APPLICATIONS
1.0 k
8
4
1
10
12
6
12
6
12
6
RL
3.9 k
8
4
1
10
8
4
1
10
8
4
1
10
Figure 25. Balanced Modulator
(12 Vdc Single Supply)
Figure 26. Balanced Modulator−Demodulator
Figure 27. AM Modulator Circuit
Figure 28. Product Detector
(12 Vdc Single Supply)
1.0 k
0.005
mF


Số phần tương tự - MC1496P

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC1496P ONSEMI-MC1496P Datasheet
329Kb / 14P
   Balanced Modulators/Demodulators
October, 2006 ??Rev. 10
MC1496P1 ONSEMI-MC1496P1 Datasheet
329Kb / 14P
   Balanced Modulators/Demodulators
October, 2006 ??Rev. 10
MC1496P1G ONSEMI-MC1496P1G Datasheet
329Kb / 14P
   Balanced Modulators/Demodulators
October, 2006 ??Rev. 10
MC1496PG ONSEMI-MC1496PG Datasheet
329Kb / 14P
   Balanced Modulators/Demodulators
October, 2006 ??Rev. 10
More results

Mô tả tương tự - MC1496P

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC1496 ONSEMI-MC1496_06 Datasheet
329Kb / 14P
   Balanced Modulators/Demodulators
October, 2006 ??Rev. 10
logo
Anaren Microwave
70668 ANAREN-70668 Datasheet
197Kb / 1P
   Modulators Balanced
70666 ANAREN-70666 Datasheet
192Kb / 1P
   Modulators Balanced
logo
List of Unclassifed Man...
SL1641C ETC1-SL1641C Datasheet
202Kb / 2P
   DOUBLE BALANCED MODULATORS
logo
Marki Microwave
M1B-0618 MARKIMICROWAVE-M1B-0618 Datasheet
215Kb / 2P
   DOUBLE-BALANCED MIXERS BI-PHASE MODULATORS
logo
Merrimac Industries, In...
BPM-2A-250 MERRIMAC-BPM-2A-250 Datasheet
186Kb / 1P
   BIPHASE MODULATORS
JPF-21F-1200B MERRIMAC-JPF-21F-1200B Datasheet
154Kb / 2P
   QUADRAPHASE MODULATORS
JTM-2A-10B MERRIMAC-JTM-2A-10B Datasheet
118Kb / 1P
   QUADRAPHASE MODULATORS
JPP-21R-10B MERRIMAC-JPP-21R-10B Datasheet
124Kb / 2P
   QUADRAPHASE MODULATORS
logo
SYNERGY MICROWAVE CORPO...
SBM-C4 SYNERGY-SBM-C4 Datasheet
267Kb / 3P
   BPSK MODULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com