công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC1495D bảng dữ liệu(PDF) 2 Page - ON Semiconductor

tên linh kiện MC1495D
Giải thích chi tiết về linh kiện  LINEAR FOUR-QUADRANT MULTIPLIER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC1495D bảng dữ liệu(HTML) 2 Page - ON Semiconductor

  MC1495D Datasheet HTML 1Page - ON Semiconductor MC1495D Datasheet HTML 2Page - ON Semiconductor MC1495D Datasheet HTML 3Page - ON Semiconductor MC1495D Datasheet HTML 4Page - ON Semiconductor MC1495D Datasheet HTML 5Page - ON Semiconductor MC1495D Datasheet HTML 6Page - ON Semiconductor MC1495D Datasheet HTML 7Page - ON Semiconductor MC1495D Datasheet HTML 8Page - ON Semiconductor MC1495D Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
MC1495
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (+V = + 32 V , –V = –15 V, TA = + 25°C, I3 = I13 = 1.0 mA, RX = RY = 15 kΩ, RL = 11 kΩ,
unless otherwise noted.)
Characteristics
Figure
Symbol
Min
Typ
Max
Unit
Linearity (Output Error in percent of full scale)
TA = + 25°C
–10 < VX < +10 (VY = ±10 V)
–10 < VY < +10 (VX = ±10 V)
TA = TLow to THigh
–10 < VX < +10 (VY = ±10 V)
–10 < VY < +10 (VX = ±10 V)
5
ERX
ERY
ERX
ERY
±1.0
± 2.0
±1.5
± 3.0
±1.0
± 2.0
± 2.0
± 4.0
%
Square Mode Error (Accuracy in percent of full scale after
Offset and Scale Factor adjustment)
TA = + 25°C
TA = TLow to THigh
5
ESQ
± 0.75
±1.0
%
Scale Factor (Adjustable)
2RL
K =
13 RX RY
K
0.1
Input Resistance (f = 20 Hz)
7
RinX
RinY
30
20
M
Differential Output Resistance (f = 20 Hz)
8
RO
300
k
Input Bias Current
2
(I9 + I12)
2
Ibx =
, Iby =
(I4 + I8)
TA = + 25°C
TA = TLow to THigh
6
Ibx, Iby
2.0
2.0
8.0
12
µA
Input Offset Current
|I9 – I12|TA = + 25°C
|I4 – I8|TA = TLow to THigh
6
|Iiox|, |Iioy|
0.4
0.4
1.0
2.0
µA
Average Temperature Coefficient of Input Offset Current
TA = TLow to THigh
6
|TClio|
2.5
nA/
°C
Output Offset Current
TA = + 25°C
|I14 – I2|TA = TLow to THigh
6
|IOO|
10
20
50
100
µA
Average Temperature Coefficient of Output Offset Current
TA = TLow to THigh
6
|TCIOO|
20
nA/
°C
Frequency Response
3.0 dB Bandwidth, RL = 11 kΩ
3.0 dB Bandwidth, RL = 50 Ω (Transconductance Bandwidth)
3
° Relative Phase Shift Between VX and VY
1% Absolute Error Due to Input-Output Phase Shift
9,10
BW(3dB)
TBW(3dB)
f
φ
f
θ
3.0
80
750
30
MHz
MHz
kHz
kHz
Common Mode Input Swing
(Either Input)
11
CMV
±10.5
±12
Vdc
Common Mode Gain
TA = + 25°C
(Either Input)
TA = TLow to THigh
11
ACM
–50
–40
–60
–50
dB
Common Mode Quiescent
Output Voltage
12
VO1
VO2
21
21
Vdc
Differential Output Voltage Swing Capability
9
VO
±14
Vpk
Power Supply Sensitivity
12
S+
S
5.0
10
mV/V
Power Supply Current
12
I7
6.0
7.0
mA
DC Power Dissipation
12
PD
135
170
mW
NOTES: 1. THigh = +70°C for MC1495
TLow = 0°C for MC1495
= +125
°C for MC1495B
= – 40
°C for MC1495B


Số phần tương tự - MC1495D

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC1495D MOTOROLA-MC1495D Datasheet
973Kb / 15P
   Wideband Linear Four-Quadrant Multiplier
More results

Mô tả tương tự - MC1495D

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC1495 MOTOROLA-MC1495 Datasheet
973Kb / 15P
   Wideband Linear Four-Quadrant Multiplier
logo
ON Semiconductor
MC1494 ONSEMI-MC1494 Datasheet
319Kb / 16P
   LINEAR FOUR-QUADRANT MULTIPLIER INTEGRATED CIRCUIT
1996 REV 0
logo
Elantec Semiconductor
EL4450C ELANTEC-EL4450C Datasheet
266Kb / 14P
   Wideband Four-Quadrant Multiplier
logo
Intersil Corporation
EL4450 INTERSIL-EL4450 Datasheet
170Kb / 10P
   Wideband Four-Quadrant Multiplier
logo
Motorola, Inc
MC1494L MOTOROLA-MC1494L Datasheet
519Kb / 14P
   MONOLITHIC FOUR-QUADRANT MULTIPLIER
logo
IC-Haus GmbH
IC-BM ICHAUS-IC-BM Datasheet
329Kb / 7P
   FOUR-CHANNEL FOUR-QUADRANT ANALOG MULTIPLIER
logo
Analog Devices
MLT04 AD-MLT04 Datasheet
428Kb / 12P
   Four-Channel, Four-Quadrant Analog Multiplier
REV. B
logo
IC-Haus GmbH
IC-BM ICHAUS-IC-BM_11 Datasheet
332Kb / 7P
   FOUR-CHANNEL FOUR-QUADRANT ANALOG MULTIPLIER
logo
Analog Devices
AD834 AD-AD834 Datasheet
258Kb / 8P
   500 MHz Four-Quadrant Multiplier
REV. C
AD834 AD-AD834_12 Datasheet
351Kb / 20P
   500 MHz Four-Quadrant Multiplier
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com