công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC1494 bảng dữ liệu(PDF) 10 Page - ON Semiconductor

tên linh kiện MC1494
Giải thích chi tiết về linh kiện  LINEAR FOUR-QUADRANT MULTIPLIER INTEGRATED CIRCUIT
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC1494 bảng dữ liệu(HTML) 10 Page - ON Semiconductor

Back Button MC1494 Datasheet HTML 6Page - ON Semiconductor MC1494 Datasheet HTML 7Page - ON Semiconductor MC1494 Datasheet HTML 8Page - ON Semiconductor MC1494 Datasheet HTML 9Page - ON Semiconductor MC1494 Datasheet HTML 10Page - ON Semiconductor MC1494 Datasheet HTML 11Page - ON Semiconductor MC1494 Datasheet HTML 12Page - ON Semiconductor MC1494 Datasheet HTML 13Page - ON Semiconductor MC1494 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
MC1494
10
MOTOROLA ANALOG IC DEVICE DATA
–V2
10
9
10
+
+
15
5
14
2
3
+
11
12
30 k
62 k
78
+15 V –15 V
P4
50 k
22 k
10 pF
MC1456
–15 V
+15 V
4
7
10 pF
510
V
+
MC1494
13
6
13
4
2
16 k
51 k
20 k
P1
20 k
Input
Offset
P3
Output
Offset
6
VO =
Figure 21. MC1494 Squaring Circuit
This shows that all error terms can be eliminated with only
three adjustment potentiometers, eliminating one of the input
offset adjustments. For instance, if the “X” input offset
adjustment is eliminated,
∈x is determined by the internal
offset (Viox) but ∈y is adjustable to the extent that the (∈x + ∈y)
term can be zeroed. Then the output offset adjustment is
used to adjust the Voo term and thus zero the remaining error
terms. An AC procedure for nulling with three adjustments is:
A.
AC Procedure:
1. Connect oscillator (1.0 kHz, 15 Vpp) to input.
2. Monitor output at 2.0 kHz with tuned voltmeter and
adjust P4 for desired gain ( Be sure to peak
response of voltmeter).
3. Tune voltmeter to 1.0 kHz and adjust P1 for a minimum
output voltage.
4. Ground input and adjust P3 (output offset) for
0 Vdc out.
5. Repeat steps 1 through 4 as necessary.
B.
DC Procedure:
1. Set VX = VY = 0 V and adjust P3 (output offset
potentiometer) such that VO = 0 Vdc.
2. Set VX = VY = 1.0 V and adjust P1 (Y input offset
potentiometer) such that the output voltage is
– 0.100 V.
3. Set VX = VY = 10 Vdc and adjust P4 (load resistor)
such that the output voltage is –10 V.
4. Set VX = VY = –10 Vdc and check that VO = –10 V.
5. Repeat steps 1 through 4 as necessary.
Divide
Divide circuits warrant a special discussion as a result of
their special problems. Classic feedback theory teaches that
if a multiplier is used as a feedback element in an operational
amplifier circuit, the divide function results. Figure 22
illustrates the theoretical simplicity of such an approach and
a practical realization is shown in Figure 23.
The characteristic “failure” mode of the divide circuit is
latch–up. One way it can occur is if VX is allowed to go
negative, or in some cases, if VX approaches zero.
Figure 22 illustrates why this is so. For VX > 0 the transfer
function through the multiplier is noninverting. Its output is fed
to the inverting input of the op amp Thus, operation is in the
negative feedback mode and the circuit is DC stable.
+
+
+
+
VZ
KVX VY
VX
MC1494
VO
VZ = –KVXVY
or
VO =
–VZ
KVX
+
Figure 22. Basic Divide Circuit Using Multiplier
VY
Should VX change polarity, the transfer function through
the multiplier becomes inverting, the amplifier has positive
feedback and latch–up results. The problem resulting from
VX being near zero is a result of the transfer through the
multiplier being near zero. The op amp is then operating with
a very high closed–loop gain and error voltages can thus
become effective in causing latch–up.
The other mode of latch–up results from the output voltage
of the op amp exceeding the rated common mode input
voltage of the multiplier. The input stage of the multiplier
becomes saturated, phase reversal results, and the circuit is
latched up. The circuit of Figure 23 protects against this
happening by clamping the output swing of the op amp to
approximately
± 10.7 V. Five percent tolerance, 10 V zeners
are used to assure adequate output swing but still limit the
output voltage of the op amp from exceeding the common
mode input range of the MC1494.
Setting up the divide circuit for reasonably accurate
operation is somewhat different from the procedure for the
multiplier itself. One approach, however, is to break the
feedback loop, null out the multiplier circuit, and then close
the loop.


Số phần tương tự - MC1494

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC1494L MOTOROLA-MC1494L Datasheet
519Kb / 14P
   MONOLITHIC FOUR-QUADRANT MULTIPLIER
More results

Mô tả tương tự - MC1494

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC1495 ONSEMI-MC1495 Datasheet
332Kb / 16P
   LINEAR FOUR-QUADRANT MULTIPLIER
August, 2001 ??Rev. 1
logo
Motorola, Inc
MC1495 MOTOROLA-MC1495 Datasheet
973Kb / 15P
   Wideband Linear Four-Quadrant Multiplier
logo
Elantec Semiconductor
EL4450C ELANTEC-EL4450C Datasheet
266Kb / 14P
   Wideband Four-Quadrant Multiplier
logo
Intersil Corporation
EL4450 INTERSIL-EL4450 Datasheet
170Kb / 10P
   Wideband Four-Quadrant Multiplier
logo
Motorola, Inc
MC1494L MOTOROLA-MC1494L Datasheet
519Kb / 14P
   MONOLITHIC FOUR-QUADRANT MULTIPLIER
logo
IC-Haus GmbH
IC-BM ICHAUS-IC-BM Datasheet
329Kb / 7P
   FOUR-CHANNEL FOUR-QUADRANT ANALOG MULTIPLIER
logo
Analog Devices
MLT04 AD-MLT04 Datasheet
428Kb / 12P
   Four-Channel, Four-Quadrant Analog Multiplier
REV. B
logo
IC-Haus GmbH
IC-BM ICHAUS-IC-BM_11 Datasheet
332Kb / 7P
   FOUR-CHANNEL FOUR-QUADRANT ANALOG MULTIPLIER
logo
Analog Devices
AD834 AD-AD834 Datasheet
258Kb / 8P
   500 MHz Four-Quadrant Multiplier
REV. C
AD834 AD-AD834_12 Datasheet
351Kb / 20P
   500 MHz Four-Quadrant Multiplier
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com