công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC1489 bảng dữ liệu(PDF) 6 Page - ON Semiconductor

tên linh kiện MC1489
Giải thích chi tiết về linh kiện  Quad Line Receivers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC1489 bảng dữ liệu(HTML) 6 Page - ON Semiconductor

Back Button MC1489 Datasheet HTML 2Page - ON Semiconductor MC1489 Datasheet HTML 3Page - ON Semiconductor MC1489 Datasheet HTML 4Page - ON Semiconductor MC1489 Datasheet HTML 5Page - ON Semiconductor MC1489 Datasheet HTML 6Page - ON Semiconductor MC1489 Datasheet HTML 7Page - ON Semiconductor MC1489 Datasheet HTML 8Page - ON Semiconductor MC1489 Datasheet HTML 9Page - ON Semiconductor MC1489 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
MC1489, MC1489A
http://onsemi.com
6
APPLICATIONS INFORMATION
General Information
The Electronic Industries Association (EIA) has released
the EIA−232D specification detailing the requirements for
the interface between data processing equipment and data
communications equipment. This standard specifies not
only the number and type of interface leads, but also the
voltage levels to be used. The MC1488 quad driver and its
companion circuit, the MC1489 quad receiver, provide a
complete interface system between DTL or TTL logic levels
and the EIA−232D defined levels. The EIA−232D
requirements as applied to receivers are discussed herein.
The required input impedance is defined as between
3000
W and 7000 W for input voltages between 3.0 and 25 V
in magnitude; and any voltage on the receiver input in an
open circuit condition must be less than 2.0 V in magnitude.
The MC1489 circuits meet these requirements with a
maximum open circuit voltage of one VBE.
The receiver shall detect a voltage between − 3.0 and
−25 V as a Logic “1” and inputs between 3.0 and 25 V as a
Logic “0.” On some interchange leads, an open circuit of
power “OFF” condition (300
W or more to ground) shall be
decoded as an “OFF” condition or Logic “1.” For this
reason, the input hysteresis thresholds of the MC1489
circuits are all above ground. Thus an open or grounded
input will cause the same output as a negative or Logic “1”
input.
Device Characteristics
The MC1489 interface receivers have internal feedback
from the second stage to the input stage providing input
hysteresis for noise rejection. The MC1489 input has typical
turn−on voltage of 1.25 V and turn−off of 1.0 V for a typical
hysteresis of 250 mV. The MC1489A has typical turn−on of
1.95 V and turn−off of 0.8 V for typically 1.15 V of
hysteresis.
Each receiver section has an external response control
node in addition to the input and output pins, thereby
allowing the designer to vary the input threshold voltage
levels. A resistor can be connected between this node and an
external power supply. Figures 4, 6 and 7 illustrate the input
threshold voltage shift possible through this technique.
This response node can also be used for the filtering of
high frequency, high energy noise pulses. Figures 10 and 11
show typical noise pulse rejection for external capacitors of
various sizes.
These two operations on the response node can be
combined or used individually for many combinations of
interfacing
applications.
The
MC1489
circuits
are
particularly useful for interfacing between MOS circuits and
MDTL/MTTL logic systems. In this application, the input
threshold voltages are adjusted (with the appropriate supply
and resistor values) to fall in the center of the MOS voltage
logic levels (see Figure 12).
The response node may also be used as the receiver input
as long as the designer realizes that he may not drive this
node with a low impedance source to a voltage greater than
one diode above ground or less than one diode below
ground. This feature is demonstrated in Figure 13 where two
receivers are slaved to the same line that must still meet the
EIA−232D impedance requirement.
PW, INPUT PULSE WIDTH (ns)
500 pF
MC1489
6
5
4
3
2
1
10,000
1000
100
10
300 pF
100 pF
10 pF
Figure 10. Typical Turn On Threshold versus
Capacitance from Response Control Pin to GND
MC1489A
PW, INPUT PULSE WIDTH (ns)
12 pF
500 pF
100 pF
300 pF
6
5
4
3
2
1
10,000
1000
100
10
Figure 11. Typical Turn On Threshold versus
Capacitance from Response Control Pin to GND


Số phần tương tự - MC1489

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
MC1489 STMICROELECTRONICS-MC1489 Datasheet
338Kb / 13P
   QUAD LINE RECEIVERS
logo
Texas Instruments
MC1489 TI-MC1489 Datasheet
149Kb / 10P
[Old version datasheet]   QUADRUPLE LINE RECEIVERS
logo
ON Semiconductor
MC1489 ONSEMI-MC1489 Datasheet
156Kb / 12P
   Quad Line EIA??32D Receivers
October, 2006 ??Rev. 10
logo
Texas Instruments
MC1489 TI-MC1489 Datasheet
740Kb / 21P
[Old version datasheet]   QUADRUPLE LINE RECEIVERS
MC1489 TI1-MC1489 Datasheet
1Mb / 22P
[Old version datasheet]   QUADRUPLE LINE RECEIVERS
More results

Mô tả tương tự - MC1489

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
MC1489 STMICROELECTRONICS-MC1489_06 Datasheet
242Kb / 17P
   Quad line receivers
MC1489 STMICROELECTRONICS-MC1489 Datasheet
338Kb / 13P
   QUAD LINE RECEIVERS
logo
ARTSCHIP ELECTRONICS CO...
MC1489 ARTSCHIP-MC1489 Datasheet
2Mb / 9P
   QUAD LINE RECEIVERS
logo
National Semiconductor ...
DS26LS32C NSC-DS26LS32C Datasheet
140Kb / 6P
   Quad Differential Line Receivers
DS3650 NSC-DS3650 Datasheet
197Kb / 10P
   Quad Differential Line Receivers
DS1650 NSC-DS1650 Datasheet
217Kb / 8P
   Quad Differential Line Receivers
logo
Texas Instruments
MC3450 TI1-MC3450_08 Datasheet
152Kb / 9P
[Old version datasheet]   QUAD DIFFERENTIAL LINE RECEIVERS
MC3450 TI-MC3450 Datasheet
139Kb / 9P
[Old version datasheet]   QUAD DIFFERENTIAL LINE RECEIVERS
logo
National Semiconductor ...
DS26F32M NSC-DS26F32M Datasheet
207Kb / 6P
   Quad Differential Line Receivers
DS26LS32AC NSC-DS26LS32AC Datasheet
201Kb / 8P
   Quad Differential Line Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com