công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC14538BDTR2 bảng dữ liệu(PDF) 11 Page - ON Semiconductor |
|
MC14538BDTR2 bảng dữ liệu(HTML) 11 Page - ON Semiconductor |
11 / 12 page MC14538B http://onsemi.com 11 PACKAGE DIMENSIONS SOIC–16 DW SUFFIX PLASTIC SOIC PACKAGE CASE 751G–03 ISSUE B D 14X B 16X SEATING PLANE S A M 0.25 B S T 16 9 8 1 B A e T C q NOTES: 1. DIMENSIONS ARE IN MILLIMETERS. 2. INTERPRET DIMENSIONS AND TOLERANCES PER ASME Y14.5M, 1994. 3. DIMENSIONS D AND E DO NOT INLCUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 PER SIDE. 5. DIMENSION B DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.13 TOTAL IN EXCESS OF THE B DIMENSION AT MAXIMUM MATERIAL CONDITION. DIM MIN MAX MILLIMETERS A 2.35 2.65 A1 0.10 0.25 B 0.35 0.49 C 0.23 0.32 D 10.15 10.45 E 7.40 7.60 e 1.27 BSC H 10.05 10.55 h 0.25 0.75 L 0.50 0.90 q 0 7 _ _ TSSOP–16 DT SUFFIX PLASTIC TSSOP PACKAGE CASE 948F–01 ISSUE O DIM MIN MAX MIN MAX INCHES MILLIMETERS A 4.90 5.10 0.193 0.200 B 4.30 4.50 0.169 0.177 C ––– 1.20 ––– 0.047 D 0.05 0.15 0.002 0.006 F 0.50 0.75 0.020 0.030 G 0.65 BSC 0.026 BSC H 0.18 0.28 0.007 0.011 J 0.09 0.20 0.004 0.008 J1 0.09 0.16 0.004 0.006 K 0.19 0.30 0.007 0.012 K1 0.19 0.25 0.007 0.010 L 6.40 BSC 0.252 BSC M 0 8 0 8 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSION A DOES NOT INCLUDE MOLD FLASH. PROTRUSIONS OR GATE BURRS. MOLD FLASH OR GATE BURRS SHALL NOT EXCEED 0.15 (0.006) PER SIDE. 4. DIMENSION B DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSION. INTERLEAD FLASH OR PROTRUSION SHALL NOT EXCEED 0.25 (0.010) PER SIDE. 5. DIMENSION K DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.08 (0.003) TOTAL IN EXCESS OF THE K DIMENSION AT MAXIMUM MATERIAL CONDITION. 6. TERMINAL NUMBERS ARE SHOWN FOR REFERENCE ONLY. 7. DIMENSION A AND B ARE TO BE DETERMINED AT DATUM PLANE –W–. ___ _ SECTION N–N SEATING PLANE IDENT. PIN 1 1 8 16 9 DETAIL E J J1 B C D A K K1 H G DETAIL E F M L 2X L/2 –U– S U 0.15 (0.006) T S U 0.15 (0.006) T S U M 0.10 (0.004) V S T 0.10 (0.004) –T– –V– –W– 0.25 (0.010) 16X REF K N N |
Số phần tương tự - MC14538BDTR2 |
|
Mô tả tương tự - MC14538BDTR2 |