công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC14532BFR1 bảng dữ liệu(PDF) 4 Page - ON Semiconductor

tên linh kiện MC14532BFR1
Giải thích chi tiết về linh kiện  8-Bit Priority Encoder
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14532BFR1 bảng dữ liệu(HTML) 4 Page - ON Semiconductor

  MC14532BFR1 Datasheet HTML 1Page - ON Semiconductor MC14532BFR1 Datasheet HTML 2Page - ON Semiconductor MC14532BFR1 Datasheet HTML 3Page - ON Semiconductor MC14532BFR1 Datasheet HTML 4Page - ON Semiconductor MC14532BFR1 Datasheet HTML 5Page - ON Semiconductor MC14532BFR1 Datasheet HTML 6Page - ON Semiconductor MC14532BFR1 Datasheet HTML 7Page - ON Semiconductor MC14532BFR1 Datasheet HTML 8Page - ON Semiconductor MC14532BFR1 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MC14532B
http://onsemi.com
4
SWITCHING CHARACTERISTICS (7.) (CL = 50 pF, TA = 25_C)
Characteristic
Symbol
VDD
Min
Typ (8.)
Max
Unit
Output Rise and Fall Time
tTLH, tTHL = (1.5 ns/pF) CL + 25 ns
tTLH, tTHL = (0.75 ns/pF) CL + 12.5 ns
tTLH, tTHL = (0.55 ns/pF) CL + 9.5 ns
tTLH,
tTHL
5.0
10
15
100
50
40
200
100
80
ns
Propagation Delay Time — Ein to Eout
tPLH, tPHL = (1.7 ns/pF) CL + 120 ns
tPLH, tPHL = (0.66 ns/pF) CL + 77 ns
tPLH, tPHL = (0.5 ns/pF) CL + 55 ns
tPLH,
tPHL
5.0
10
15
205
110
80
410
220
160
ns
Propagation Delay Time — Ein to GS
tPLH, tPHL = (1.7 ns/pF) CL + 90 ns
tPLH, tPHL = (0.66 ns/pF) CL 57 ns
tPLH, tPHL = (0.5 ns/pF) CL + 40 ns
tPLH,
tPHL
5.0
10
15
175
90
65
350
180
130
ns
Propagation Delay Time — Ein to Qn
tPLH, tPHL = (1.7 ns/pF) CL + 195 ns
tPLH, tPHL = (0.66 ns/pF) CL + 107 ns
tPLH, tPHL = (0.5 ns/pF) CL + 75 ns
tPHL,
tPLH
5.0
10
15
280
140
100
560
280
200
ns
Propagation Delay Time — Dn to Qn
tPLH, tPHL = (1.7 ns/pF) CL + 265 ns
tPLH, tPHL = (0.66 ns/pF) CL + 137 ns
tPLH, tPHL = (0.5 ns/pF) CL + 85 ns
tPLH,
tPHL
5.0
10
15
300
170
110
600
340
220
ns
Propagation Delay Time — Dn to GS
tPLH, tPHL = (1.7 ns/pF) CL + 195 ns
tPLH, tPHL = (0.66 ns/pF) CL + 107 ns
tPLH, tPHL = (0.5 ns/pF) CL + 75 ns
tPLH,
tPHL
5.0
10
15
280
140
100
560
280
200
ns
7. The formulas given are for the typical characteristics only at 25
_C.
8. Data labelled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance.
Output
Under
VGS = VDD
VDS = Vout
Sink Current
VGS = – VDD
VDS = Vout – VDD
Source Current
Under
Test
D0 thru D7
Ein
D0 thru D6
D7
Ein
Eout
X
0
0
0
1
out
Q0
X
0
0
1
1
Q1
Q2
X
X
0
0
0
0
1
1
1
1
Q2
GS
X
X
0
0
0
0
1
1
1
1
GS
X
0
0
1
1
Figure 1. Typical Sink and Source
Current Characteristics
Figure 2. Typical Power Dissipation Test Circuit
SWITCH
MATRIX
EXTERNAL
POWER
SUPPLY
ID
Ein
D0
D1
D2
D3
D4
D5
D6
D7
GS
Q2
Q1
Q0
Eout
Vout
PULSE
GENERATOR
(fo)
Ein
D0
D1
D2
D3
D4
D5
D6
D7
VSS
VDD
ID
CL
CL
CL
CL
CL
GS
Q2
Q1
Q0
Eout
0.01
µF
500
µF


Số phần tương tự - MC14532BFR1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC14532B MOTOROLA-MC14532B Datasheet
230Kb / 8P
   8-BIT PRIORITY ENCODER
logo
ON Semiconductor
MC14532B ONSEMI-MC14532B Datasheet
99Kb / 7P
   MC14532B_06
April, 2006 ??Rev. 6
MC14532B ONSEMI-MC14532B Datasheet
115Kb / 7P
   8-Bit Priority Encoder
July, 2014 ??Rev. 9
logo
Motorola, Inc
MC14532BCL MOTOROLA-MC14532BCL Datasheet
230Kb / 8P
   8-BIT PRIORITY ENCODER
MC14532BCP MOTOROLA-MC14532BCP Datasheet
230Kb / 8P
   8-BIT PRIORITY ENCODER
More results

Mô tả tương tự - MC14532BFR1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC14532B MOTOROLA-MC14532B Datasheet
230Kb / 8P
   8-BIT PRIORITY ENCODER
logo
STMicroelectronics
HCC4532B STMICROELECTRONICS-HCC4532B Datasheet
312Kb / 15P
   8-BIT PRIORITY ENCODER
logo
Hitachi Semiconductor
HD14532B HITACHI-HD14532B Datasheet
77Kb / 5P
   8-bit Priority Encoder
logo
STMicroelectronics
HCF4532B STMICROELECTRONICS-HCF4532B_04 Datasheet
477Kb / 13P
   8-BIT PRIORITY ENCODER
logo
ON Semiconductor
MC14532B ONSEMI-MC14532B_14 Datasheet
115Kb / 7P
   8-Bit Priority Encoder
July, 2014 ??Rev. 9
logo
Texas Instruments
CD4532B TI-CD4532B Datasheet
539Kb / 11P
[Old version datasheet]   CMOS 8-Bit Priority Encoder
logo
Intersil Corporation
CD4532BMS INTERSIL-CD4532BMS Datasheet
88Kb / 9P
   CMOS 8-Bit Priority Encoder
December 1992
logo
ON Semiconductor
MC10H165 ONSEMI-MC10H165_06 Datasheet
158Kb / 8P
   8?묲nput Priority Encoder
March, 2006 ??Rev. 7
logo
NXP Semiconductors
74F148 PHILIPS-74F148 Datasheet
85Kb / 10P
   8-input priority encoder
1990 Mar 01
logo
ON Semiconductor
MC10H165 ONSEMI-MC10H165 Datasheet
117Kb / 5P
   8-Input Priority Encoder
REV 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com