công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC14541BCP bảng dữ liệu(PDF) 5 Page - ON Semiconductor

tên linh kiện MC14541BCP
Giải thích chi tiết về linh kiện  Programmable Timer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14541BCP bảng dữ liệu(HTML) 5 Page - ON Semiconductor

  MC14541BCP Datasheet HTML 1Page - ON Semiconductor MC14541BCP Datasheet HTML 2Page - ON Semiconductor MC14541BCP Datasheet HTML 3Page - ON Semiconductor MC14541BCP Datasheet HTML 4Page - ON Semiconductor MC14541BCP Datasheet HTML 5Page - ON Semiconductor MC14541BCP Datasheet HTML 6Page - ON Semiconductor MC14541BCP Datasheet HTML 7Page - ON Semiconductor MC14541BCP Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MC14541B
http://onsemi.com
5
TYPICAL RC OSCILLATOR CHARACTERISTICS
Figure 4. RC Oscillator Stability
Figure 5. RC Oscillator Frequency as a
Function of Rtc and Ctc
8.0
4.0
0
– 4.0
– 8.0
–12
–16
125
100
75
50
25
0
–25
–55
TA, AMBIENT TEMPERATURE (°C)
VDD = 15 V
10 V
5.0 V
RS = 0, f = 10.15 kHz @ VDD = 10 V, TA = 25°C
RS = 120 kΩ, f = 7.8 kHz @ VDD = 10 V, TA = 25°C
RTC = 56 kΩ,
C = 1000 pF
100
0.1
0.2
0.5
1.0
2.0
5.0
10
20
50
1.0 k
10 k
100 k
1.0 m
RTC, RESISTANCE (OHMS)
0.0001
0.001
0.01
0.1
C, CAPACITANCE (
µF)
VDD = 10 V
f AS A FUNCTION
OF RTC
(C = 1000 pF)
(RS ≈ 2RTC)
f AS A FUNCTION
OF C
(RTC = 56 kΩ)
(RS = 120 kΩ)
OPERATING CHARACTERISTICS
With Auto Reset pin set to a “0” the counter circuit is
initialized by turning on power. Or with power already on,
the counter circuit is reset when the Master Reset pin is set
to a “1”. Both types of reset will result in synchronously
resetting all counter stages independent of counter state.
Auto Reset pin when set to a “1” provides a low power
operation.
The RC oscillator as shown in Figure 3 will oscillate with
a frequency determined by the external RC network i.e.,
if (1 kHz
v f v 100 kHz)
2.3 RtcCtc
1
f =
and
RS ≈ 2 Rtc
where RS ≥ 10 kΩ
The time select inputs (A and B) provide a two–bit address
to output any one of four counter stages (28, 210, 213 and
216). The 2n counts as shown in the Frequency Selection
Table represents the Q output of the Nth stage of the counter.
When A is “1”, 216 is selected for both states of B. However,
when B is “0”, normal counting is interrupted and the 9th
counter stage receives its clock directly from the oscillator
(i.e., effectively outputting 28).
The Q/Q select output control pin provides for a choice of
output level. When the counter is in a reset condition and
Q/Q select pin is set to a “0” the Q output is a “0”,
correspondingly when Q/Q select pin is set to a “1” the Q
output is a “1”.
When the mode control pin is set to a “1”, the selected
count is continually transmitted to the output. But, with
mode pin “0” and after a reset condition the RS flip–flop (see
Expanded Block Diagram) resets, counting commences,
and after 2n–1 counts the RS flip–flop sets which causes the
output to change state. Hence, after another 2n–1 counts the
output will not change. Thus, a Master Reset pulse must be
applied or a change in the mode pin level is required to reset
the single cycle operation.
DIGITAL TIMER APPLICATION
Rtc
Ctc
NC
RS
AR
MR
INPUT
tMR
VDD
B
A
N.C.
OUTPUT
VDD
MODE
Q/Q
t + tMR
1
2
3
4
5
6
78
9
10
11
12
13
14
When Master Reset (MR) receives a positive pulse, the
internal counters and latch are reset. The Q output goes high
and remains high until the selected (via A and B) number of
clock pulses are counted, the Q output then goes low and
remains low until another input pulse is received.
This “one shot” is fully retriggerable and as accurate as the
input frequency. An external clock can be used (pin 3 is the
clock input, pins 1 and 2 are outputs) if additional accuracy
is needed.
Notice that a setup time equal to the desired pulse width
output is required immediately following initial power up,
during which time Q output will be high.


Số phần tương tự - MC14541BCP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC14541BCP ONSEMI-MC14541BCP Datasheet
163Kb / 10P
   Programmable Timer
October, 2006 ??Rev. 10
MC14541BCPG ONSEMI-MC14541BCPG Datasheet
163Kb / 10P
   Programmable Timer
October, 2006 ??Rev. 10
More results

Mô tả tương tự - MC14541BCP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
HEF4541B PHILIPS-HEF4541B Datasheet
144Kb / 8P
   Programmable timer
January 1995
logo
Fairchild Semiconductor
CD4541BC FAIRCHILD-CD4541BC_02 Datasheet
86Kb / 8P
   Programmable Timer
logo
SELEC Controls Pvt. Ltd
XT532 SELEC-XT532 Datasheet
135Kb / 2P
   PROGRAMMABLE TIMER
logo
Motorola, Inc
MC14536B MOTOROLA-MC14536B Datasheet
333Kb / 13P
   PROGRAMMABLE TIMER
logo
Unisonic Technologies
CD4541 UTC-CD4541_12 Datasheet
262Kb / 7P
   PROGRAMMABLE TIMER
logo
Fairchild Semiconductor
CD4541BC FAIRCHILD-CD4541BC Datasheet
77Kb / 8P
   Programmable Timer
logo
ON Semiconductor
MC14536B ONSEMI-MC14536B_06 Datasheet
150Kb / 14P
   Programmable Timer
April, 2006 ??Rev. 9
logo
System Logic Semiconduc...
SL4541B SLS-SL4541B Datasheet
47Kb / 5P
   Programmable Timer
logo
ON Semiconductor
MC14536B ONSEMI-MC14536B Datasheet
294Kb / 16P
   Programmable Timer
March, 2000 ??Rev. 5
logo
STMicroelectronics
HCC4536B STMICROELECTRONICS-HCC4536B Datasheet
351Kb / 17P
   PROGRAMMABLE TIMER
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com