công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC14532BCP bảng dữ liệu(PDF) 7 Page - ON Semiconductor |
|
MC14532BCP bảng dữ liệu(HTML) 7 Page - ON Semiconductor |
7 / 12 page MC14532B http://onsemi.com 7 Figure 4. Two MC14532B’s Cascaded for 4–Bit Output D15 D14 D13 D12 D11 D10 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 D7 D6 D5 D4 D3 D2 D1 D0 D7 D6 D5 D4 D3 D2 D1 D0 Q1 Q0 Q2 Q1 Q0 Q2 Q1 Q0 Q2 Q3 GS 3/4 MC14071B VDD Ein Eout Ein Eout Eout = “1” WITH Din = “0” Figure 5. Digital to Analog and Analog to Digital Converter DIGITAL TO ANALOG CONVERSION The digital eight–bit word to be converted is applied to the inputs of the MC14512 with the most significant bit at X7 and the least significant bit at X0. A clock input of up to 2.5 MHz (at VDD = 10 V) is applied to the MC14520B. A compromise between Ibias for the MC1710 and ∆R between N and P–channel outputs gives a value of R of 33 k ohms. In order to filter out the switching frequencies, RC should be about 1.0 ms (if R = 33 k ohms, C [ 0.03 µF). The analog 3.0 dB bandwidth would then be dc to 1.0 kHz. ANALOG TO DIGITAL CONVERSION An analog signal is applied to the analog input of the MC1710. A digital eight–bit word known to represent a dig- itized level less than the analog input is applied to the MC14512 as in the D to A conversion. The word is increm- ented at rates sufficient to allow steady state to be reached between incrementations (i.e. 3.0 ms). The output of the MC1710 will change when the digital input represents the first digitized level above the analog input. This word is the digital representation of the analog word. ANALOG OUTPUT CLOCK INPUT ANALOG INPUT VDD X7 X6 X5 X4 X3 X2 X1 X0 MC14512 A B C MC1710 R C Z VDD VSS Ein D0 D1 D2 D3 D4 D5 D6 D7 Q2 Q0 Q1 STOP WORD INCREMENTATION Q2 Q4 Q3 Q1 Q2 Q4 Q3 Q1 CE R C E R 1/2 MC14520B 1/2 MC14520B DIGITAL INPUT/OUTPUT 8–BIT WORD TO BE CONVERTED |
Số phần tương tự - MC14532BCP |
|
Mô tả tương tự - MC14532BCP |