công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC14526BDW bảng dữ liệu(PDF) 7 Page - ON Semiconductor

tên linh kiện MC14526BDW
Giải thích chi tiết về linh kiện  Presettable 4-Bit Down Counters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14526BDW bảng dữ liệu(HTML) 7 Page - ON Semiconductor

Back Button MC14526BDW Datasheet HTML 3Page - ON Semiconductor MC14526BDW Datasheet HTML 4Page - ON Semiconductor MC14526BDW Datasheet HTML 5Page - ON Semiconductor MC14526BDW Datasheet HTML 6Page - ON Semiconductor MC14526BDW Datasheet HTML 7Page - ON Semiconductor MC14526BDW Datasheet HTML 8Page - ON Semiconductor MC14526BDW Datasheet HTML 9Page - ON Semiconductor MC14526BDW Datasheet HTML 10Page - ON Semiconductor MC14526BDW Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
MC14526B
http://onsemi.com
7
PIN DESCRIPTIONS
Preset Enable (Pin 3) — If Reset is low, a high level on
the Preset Enable input asynchronously loads the counter
with the programmed values on P0, P1, P2, and P3.
Inhibit (Pin 4) — A high level on the Inhibit input pre–
vents the Clock from decrementing the counter. With Clock
(pin 6) held high, Inhibit may be used as a negative edge
clock input.
Clock (Pin 6) — The counter decrements by one for each
rising edge of Clock. See the Function Table for level
requirements on the other inputs.
Reset (Pin 10) — A high level on Reset asynchronously
forces Q0, Q1, Q2, and Q3 low and, if Cascade Feedback is
high, causes the “0” output to go high.
“0” (Pin 12) — The “0” (Zero) output issues a pulse one
clock period wide when the counter reaches terminal count
(Q0 = Q1 = Q2 = Q3 = low) if Cascade Feedback is high and
Preset Enable is low. When presetting the counter to a value
other than all zeroes, the “0” output is valid after the rising
edge of Preset Enable (when Cascade Feedback is high). See
the Function Table.
Cascade Feedback (Pin 13) — If the Cascade Feedback
input is high, a high level is generated at the “0” output when
the count is all zeroes. If Cascade Feedback is low, the “0”
output depends on the Preset Enable input level. See the
Function Table.
P0, P1, P2, P3 (Pins 5, 11, 14, 2) — These are the preset
data inputs. P0 is the LSB.
Q0, Q1, Q2, Q3 (Pins 7, 9, 15, 1) — These are the
synchronous counter outputs. Q0 is the LSB.
VSS (Pin 8) — The most negative power supply potential.
This pin is usually ground.
VDD (Pin 16) — The most positive power supply
potential. VDD may range from 3 to 18 V with respect to VSS.
STATE DIAGRAM
MC14526B
4
3
2
1
0
15
14
13
12
11
10
9
8
7
6
5


Số phần tương tự - MC14526BDW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC14526BDW MOTOROLA-MC14526BDW Datasheet
286Kb / 10P
   Presettable 4-Bit Down Counters
logo
ON Semiconductor
MC14526BDWG ONSEMI-MC14526BDWG Datasheet
156Kb / 10P
   Presettable 4-Bit Down Counters
May, 2013 ??Rev. 7
MC14526BDWG ONSEMI-MC14526BDWG Datasheet
125Kb / 9P
   Presettable 4-Bit Down Counters
July, 2014 ??Rev. 8
MC14526BDWR2G ONSEMI-MC14526BDWR2G Datasheet
156Kb / 10P
   Presettable 4-Bit Down Counters
May, 2013 ??Rev. 7
MC14526BDWR2G ONSEMI-MC14526BDWR2G Datasheet
125Kb / 9P
   Presettable 4-Bit Down Counters
July, 2014 ??Rev. 8
More results

Mô tả tương tự - MC14526BDW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC14526BDWR2G ONSEMI-MC14526BDWR2G Datasheet
156Kb / 10P
   Presettable 4-Bit Down Counters
May, 2013 ??Rev. 7
MC14526B ONSEMI-MC14526B_14 Datasheet
125Kb / 9P
   Presettable 4-Bit Down Counters
July, 2014 ??Rev. 8
logo
Motorola, Inc
MC14522B MOTOROLA-MC14522B Datasheet
286Kb / 10P
   Presettable 4-Bit Down Counters
SN54LS190 MOTOROLA-SN54LS190 Datasheet
310Kb / 10P
   PRESETTABLE BCD/DECADE UP/DOWN COUNTERS PRESETTABLE 4-BIT BINARY UP/DOWN COUNTERS
logo
ON Semiconductor
MC14526B ONSEMI-MC14526B_06 Datasheet
121Kb / 10P
   Presettable 4?묪it Down Counters
April, 2006 ??Rev. 5
logo
Intersil Corporation
CD54AC191 INTERSIL-CD54AC191 Datasheet
11Kb / 1P
   Presettable Synchronous 4-Bit Binary Up/Down Counters
June 1997
logo
Motorola, Inc
MC14163B MOTOROLA-MC14163B Datasheet
704Kb / 15P
   SYNCHRONUS PRESETTABLE 4-BIT COUNTERS
logo
Micro Electronics
MMC40192 MICRO-ELECTRONICS-MMC40192 Datasheet
181Kb / 5P
   PRESETTABLE UP / DOWN COUNTERS
logo
STMicroelectronics
HCF4510B STMICROELECTRONICS-HCF4510B Datasheet
136Kb / 12P
   PRESETTABLE UP/DOWN COUNTERS
logo
List of Unclassifed Man...
MMC4510 ETC1-MMC4510 Datasheet
224Kb / 6P
   PRESETTABLE UP / DOWN COUNTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com