công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC14512 bảng dữ liệu(PDF) 1 Page - ON Semiconductor

tên linh kiện MC14512
Giải thích chi tiết về linh kiện  8-Channel Data Selector
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14512 bảng dữ liệu(HTML) 1 Page - ON Semiconductor

  MC14512 Datasheet HTML 1Page - ON Semiconductor MC14512 Datasheet HTML 2Page - ON Semiconductor MC14512 Datasheet HTML 3Page - ON Semiconductor MC14512 Datasheet HTML 4Page - ON Semiconductor MC14512 Datasheet HTML 5Page - ON Semiconductor MC14512 Datasheet HTML 6Page - ON Semiconductor MC14512 Datasheet HTML 7Page - ON Semiconductor MC14512 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2000
March, 2000 – Rev. 3
1
Publication Order Number:
MC14512B/D
MC14512B
8-Channel Data Selector
The MC14512B is an 8–channel data selector constructed with
MOS P–channel and N–channel enhancement mode devices in a
single monolithic structure. This data selector finds primary
application in signal multiplexing functions. It may also be used for
data routing, digital signal switching, signal gating, and number
sequence generation.
Diode Protection on All Inputs
Single Supply Operation
3–State Output (Logic “1”, Logic “0”, High Impedance)
Supply Voltage Range = 3.0 Vdc to 18 Vdc
Capable of Driving Two Low–power TTL Loads or One Low–power
Schottky TTL Load Over the Rated Temperature Range
MAXIMUM RATINGS (Voltages Referenced to VSS) (Note 2.)
Symbol
Parameter
Value
Unit
VDD
DC Supply Voltage Range
– 0.5 to +18.0
V
Vin, Vout
Input or Output Voltage Range
(DC or Transient)
– 0.5 to VDD + 0.5
V
Iin, Iout
Input or Output Current
(DC or Transient) per Pin
±10
mA
PD
Power Dissipation,
per Package (Note NO TAG)
500
mW
TA
Ambient Temperature Range
– 55 to +125
°C
Tstg
Storage Temperature Range
– 65 to +150
°C
TL
Lead Temperature
(8–Second Soldering)
260
°C
2. Maximum Ratings are those values beyond which damage to the device
may occur.
3. Temperature Derating:
Plastic “P and D/DW” Packages: – 7.0 mW/
_C From 65_C To 125_C
This device contains protection circuitry to guard against damage due to high
static voltages or electric fields. However, precautions must be taken to avoid
applications of any voltage higher than maximum rated voltages to this
high–impedance circuit. For proper operation, Vin and Vout should be constrained
to the range VSS v (Vin or Vout) v VDD.
Unused inputs must always be tied to an appropriate logic voltage level (e.g.,
either VSS or VDD). Unused outputs must be left open.
http://onsemi.com
A
= Assembly Location
WL or L
= Wafer Lot
YY or Y
= Year
WW or W = Work Week
Device
Package
Shipping
ORDERING INFORMATION
MC14512BCP
PDIP–16
2000/Box
MC14512BD
SOIC–16
48/Rail
MC14512BDR2
SOIC–16
2500/Tape & Reel
1. For ordering information on the EIAJ version of
the SOIC packages, please contact your local
ON Semiconductor representative.
MARKING
DIAGRAMS
1
16
PDIP–16
P SUFFIX
CASE 648
MC14512BCP
AWLYYWW
SOIC–16
D SUFFIX
CASE 751B
1
16
14512B
AWLYWW
SOEIAJ–16
F SUFFIX
CASE 966
1
16
MC14512B
AWLYWW
MC14512BF
SOEIAJ–16
See Note 1.
MC14512BFL1
SOEIAJ–16
See Note 1.


Số phần tương tự - MC14512

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC14512B ONSEMI-MC14512B Datasheet
93Kb / 7P
   8?묬hannel Data Selector
November, 2006 ??Rev. 7
MC14512B ONSEMI-MC14512B Datasheet
110Kb / 6P
   8-Channel Data Selector
July, 2014 ??Rev. 10
MC14512BCP ONSEMI-MC14512BCP Datasheet
93Kb / 7P
   8?묬hannel Data Selector
November, 2006 ??Rev. 7
MC14512BCPG ONSEMI-MC14512BCPG Datasheet
93Kb / 7P
   8?묬hannel Data Selector
November, 2006 ??Rev. 7
MC14512BD ONSEMI-MC14512BD Datasheet
93Kb / 7P
   8?묬hannel Data Selector
November, 2006 ??Rev. 7
More results

Mô tả tương tự - MC14512

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Toshiba Semiconductor
TC4512BP TOSHIBA-TC4512BP Datasheet
261Kb / 7P
   8-CHANNEL DATA SELECTOR
logo
Hitachi Semiconductor
HD14512B HITACHI-HD14512B Datasheet
81Kb / 7P
   8-channel Data Selector
logo
ON Semiconductor
MC14512B ONSEMI-MC14512B_14 Datasheet
110Kb / 6P
   8-Channel Data Selector
July, 2014 ??Rev. 10
logo
List of Unclassifed Man...
MMC4512 ETC-MMC4512 Datasheet
116Kb / 4P
   8-CHANNEL DATA SELECTOR
logo
Toshiba Semiconductor
TC4512BP TOSHIBA-TC4512BP_07 Datasheet
353Kb / 9P
   8-Channel Data Selector
logo
STMicroelectronics
HCF4512B STMICROELECTRONICS-HCF4512B_02 Datasheet
278Kb / 9P
   8 CHANNEL DATA SELECTOR
HCC4512B STMICROELECTRONICS-HCC4512B Datasheet
278Kb / 12P
   8-CHANNEL DATA SELECTOR
logo
Fairchild Semiconductor
CD4512BC FAIRCHILD-CD4512BC Datasheet
78Kb / 8P
   8-Channel Buffered Data Selector
logo
Texas Instruments
CD4512B TI1-CD4512B Datasheet
1Mb / 16P
[Old version datasheet]   CMOS 8-Channel Data Selector
CD4512B TI1-CD4512B_15 Datasheet
1Mb / 15P
[Old version datasheet]   CMOS 8-Channel Data Selector
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com