công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC14516B bảng dữ liệu(PDF) 1 Page - ON Semiconductor

tên linh kiện MC14516B
Giải thích chi tiết về linh kiện  Binary Up/Down Counter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14516B bảng dữ liệu(HTML) 1 Page - ON Semiconductor

  MC14516B Datasheet HTML 1Page - ON Semiconductor MC14516B Datasheet HTML 2Page - ON Semiconductor MC14516B Datasheet HTML 3Page - ON Semiconductor MC14516B Datasheet HTML 4Page - ON Semiconductor MC14516B Datasheet HTML 5Page - ON Semiconductor MC14516B Datasheet HTML 6Page - ON Semiconductor MC14516B Datasheet HTML 7Page - ON Semiconductor MC14516B Datasheet HTML 8Page - ON Semiconductor MC14516B Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Semiconductor Components Industries, LLC, 2000
August, 2000 – Rev. 4
1
Publication Order Number:
MC14516B/D
MC14516B
Binary Up/Down Counter
The MC14516B synchronous up/down binary counter is
constructed with MOS P–channel and N–channel enhancement mode
devices in a monolithic structure.
This counter can be preset by applying the desired value, in binary,
to the Preset inputs (P0, P1, P2, P3) and then bringing the Preset
Enable (PE) high. The direction of counting is controlled by applying
a high (for up counting) or a low (for down counting) to the
UP/DOWN input. The state of the counter changes on the positive
transition of the clock input.
Cascading can be accomplished by connecting the Carry Out to the
Carry In of the next stage while clocking each counter in parallel. The
outputs (Q0, Q1, Q2, Q3) can be reset to a low state by applying a high
to the reset (R) pin.
This CMOS counter finds primary use in up/down and difference
counting. Other applications include: (1) Frequency synthesizer
applications where low power dissipation and/or high noise immunity
is desired, (2) Analog–to–digital and digital–to–analog conversions,
and (3) Magnitude and sign generation.
Diode Protection on All Inputs
Supply Voltage Range = 3.0 Vdc to 18 Vdc
Internally Synchronous for High Speed
Logic Edge–Clocked Design — Count Occurs on Positive Going
Edge of Clock
Single Pin Reset
Asynchronous Preset Enable Operation
Capable of Driving Two Low–Power TTL Loads or One Low–Power
Schottky Load Over the Rated Temperature Range
MAXIMUM RATINGS (Voltages Referenced to VSS) (Note 2.)
Symbol
Parameter
Value
Unit
VDD
DC Supply Voltage Range
–0.5 to +18.0
V
Vin, Vout
Input or Output Voltage Range
(DC or Transient)
–0.5 to VDD + 0.5
V
Iin, Iout
Input or Output Current
(DC or Transient) per Pin
±10
mA
PD
Power Dissipation,
per Package (Note 3.)
500
mW
TA
Ambient Temperature Range
–55 to +125
°C
Tstg
Storage Temperature Range
–65 to +150
°C
TL
Lead Temperature
(8–Second Soldering)
260
°C
2. Maximum Ratings are those values beyond which damage to the device
may occur.
3. Temperature Derating:
Plastic “P and D/DW” Packages: – 7.0 mW/
_C From 65_C To 125_C
http://onsemi.com
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W
= Work Week
Device
Package
Shipping
ORDERING INFORMATION
MC14516BCP
PDIP–16
2000/Box
MC14516BD
SOIC–16
48/Rail
MC14516BDR2
SOIC–16
2500/Tape & Reel
1. For ordering information on the EIAJ version of
the SOIC packages, please contact your local
ON Semiconductor representative.
MARKING
DIAGRAMS
1
16
PDIP–16
P SUFFIX
CASE 648
MC14516BCP
AWLYYWW
SOIC–16
D SUFFIX
CASE 751B
1
16
14516B
AWLYWW
SOEIAJ–16
F SUFFIX
CASE 966
1
16
MC14516B
ALYW
MC14516BF
SOEIAJ–16
See Note 1.
MC14516BFEL
SOEIAJ–16
See Note 1.
This device contains protection circuitry to guard
against damage due to high static voltages or electric
fields. However, precautions must be taken to avoid ap-
plications of any voltage higher than maximum rated
voltages to this high–impedance circuit. For proper
operation, Vin and Vout should be constrained to the
range VSS v (Vin or Vout) v VDD.
Unused inputs must always be tied to an appropriate
logic voltage level (e.g., either VSS or VDD). Unused out-
puts must be left open.


Số phần tương tự - MC14516B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC14516B ONSEMI-MC14516B Datasheet
123Kb / 11P
   Binary Up/Down Counter
June, 2006 ??Rev. 7
MC14516B ONSEMI-MC14516B Datasheet
102Kb / 10P
   Binary Up/Down Counter
March, 2014 ??Rev. 10
MC14516BCP ONSEMI-MC14516BCP Datasheet
123Kb / 11P
   Binary Up/Down Counter
June, 2006 ??Rev. 7
MC14516BCPG ONSEMI-MC14516BCPG Datasheet
123Kb / 11P
   Binary Up/Down Counter
June, 2006 ??Rev. 7
MC14516BD ONSEMI-MC14516BD Datasheet
123Kb / 11P
   Binary Up/Down Counter
June, 2006 ??Rev. 7
More results

Mô tả tương tự - MC14516B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
HEF4516B PHILIPS-HEF4516B Datasheet
129Kb / 10P
   Binary up/down counter
January 1995
logo
Hitachi Semiconductor
HD14516B HITACHI-HD14516B Datasheet
100Kb / 8P
   Binary Up/Down Counter
logo
ON Semiconductor
MC14516B ONSEMI-MC14516B_06 Datasheet
123Kb / 11P
   Binary Up/Down Counter
June, 2006 ??Rev. 7
logo
NXP Semiconductors
HEF4516B NXP-HEF4516B_09 Datasheet
158Kb / 16P
   Binary up/down counter
Rev. 06-11 December 2009
logo
ON Semiconductor
MC14516B ONSEMI-MC14516B_14 Datasheet
102Kb / 10P
   Binary Up/Down Counter
March, 2014 ??Rev. 10
logo
NXP Semiconductors
74HC4516 PHILIPS-74HC4516 Datasheet
100Kb / 14P
   Binary up/down counter
December 1990
logo
Toshiba Semiconductor
TC74HC193AP TOSHIBA-TC74HC193AP_07 Datasheet
475Kb / 12P
   Synchronous Up/Down Binary Counter
logo
ON Semiconductor
MC14029B ONSEMI-MC14029B_05 Datasheet
124Kb / 8P
   Binary/Decade Up/Down Counter
August, 2005 ??Rev. 6
logo
Motorola, Inc
MC14029B MOTOROLA-MC14029B Datasheet
279Kb / 8P
   Binary/Decade Up/Down Counter
logo
ON Semiconductor
MC14029B ONSEMI-MC14029B_15 Datasheet
93Kb / 8P
   Binary/Decade Up/Down Counter
March, 2015 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com