công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC14490P bảng dữ liệu(PDF) 4 Page - ON Semiconductor

tên linh kiện MC14490P
Giải thích chi tiết về linh kiện  Hex Contact Bounce Eliminator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14490P bảng dữ liệu(HTML) 4 Page - ON Semiconductor

  MC14490P Datasheet HTML 1Page - ON Semiconductor MC14490P Datasheet HTML 2Page - ON Semiconductor MC14490P Datasheet HTML 3Page - ON Semiconductor MC14490P Datasheet HTML 4Page - ON Semiconductor MC14490P Datasheet HTML 5Page - ON Semiconductor MC14490P Datasheet HTML 6Page - ON Semiconductor MC14490P Datasheet HTML 7Page - ON Semiconductor MC14490P Datasheet HTML 8Page - ON Semiconductor MC14490P Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MC14490
http://onsemi.com
4
SWITCHING CHARACTERISTICS (5.) (CL = 50 pF, TA = 25_C)
Characteristic
Symbol
VDD
Vdc
Min
Typ (6.)
Max
Unit
Output Rise Time
All Outputs
tTLH
5.0
10
15
180
90
65
360
180
130
ns
Output Fall Time
Oscillator Output
tTHL
5.0
10
15
100
50
40
200
100
80
ns
Debounce Outputs
tTHL
5.0
10
15
60
30
20
120
60
40
Propagation Delay Time
Oscillator Input to Debounce Outputs
tPHL
5.0
10
15
285
120
95
570
240
190
ns
tPLH
5.0
10
15
370
160
120
740
320
240
Clock Frequency (50% Duly Cycle)
(External Clock)
fcl
5.0
10
15
2.8
6
9
1.4
3.0
4.5
MHz
Setup Time (See Figure 1)
tsu
5.0
10
15
100
80
60
50
40
30
ns
Maximum External Clock Input
Rise and Fall Time
Oscillator Input
tr, tf
5.0
10
15
No Limit
ns
Oscillator Frequency
OSCout
Cext ≥ 100 pF*
Note: These equations are intended to be a design guide.
Laboratory experimentation may be required. Formulas
are typically
± 15% of actual frequencies.
fosc, typ
5.0
10
15
1.5
Cext (in mF)
4.5
Cext (in mF)
6.5
Cext (in mF)
Hz
5. The formulas given are for the typical characteristics only at 25
_C.
6. Data labelled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance.
*POWER–DOWN CONSIDERATIONS
Large values of Cext may cause problems when powering down the MC14490 because of the amount of energy stored in the
capacitor. When a system containing this device is powered down, the capacitor may discharge through the input protection
diodes at Pin 7 or the parasitic diodes at Pin 9. Current through these internal diodes must be limited to 10 mA, therefore the
turn–off time of the power supply must not be faster than t = (VDD – VSS)
 Cext/(10 mA). For example, If VDD – VSS = 15
V and Cext = 1 µF, the power supply must turn off no faster than t = (15 V)
 (1 µF)/10 mA = 1.5 ms. This is usually not a problem
because power supplies are heavily filtered and cannot discharge at this rate.
When a more rapid decrease of the power supply to zero volts occurs, the MC14490 may sustain damage. To avoid this
possibility, use external clamping diodes, D1 and D2, connected as shown in Figure 2.
Figure 1. Switching Waveforms
Figure 2. Discharge Protection During Power Down
OSCin
Aout
Aout
OSCin
Ain
VDD
0 V
VDD
0 V
VDD
0 V
50%
90%
50%
10%
tr
tf
tPHL
90%
10%
50%
50%
tsu
50%
D1
D2
Cext
9
7
OSCin
OSCout
MC14490
tPLH
VDD
VDD


Số phần tương tự - MC14490P

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC14490P ONSEMI-MC14490P Datasheet
126Kb / 11P
   Hex Contact Bounce Eliminator
June, 2006 ??Rev. 7
MC14490PG ONSEMI-MC14490PG Datasheet
126Kb / 11P
   Hex Contact Bounce Eliminator
June, 2006 ??Rev. 7
MC14490PG ONSEMI-MC14490PG Datasheet
166Kb / 11P
   Hex Contact Bounce Eliminator
May, 2013 ??Rev. 10
More results

Mô tả tương tự - MC14490P

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC14490 ONSEMI-MC14490_06 Datasheet
126Kb / 11P
   Hex Contact Bounce Eliminator
June, 2006 ??Rev. 7
MC14490 ONSEMI-MC14490_13 Datasheet
166Kb / 11P
   Hex Contact Bounce Eliminator
May, 2013 ??Rev. 10
logo
American Electronic Com...
BB2-2001 AEC-BB2-2001 Datasheet
281Kb / 2P
   contact bounce release
BB3-2002 AEC-BB3-2002 Datasheet
288Kb / 2P
   contact bounce release
BB-7001 AEC-BB-7001 Datasheet
286Kb / 2P
   contact bounce release
logo
PHOENIX CONTACT
PLC-OPT-230AC PHOENIX-PLC-OPT-230AC Datasheet
76Kb / 5P
   Wear-free switching with no contact bounce
logo
International Rectifier
PVA30NPBF IRF-PVA30NPBF_15 Datasheet
1,001Kb / 6P
   Bounce-Free Operation
PVT322APBF IRF-PVT322APBF_15 Datasheet
437Kb / 6P
   Bounce-free operation
PVT412PBF IRF-PVT412PBF_15 Datasheet
266Kb / 6P
   Bounce-free operation
PVA33NPBF IRF-PVA33NPBF_15 Datasheet
217Kb / 7P
   Bounce-Free Operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com