công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC14504BD bảng dữ liệu(PDF) 7 Page - ON Semiconductor

tên linh kiện MC14504BD
Giải thích chi tiết về linh kiện  Hex Level Shifter for TTL to CMOS or COMS to CMOS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14504BD bảng dữ liệu(HTML) 7 Page - ON Semiconductor

  MC14504BD Datasheet HTML 1Page - ON Semiconductor MC14504BD Datasheet HTML 2Page - ON Semiconductor MC14504BD Datasheet HTML 3Page - ON Semiconductor MC14504BD Datasheet HTML 4Page - ON Semiconductor MC14504BD Datasheet HTML 5Page - ON Semiconductor MC14504BD Datasheet HTML 6Page - ON Semiconductor MC14504BD Datasheet HTML 7Page - ON Semiconductor MC14504BD Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
MC14504B
http://onsemi.com
7
PACKAGE DIMENSIONS
TSSOP–16
DT SUFFIX
PLASTIC TSSOP PACKAGE
CASE 948F–01
ISSUE O
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
4.90
5.10
0.193
0.200
B
4.30
4.50
0.169
0.177
C
–––
1.20
–––
0.047
D
0.05
0.15
0.002
0.006
F
0.50
0.75
0.020
0.030
G
0.65 BSC
0.026 BSC
H
0.18
0.28
0.007
0.011
J
0.09
0.20
0.004
0.008
J1
0.09
0.16
0.004
0.006
K
0.19
0.30
0.007
0.012
K1
0.19
0.25
0.007
0.010
L
6.40 BSC
0.252 BSC
M
0
8
0
8
NOTES:
1.
DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2.
CONTROLLING DIMENSION: MILLIMETER.
3.
DIMENSION A DOES NOT INCLUDE MOLD
FLASH. PROTRUSIONS OR GATE BURRS. MOLD
FLASH OR GATE BURRS SHALL NOT EXCEED 0.15
(0.006) PER SIDE.
4.
DIMENSION B DOES NOT INCLUDE INTERLEAD
FLASH OR PROTRUSION. INTERLEAD FLASH OR
PROTRUSION SHALL NOT EXCEED
0.25 (0.010) PER SIDE.
5.
DIMENSION K DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR
PROTRUSION SHALL BE 0.08 (0.003) TOTAL IN
EXCESS OF THE K DIMENSION AT MAXIMUM
MATERIAL CONDITION.
6.
TERMINAL NUMBERS ARE SHOWN FOR
REFERENCE ONLY.
7.
DIMENSION A AND B ARE TO BE DETERMINED
AT DATUM PLANE –W–.
___
_
SECTION N–N
SEATING
PLANE
IDENT.
PIN 1
1
8
16
9
DETAIL E
J
J1
B
C
D
A
K
K1
H
G
DETAIL E
F
M
L
2X
L/2
–U–
S
U
0.15 (0.006) T
S
U
0.15 (0.006) T
S
U
M
0.10 (0.004)
V S
T
0.10 (0.004)
–T–
–V–
–W–
0.25 (0.010)
16X
REF
K
N
N


Số phần tương tự - MC14504BD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC14504BD ONSEMI-MC14504BD Datasheet
106Kb / 8P
   Hex Level Shifter for TTL to CMOS or CMOS to CMOS
August, 2005 ??Rev. 6
MC14504BDG ONSEMI-MC14504BDG Datasheet
106Kb / 8P
   Hex Level Shifter for TTL to CMOS or CMOS to CMOS
August, 2005 ??Rev. 6
MC14504BDG ONSEMI-MC14504BDG Datasheet
141Kb / 7P
   Hex Level Shifter for TTL to CMOS or CMOS to CMOS
June, 2011 ??Rev. 7
MC14504BDG ONSEMI-MC14504BDG Datasheet
121Kb / 7P
   Hex Level Shifter for TTL to CMOS
July, 2014 ??Rev. 9
MC14504BDR2 ONSEMI-MC14504BDR2 Datasheet
106Kb / 8P
   Hex Level Shifter for TTL to CMOS or CMOS to CMOS
August, 2005 ??Rev. 6
More results

Mô tả tương tự - MC14504BD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC14504B ONSEMI-MC14504B_05 Datasheet
106Kb / 8P
   Hex Level Shifter for TTL to CMOS or CMOS to CMOS
August, 2005 ??Rev. 6
logo
Motorola, Inc
MC14504B MOTOROLA-MC14504B Datasheet
100Kb / 5P
   Hex Level Shifter for TTL to CMOS or CMOS to CMOS
REV 3
logo
ON Semiconductor
MC14504B ONSEMI-MC14504B_11 Datasheet
141Kb / 7P
   Hex Level Shifter for TTL to CMOS or CMOS to CMOS
June, 2011 ??Rev. 7
logo
Texas Instruments
CD4504B-EP TI-CD4504B-EP Datasheet
589Kb / 13P
[Old version datasheet]   CMOS HEX VOLTAGE-LEVEL SHIFTER FOR TTL-TO-CMOS or CMOS-TO-CMOS OPERATION
logo
Intersil Corporation
CD4504BT INTERSIL-CD4504BT Datasheet
33Kb / 3P
   CMOS Hex Voltage Level Shifter for TTL-to-CMOS or CMOS-to-CMOS Operation
July 1999
logo
Texas Instruments
CD4504B TI1-CD4504B_12 Datasheet
891Kb / 16P
[Old version datasheet]   CMOS Hex Voltage Level Shifter for TTL-to-CMOS or CMOS-to-CMOS Operation
logo
Intersil Corporation
CD4504BMS INTERSIL-CD4504BMS Datasheet
60Kb / 8P
   CMOS Hex Voltage Level Shifter for TTL-to-CMOS or CMOS-to-CMOS Operation
December 1992
logo
Texas Instruments
CD4504B TI-CD4504B Datasheet
219Kb / 5P
[Old version datasheet]   CMOS HEX VOLTAGE-LEVEL SHIFTER FOR TTL-TO-CMOS OR CMOS-TO-CMOS OPERATION
CD4504BPWR TI-CD4504BPWR Datasheet
219Kb / 5P
[Old version datasheet]   CMOS HEX VOLTAGE LEVEL SHIFTER FOR TTL TO CMOS OR CMOS TO CMOS OPERATION
logo
ON Semiconductor
MC14504B ONSEMI-MC14504B_14 Datasheet
121Kb / 7P
   Hex Level Shifter for TTL to CMOS
July, 2014 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com