công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC14490F bảng dữ liệu(PDF) 1 Page - ON Semiconductor

tên linh kiện MC14490F
Giải thích chi tiết về linh kiện  Hex Contact Bounce Eliminator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14490F bảng dữ liệu(HTML) 1 Page - ON Semiconductor

  MC14490F Datasheet HTML 1Page - ON Semiconductor MC14490F Datasheet HTML 2Page - ON Semiconductor MC14490F Datasheet HTML 3Page - ON Semiconductor MC14490F Datasheet HTML 4Page - ON Semiconductor MC14490F Datasheet HTML 5Page - ON Semiconductor MC14490F Datasheet HTML 6Page - ON Semiconductor MC14490F Datasheet HTML 7Page - ON Semiconductor MC14490F Datasheet HTML 8Page - ON Semiconductor MC14490F Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Semiconductor Components Industries, LLC, 2000
May, 2000 – Rev. 4
1
Publication Order Number:
MC14490/D
MC14490
Hex Contact Bounce
Eliminator
The MC14490 is constructed with complementary MOS
enhancement mode devices, and is used for the elimination of
extraneous level changes that result when interfacing with mechanical
contacts. The digital contact bounce eliminator circuit takes an input
signal from a bouncing contact and generates a clean digital signal
four clock periods after the input has stabilized. The bounce eliminator
circuit will remove bounce on both the “make” and the “break” of a
contact closure. The clock for operation of the MC14490 is derived
from an internal R–C oscillator which requires only an external
capacitor to adjust for the desired operating frequency (bounce delay).
The clock may also be driven from an external clock source or the
oscillator of another MC14490 (see Figure 5).
NOTE: Immediately after power–up, the outputs of the MC14490
are in indeterminate states.
Diode Protection on All Inputs
Six Debouncers Per Package
Internal Pullups on All Data Inputs
Can Be Used as a Digital Integrator, System Synchronizer, or Delay
Line
Internal Oscillator (R–C), or External Clock Source
TTL Compatible Data Inputs/Outputs
Single Line Input, Debounces Both “Make” and “Break” Contacts
Does Not Require “Form C” (Single Pole Double Throw) Input
Signal
Cascadable for Longer Time Delays
Schmitt Trigger on Clock Input (Pin 7)
Supply Voltage Range = 3.0 V to 18 V
Chip Complexity: 546 FETs or 136.5 Equivalent Gates
MAXIMUM RATINGS (Voltages Referenced to VSS) (Note 2.)
Symbol
Parameter
Value
Unit
VDD
DC Supply Voltage Range
– 0.5 to +18.0
V
Vin, Vout
Input or Output Voltage Range
(DC or Transient)
– 0.5 to VDD + 0.5
V
Iin
Input Current
(DC or Transient) per Pin
±10
mA
PD
Power Dissipation,
per Package (Note 3.)
500
mW
TA
Ambient Temperature Range
– 55 to +125
°C
Tstg
Storage Temperature Range
– 65 to +150
°C
TL
Lead Temperature
(8–Second Soldering)
260
°C
2. Maximum Ratings are those values beyond which damage to the device
may occur.
3. Temperature Derating:
Plastic “P and D/DW” Packages: – 7.0 mW/
_C From 65_C To 125_C
http://onsemi.com
A
= Assembly Location
WL or L
= Wafer Lot
YY or Y
= Year
WW or W = Work Week
Device
Package
Shipping
ORDERING INFORMATION
MC14490DW
SOIC–16
47/Rail
MC14490DWR2
SOIC–16
1000/Tape & Reel
MC14490F
SOEIAJ–16
See Note 1.
1. For ordering information on the EIAJ version of
the SOIC packages, please contact your local
ON Semiconductor representative.
MARKING
DIAGRAMS
1
16
PDIP–16
P SUFFIX
CASE 648
MC14490P
AWLYYWW
MC14490FEL
SOEIAJ–16
See Note 1.
MC14490P
PDIP–16
25/Rail
SOIC–16
DW SUFFIX
CASE 751G
1
16
14490
AWLYYWW
This device contains protection circuitry to guard
against damage due to high static voltages or electric
fields. However, precautions must be taken to avoid ap-
plications of any voltage higher than maximum rated
voltages to this high–impedance circuit. For proper
operation, Vin and Vout should be constrained to the
range VSS v (Vin or Vout) v VDD.
Unused inputs must always be tied to an appropriate
logic voltage level (e.g., either VSS or VDD). Unused out-
puts must be left open.
SOEIAJ–16
F SUFFIX
CASE 966
1
16
MC14490
AWLYWW


Số phần tương tự - MC14490F

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC14490F ONSEMI-MC14490F Datasheet
126Kb / 11P
   Hex Contact Bounce Eliminator
June, 2006 ??Rev. 7
MC14490FEL ONSEMI-MC14490FEL Datasheet
126Kb / 11P
   Hex Contact Bounce Eliminator
June, 2006 ??Rev. 7
MC14490FELG ONSEMI-MC14490FELG Datasheet
126Kb / 11P
   Hex Contact Bounce Eliminator
June, 2006 ??Rev. 7
MC14490FELG ONSEMI-MC14490FELG Datasheet
166Kb / 11P
   Hex Contact Bounce Eliminator
May, 2013 ??Rev. 10
MC14490FG ONSEMI-MC14490FG Datasheet
126Kb / 11P
   Hex Contact Bounce Eliminator
June, 2006 ??Rev. 7
More results

Mô tả tương tự - MC14490F

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC14490 ONSEMI-MC14490_06 Datasheet
126Kb / 11P
   Hex Contact Bounce Eliminator
June, 2006 ??Rev. 7
MC14490 ONSEMI-MC14490_13 Datasheet
166Kb / 11P
   Hex Contact Bounce Eliminator
May, 2013 ??Rev. 10
logo
American Electronic Com...
BB2-2001 AEC-BB2-2001 Datasheet
281Kb / 2P
   contact bounce release
BB3-2002 AEC-BB3-2002 Datasheet
288Kb / 2P
   contact bounce release
BB-7001 AEC-BB-7001 Datasheet
286Kb / 2P
   contact bounce release
logo
PHOENIX CONTACT
PLC-OPT-230AC PHOENIX-PLC-OPT-230AC Datasheet
76Kb / 5P
   Wear-free switching with no contact bounce
logo
International Rectifier
PVA30NPBF IRF-PVA30NPBF_15 Datasheet
1,001Kb / 6P
   Bounce-Free Operation
PVT322APBF IRF-PVT322APBF_15 Datasheet
437Kb / 6P
   Bounce-free operation
PVT412PBF IRF-PVT412PBF_15 Datasheet
266Kb / 6P
   Bounce-free operation
PVA33NPBF IRF-PVA33NPBF_15 Datasheet
217Kb / 7P
   Bounce-Free Operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com