công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RBC94-2U bảng dữ liệu(PDF) 1 Page - Tripp Lite. All Rights Reserved

tên linh kiện RBC94-2U
Giải thích chi tiết về linh kiện  2U UPS Replacement 48VDC Battery Cartridge (1 set of 4) for select Tripp Lite SmartPro UPS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TRIPPLITE [Tripp Lite. All Rights Reserved]
Trang chủ  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

RBC94-2U bảng dữ liệu(HTML) 1 Page - Tripp Lite. All Rights Reserved

  RBC94-2U Datasheet HTML 1Page - Tripp Lite. All Rights Reserved RBC94-2U Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications
2U UPS Replacement 48VDC Battery Cartridge (1
set of 4) for select Tripp Lite SmartPro UPS
MODEL NUMBER: RBC94-2U
Description
Tripp Lite's premium UPS replacement battery cartridges breathe new life into UPS systems suffering
from expired or weak internal batteries. Each replacement battery cartridge is carefully screened and
certified to meet or exceed original specifications and ships ready for installation into your UPS system.
Reusable packaging holds expired batteries for recycling center delivery. See Tripp Lite's UPS
replacement battery web page to confirm compatibility and quantity required.
COMPATIBLE WITH TRIPP LITE MODELS SMART1500RMXL2U, SMART2200RMXL2U,
SMART3000RM2U, SU1500RTXL2Ua, SU2200RTXL2Ua and other UPS systems referencing this RBC.
Features
Restores UPS runtime performance to original specifications
q
Comes pre-assembled and ready for installation
q
Reusable packaging holds expired batteries for recycling center delivery
q
Highlights
Tripp Lite certified premium
battery cartridge
q
Pre-assembled and wired
battery kit offers simple
installation
q
Rugged leakproof construction
q
Maintenance free
q
Wide operating temperature
range
q
Package Includes
One pre-assembled battery
pack consisting of four 12V
batteries
q
OVERVIEW
UPC Code
037332122308
BATTERY
DC System Voltage (VDC)
48
Included Battery Set
4 pre-assembled 12V batteries
Typical Battery Lifespan
3 to 5 years, depending on UPS operating conditions
1 / 2


Số phần tương tự - RBC94-2U

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Tripp Lite. All Rights ...
RBC94-3U TRIPPLITE-RBC94-3U Datasheet
161Kb / 2P
   3U UPS Replacement 48VDC Battery Cartridge for select Tripp Lite SmartPro UPS
More results

Mô tả tương tự - RBC94-2U

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Tripp Lite. All Rights ...
RBC49-DV TRIPPLITE-RBC49-DV Datasheet
158Kb / 2P
   2U UPS Replacement 48VDC Battery Cartridge for select Tripp Lite SmartPro UPS
RBC94-3U TRIPPLITE-RBC94-3U Datasheet
161Kb / 2P
   3U UPS Replacement 48VDC Battery Cartridge for select Tripp Lite SmartPro UPS
RBC93-2U TRIPPLITE-RBC93-2U Datasheet
169Kb / 2P
   2U UPS Replacement 36VDC Battery Cartridge (1 set of 3) for select Tripp Lite SmartPro UPS
RBC92-2U TRIPPLITE-RBC92-2U Datasheet
156Kb / 2P
   2U UPS Replacement 24VDC Battery Cartridge (1 set of 2) for select Tripp Lite SmartPro UPS
RBC24V-LCD TRIPPLITE-RBC24V-LCD Datasheet
158Kb / 2P
   2U UPS Replacement Battery Cartridge for select Tripp Lite UPS
RBC58-2U TRIPPLITE-RBC58-2U Datasheet
155Kb / 2P
   2U UPS Replacement 48VDC Battery Cartridge (2 sets of 4) for select Tripp Lite UPS systems
RBC64-1U TRIPPLITE-RBC64-1U Datasheet
156Kb / 2P
   1U UPS Replacement 24VDC Battery Cartridge (1 set of 4) for select Tripp Lite SmartPro UPS
RBC69-1U TRIPPLITE-RBC69-1U Datasheet
157Kb / 2P
   1U UPS Replacement Battery Cartridge for select Tripp Lite SmartPro UPS
logo
List of Unclassifed Man...
RBC58-2U ETC2-RBC58-2U Datasheet
475Kb / 2P
   2U UPS Replacement Battery Cartridge for select Tripp Lite UPS systems
logo
Tripp Lite. All Rights ...
RBC96-2U TRIPPLITE-RBC96-2U Datasheet
158Kb / 2P
   2U UPS Replacement 72VDC Battery Cartridge for select Tripp Lite SmartOnline UPS
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com