công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese▼

Delete All
ON OFF
ALLDATASHEET.VN

X  

Preview PDF Download HTML

RBC64-1U Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

tên linh kiện RBC64-1U
Nội dung chi tiết  1U UPS Replacement 24VDC Battery Cartridge (1 set of 4) for select Tripp Lite SmartPro UPS
tải về  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
nhà sản xuất  TRIPPLITE [Tripp Lite. All Rights Reserved]
Trang chủ  http://www.tripplite.com/
Logo 

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications
1U UPS Replacement 24VDC Battery Cartridge (1
set of 4) for select Tripp Lite SmartPro UPS
MODEL NUMBER: RBC64-1U
Description
Tripp Lite's premium UPS replacement battery cartridges breathe new life into UPS systems suffering
from expired or weak internal batteries. Each replacement battery cartridge is carefully screened and
certified to meet or exceed original specifications and ships ready for installation. Reusable packaging
holds expired batteries for recycling center delivery. See Tripp Lite's UPS replacement battery web page
to confirm compatibility and quantity required.
COMPATIBLE WITH TRIPP LITE MODELS SMART750RM1U, SMX750RM1U
Features
Restores UPS runtime performance to original specifications
q
Comes pre-assembled and ready for installation
q
Reusable packaging holds expired batteries for recycling center delivery
q
Highlights
Tripp Lite certified premium
battery cartridge
q
Pre-assembled and wired
battery kit offers simple
installation
q
Rugged leakproof construction
q
Maintenance free
q
Wide operating temperature
range
q
Package Includes
One pre-assembled battery
pack consisting of four 6V
batteries
q
OVERVIEW
UPC Code
037332121189
BATTERY
DC System Voltage (VDC)
24
Included Battery Set
Set of 4 pre-assembled 6V batteries
Typical Battery Lifespan
3 to 5 years, depending on UPS operating conditions
1 / 2



Html Pages

1  2 


bảng dữ liệu tải về




Link URL




Privacy Policy
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ]  

Alldatasheet là?   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Đánh dấu trang   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved© Alldatasheet.com


Site nhân bản
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn