công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NBN4-F25-E8 bảng dữ liệu(PDF) 1 Page - Pepperl+Fuchs Inc.

tên linh kiện NBN4-F25-E8
Giải thích chi tiết về linh kiện  Inductive sensor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PF [Pepperl+Fuchs Inc.]
Trang chủ  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

NBN4-F25-E8 bảng dữ liệu(HTML) 1 Page - Pepperl+Fuchs Inc.

  NBN4-F25-E8 Datasheet HTML 1Page - Pepperl+Fuchs Inc. NBN4-F25-E8 Datasheet HTML 2Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Inductive sensor
NBN4-F25-E8
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
Model Number
NBN4-F25-E8
Features
• Direct mounting on standard actuators
• Small construction with sturdy plastic
housing of protection class IP 67
•LED for power on
Accessories
BT32
Activator for F25 series
BT33
Activator for F25 series
BT34
Activator for F25 series
BT32XAS
Activator for F25 series
BT43-RG-01
Activator for F25 series including protective housing and
mounting plate
Technical Data
General specifications
Switching function
2 x normally open (NO)
Output type
PNP
Rated operating distance
sn
4 mm
Installation
flush mountable
Output polarity
DC
Assured operating distance
sa
0 ... 3.24 mm
Actual operating distance
sr
3.6 ... 4.4 mm typ.
Reduction factor rAl
0.5
Reduction factor rCu
0.4
Reduction factor r304
1
Reduction factor rSt37
1.1
Output type
3-wire
Nominal ratings
Operating voltage
UB
10 ... 30 V DC
Switching frequency
f
0 ... 1000 Hz
Hysteresis
H
typ. 5 %
Reverse polarity protection
reverse polarity protected
Short-circuit protection
pulsing
Voltage drop
Ud
≤ 2.5 V
Design data
Operating current
IL
0 ... 200 mA
Off-state current
Ir
0 ... 0.5 mA typ. 0.1 µA at 25 °C
No-load supply current
I0
≤ 22.5 mA
Time delay before availability
tv
≤ 100 ms
Operating voltage indicator
LED, green
Switching state indicator
LED, yellow
Functional safety related parameters
MTTFd
860 a
Mission Time (TM)
20 a
Diagnostic Coverage (DC)
0 %
Ambient conditions
Ambient temperature
-25 ... 70 °C (-13 ... 158 °F)
Storage temperature
-40 ... 85 °C (-40 ... 185 °F)
Mechanical specifications
Connection type
cable PVC , 2000 mm
Core cross-section
0.75 mm2
Housing material
PBT
Sensing face
PC
Degree of protection
IP67
Cable
Cable diameter
4.3 mm ± 0.1 mm
Bending radius
> 15 x cable diameter
Mass
405 g
Tightening torque, fastening screws
M5 x 25 : 2.7 Nm
Note
Mounted on mechanical drive
Compliance with standards and
directives
Standard conformity
Standards
EN 60947-5-2:2007
EN 60947-5-2/A1:2012
IEC 60947-5-2:2007
IEC 60947-5-2 AMD 1:2012
Approvals and certificates
UL approval
cULus Listed
CCC approval
CCC approval / marking not required for products rated ≤36 V


Số phần tương tự - NBN4-F25-E8

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Pepperl+Fuchs Inc.
NBN4-F25-E8-V1 PF-NBN4-F25-E8-V1 Datasheet
248Kb / 2P
   Inductive sensor
More results

Mô tả tương tự - NBN4-F25-E8

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Pepperl+Fuchs Inc.
NBB8-18GM50-E2-Y278765 PF-NBB8-18GM50-E2-Y278765 Datasheet
165Kb / 1P
   Inductive sensor
NBN8-12GM50-E2-V1-Y323749 PF-NBN8-12GM50-E2-V1-Y323749 Datasheet
211Kb / 2P
   Inductive sensor
NBN40-U1-E0-M PF-NBN40-U1-E0-M Datasheet
298Kb / 2P
   Inductive sensor
NBN40-U1-E3-M PF-NBN40-U1-E3-M Datasheet
296Kb / 2P
   Inductive sensor
NJ8-18GK-SN-50M PF-NJ8-18GK-SN-50M Datasheet
210Kb / 2P
   Inductive sensor
NBB15-30GM50-E0-M-Y242746 PF-NBB15-30GM50-E0-M-Y242746 Datasheet
260Kb / 2P
   Inductive sensor
NCB2-12GM60-B3-V1 PF-NCB2-12GM60-B3-V1 Datasheet
259Kb / 2P
   Inductive sensor
NCB5-18GM60-B3B-V1 PF-NCB5-18GM60-B3B-V1 Datasheet
292Kb / 3P
   Inductive sensor
NMB6-F104M-E2-FE-200MM-V3 PF-NMB6-F104M-E2-FE-200MM-V3 Datasheet
226Kb / 2P
   Inductive sensor
NJ2-12GM40-E PF-NJ2-12GM40-E Datasheet
134Kb / 1P
   Inductive sensor
NBB2-F29-A2-5M PF-NBB2-F29-A2-5M Datasheet
164Kb / 1P
   Inductive sensor
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com