công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC1413D bảng dữ liệu(PDF) 2 Page - ON Semiconductor |
|
MC1413D bảng dữ liệu(HTML) 2 Page - ON Semiconductor |
2 / 6 page MC1413, MC1413B, NCV1413B http://onsemi.com 2 MAXIMUM RATINGS (TA = 25°C, and rating apply to any one device in the package, unless otherwise noted.) Rating Symbol Value Unit Output Voltage VO 50 V Input Voltage VI 30 V Collector Current − Continuous IC 500 mA Base Current − Continuous IB 25 mA Operating Ambient Temperature Range MC1413 MC1413B NCV1413B TA −20 to +85 −40 to +85 −40 to +125 °C Storage Temperature Range Tstg −55 to +150 °C Junction Temperature TJ 150 °C Thermal Resistance, Junction−to−Ambient Case 648, P Suffix Case 751B, D Suffix R qJA 67 100 °C/W Thermal Resistance, Junction−to−Case Case 648, P Suffix Case 751B, D Suffix R qJC 22 20 °C/W Electrostatic Discharge Sensitivity (ESD) Human Body Model (HBM) Machine Model (MM) Charged Device Model (CDM) ESD 2000 400 1500 V ELECTRICAL CHARACTERISTICS (TA = 25°C, unless otherwise noted) Characteristic Symbol Min Typ Max Unit Output Leakage Current (VO = 50 V, TA = +85°C) (VO = 50 V, TA = +25°C) All Types All Types ICEX − − − − 100 50 mA Collector−Emitter Saturation Voltage (IC = 350 mA, IB = 500 mA) (IC = 200 mA, IB = 350 mA) (IC = 100 mA, IB = 250 mA) All Types All Types All Types VCE(sat) − − − 1.1 0.95 0.85 1.6 1.3 1.1 V Input Current − On Condition (VI = 3.85 V) MC1413, B II(on) − 0.93 1.35 mA Input Voltage − On Condition (VCE = 2.0 V, IC = 200 mA) (VCE = 2.0 V, IC = 250 mA) (VCE = 2.0 V, IC = 300 mA) MC1413, B MC1413, B MC1413, B VI(on) − − − − − − 2.4 2.7 3.0 V Input Current − Off Condition (IC = 500 mA, TA = 85°C) All Types II(off) 50 100 − mA DC Current Gain (VCE = 2.0 V, IC = 350 mA) hFE 1000 − − − Input Capacitance CI − 15 30 pF Turn−On Delay Time (50% EI to 50% EO) ton − 0.25 1.0 ms Turn−Off Delay Time (50% EI to 50% EO) toff − 0.25 1.0 ms Clamp Diode Leakage Current (VR = 50 V) TA = +25°C TA = +85°C IR − − − − 50 100 mA Clamp Diode Forward Voltage (IF = 350 mA) VF − 1.5 2.0 V NOTE: NCV1413B Tlow = −40°C, Thigh = +125°C. Guaranteed by design. NCV prefix is for automotive and other applications requiring site and change control. |
Số phần tương tự - MC1413D |
|
Mô tả tương tự - MC1413D |