công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LBC2518T3R3M8 bảng dữ liệu(PDF) 1 Page - Taiyo Yuden (U.S.A.), Inc

tên linh kiện LBC2518T3R3M8
Giải thích chi tiết về linh kiện  Wire-wound Chip Inductors for Telecommunications Infrastructure and Industrial Equipment / Medical Devices (LB series)[LBC]
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Trang chủ  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

LBC2518T3R3M8 bảng dữ liệu(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc

  LBC2518T3R3M8 Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc LBC2518T3R3M8 Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc LBC2518T3R3M8 Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Spec Sheet
http://www.ty-top.com
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the data at any time without notice.
Before making final selection, please check product specification.
Wire-wound Chip Inductors for Telecommunications Infrastructure and Industrial Equipment / Medical Devices (LB series)[LBC]
LBC2518T3R3M8
Features
Item Summary
3.3uH±20%, 0.56A, 1007/2518 (EIA/JIS)
Lifecycle Stage
Mass Production
Standard packaging quantity (minimum)
Taping Embossed 2000pcs
Products characteristics table
Inductance
3.3 uH ± 20 %
Case Size (EIA/JIS)
1007/2518
Rated Current (max)
0.56 A
DC Resistance (max)
0.208 Ω
DC Resistance (typ)
0.16 Ω
LQ Measuring Frequency
7.96 MHz
Self Resonant Frequency (min)
54 MHz
Operating Temp. Range
-40 to +105 ℃
(Including-self-generated heat)
Temperature characteristic
± 25 %
(Inductance change)
RoHS Compliance (10 subst.)
Yes
REACH Compliance (201 subst.)
Yes
Halogen Free
Yes
Soldering
Reflow
External Dimensions
Dimension L
2.5 ±0.2 mm
Dimension W
1.8 ±0.2 mm
Dimension T
1.8 ±0.2 mm
Dimension e
0.5 ±0.2 mm
2020.01.06
1 / 1


Số phần tương tự - LBC2518T3R3M8

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Taiyo Yuden (U.S.A.), I...
LBC2518T3R3M TAIYO-YUDEN-LBC2518T3R3M Datasheet
2Mb / 47P
   WOUND CHIP INDUCTORS
LBC2518T3R3M TAIYO-YUDEN-LBC2518T3R3M Datasheet
651Kb / 14P
   Notice for TAIYO YUDEN products
LBC2518T3R3M TAIYO-YUDEN-LBC2518T3R3M Datasheet
651Kb / 14P
   WIRE-WOUND CHIP INDUCTORS (LB SERIES)
LBC2518T3R3M TAIYO-YUDEN-LBC2518T3R3M Datasheet
289Kb / 13P
   WIRE-WOUND CHIP INDUCTORS (LB SERIES)
LBC2518T3R3M TAIYO-YUDEN-LBC2518T3R3M Datasheet
283Kb / 3P
   Wire-wound Chip Inductors (LB series)[LBC]
More results

Mô tả tương tự - LBC2518T3R3M8

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Taiyo Yuden (U.S.A.), I...
LBC3225T3R3MR8 TAIYO-YUDEN-LBC3225T3R3MR8 Datasheet
286Kb / 3P
   Wire-wound Chip Inductors for Telecommunications Infrastructure and Industrial Equipment / Medical Devices (LB series)[LBC]
LBC2016T1R0M8 TAIYO-YUDEN-LBC2016T1R0M8 Datasheet
296Kb / 3P
   Wire-wound Chip Inductors for Telecommunications Infrastructure and Industrial Equipment / Medical Devices (LB series)[LBC]
LBC2016T100K8 TAIYO-YUDEN-LBC2016T100K8_V01 Datasheet
295Kb / 3P
   Wire-wound Chip Inductors for Telecommunications Infrastructure and Industrial Equipment / Medical Devices (LB series)[LBC]
LBC2518T220M8 TAIYO-YUDEN-LBC2518T220M8 Datasheet
295Kb / 3P
   Wire-wound Chip Inductors for Telecommunications Infrastructure and Industrial Equipment / Medical Devices (LB series)[LBC]
LBC3225T1R0MR8 TAIYO-YUDEN-LBC3225T1R0MR8_V01 Datasheet
296Kb / 3P
   Wire-wound Chip Inductors for Telecommunications Infrastructure and Industrial Equipment / Medical Devices (LB series)[LBC]
2019/11/1
LBC2518T221M8 TAIYO-YUDEN-LBC2518T221M8 Datasheet
294Kb / 3P
   Wire-wound Chip Inductors for Telecommunications Infrastructure and Industrial Equipment / Medical Devices (LB series)[LBC]
LBC2012T470M8 TAIYO-YUDEN-LBC2012T470M8 Datasheet
276Kb / 2P
   Wire-wound Chip Inductors for Telecommunications Infrastructure and Industrial Equipment / Medical Devices (LB series)[LBC]
LBC2518T470M8 TAIYO-YUDEN-LBC2518T470M8 Datasheet
276Kb / 2P
   Wire-wound Chip Inductors for Telecommunications Infrastructure and Industrial Equipment / Medical Devices (LB series)[LBC]
LBC2518T681M8 TAIYO-YUDEN-LBC2518T681M8 Datasheet
276Kb / 2P
   Wire-wound Chip Inductors for Telecommunications Infrastructure and Industrial Equipment / Medical Devices (LB series)[LBC]
LBC3225T1R5MR8 TAIYO-YUDEN-LBC3225T1R5MR8 Datasheet
276Kb / 2P
   Wire-wound Chip Inductors for Telecommunications Infrastructure and Industrial Equipment / Medical Devices (LB series)[LBC]
LBC3225T2R2MR8 TAIYO-YUDEN-LBC3225T2R2MR8 Datasheet
276Kb / 2P
   Wire-wound Chip Inductors for Telecommunications Infrastructure and Industrial Equipment / Medical Devices (LB series)[LBC]
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com