công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ECS-9000-2R bảng dữ liệu(PDF) 1 Page - Vecow Co., Ltd.

tên linh kiện ECS-9000-2R
Giải thích chi tiết về linh kiện  ECS-9000, 2 GigE LAN, 2 SSD Tray, 6 USB 3.0, 4 COM, 3 SIM, 16 GPIO
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VECOW [Vecow Co., Ltd.]
Trang chủ  http://www.vecow.com
Logo VECOW - Vecow Co., Ltd.

ECS-9000-2R bảng dữ liệu(HTML) 1 Page - Vecow Co., Ltd.

  ECS-9000-2R Datasheet HTML 1Page - Vecow Co., Ltd. ECS-9000-2R Datasheet HTML 2Page - Vecow Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications
Features
High-performance Fanless Systems
ECS-9000-2R
ƒ
LGA 1151 Socket supports workstation-grade Intel® Xeon®/
Core™ i7/i5/i3 Processor with Intel® C236 Chipset
ƒ
Fanless, -40°C to 75°C Operating Temperature
ƒ
2 Independent GigE LAN, iAMT 11.0 supported
ƒ
DVI-I, DVI-D and DisplayPort display interface, up to 4K display
ƒ
Front-access : 2 2.5" SSD Tray, 3 SIM Socket, 1 CFast, 4 USB 3.0
ƒ
3 Mini PCIe for WiFi/4G/3G/LTE/GPRS/UMTS
ƒ
4 COM, 6 USB 3.0, 16 GPIO
ƒ
6V to 36V DC Power Input with 80V Surge Protection
ƒ
Configurable Ignition Power Control
Quad Core Intel® Xeon®/Core™ i7/i5/i3 (Kaby Lake) Fanless Embedded System with Intel® C236 Chipset, 2 GigE LAN, 2 Front-access SSD Tray,
3 SIM, 6 USB 3.0, High Performance, Rugged, -40°C to 75°C Extended Temperature
System
Processor
Intel
® Xeon®/Core™ i7/i5/i3 Processor (Kaby Lake-S/Skylake-S)
Chipset
Intel
® C236
BIOS
AMI
SIO
IT8786E
Memory
2 DDR4 2400/2133 MHz SO-DIMM, up to 64GB
I/O Interface
Serial
4 COM RS-232/422/485
USB
ƒ
6 USB 3.0 (External)
ƒ
1 USB 2.0 (Internal)
GPIO
16 GPIO
LED
Power, HDD, Wireless
SIM Card
3 SIM Card Socket (External)
Expansion
Mini PCIe
3 Mini PCIe Socket :
ƒ
2 Full-size for PCIe/USB/External SIM Card/mSATA
ƒ
1 Half-size for PCIe/USB 3.0/External SIM Card
SUMIT A, B
2 SUMIT Slot (Optional)
Graphics
Graphics
Processor
Intel
® HD Graphics P630/630/P530/530
Display
Memory
Shared Memory, up to 1.7GB
Interface
ƒ
DVI-I : Up to 1920 x 1200 @ 60Hz
ƒ
DVI-D : Up to 1920 x 1200 @ 60Hz
ƒ
DisplayPort : Up to 4096 x 2304 @ 60Hz
Storage
SATA
2 SATA III (6Gbps)
mSATA
2 SATA III (Mini PCIe Type, 6Gbps)
SATA DOM
1 SATA II (3Gbps)
Storage
Device
ƒ
1 CFast Socket, Push-in/Push-out Ejector
ƒ
2 Front-access 2.5"SSD/HDD Tray
Audio
Audio Codec
Realtek ALC892, 5.1 Channel HD Audio
Audio
Interface
1 Mic-in, 1 Line-out
Ethernet
LAN 1
Intel
® I219LM GigE LAN supports iAMT 11.0
LAN 2
Intel
® I210 GigE LAN
Power
Power Input
6V to 36V, DC-in
Power
Interface
ƒ
3-pin Terminal Block : V+, V-, Frame Ground
ƒ
Mini-DIN 4-pin
Ignition
Control
16 Mode (Internal)
Remote
Switch
3-pin Terminal Block : On, Off, IGN
Surge
Protection
Up to 80V/1ms Transient Power
Others
TPM
Optional Infineon SLB9665 supports TPM 2.0, LPC Interface
Watchdog
Timer
Reset : 1 to 255 sec./min. per step
Smart
Management
Wake on LAN, PXE supported
HW Monitor
Monitoring temperature, voltages. Auto throttling control
when CPU overheats.
Software Support
OS
Windows 10, Windows 8.1, Windows 7, Linux
Mechanical
Dimensions
260mm x 175mm x 79mm (10.24" x 6.89" x 3.11")
Weight
3.8 kg (8.38 lb)
Mounting
ƒ
Wallmount by mounting bracket
ƒ
DIN Rail Mount (Optional)
ƒ
2U Rackmount (Optional)
Environment
Operating
Temperature
35W TDP CPU :
ƒ
Core™ i7, i5, i3 : -40°C to 75°C (-40°F to 167°F)
ƒ
Xeon
® E3-1268L v5 : -40°C to 70°C (-40°F to 158°F)
65W TDP CPU :
Core™ i7, i5, i3 : -40°C to 55°C (-40°F to 131°F)
80W TDP CPU :
Xeon
® E3-1275 v6, E3-1275 v5, E3-1225 v5 : -40°C to
45°C (-40°F to 113°F)
Storage
Temperature
-40°C to 85°C (-40°F to 185°F)
Humidity
5% to 95% Humidity, non-condensing
Relative
Humidity
95% @ 75°C
Shock
ƒ
IEC 60068-2-27
ƒ
SSD : 50G @ wallmount, Half-sine, 11ms
Vibration
ƒ
IEC 60068-2-64
ƒ
SSD : 5Grms, 5Hz to 500Hz, 3 Axis
Certification
E13, CE, FCC, EN50155, EN50121-3-2


Số phần tương tự - ECS-9000-2R

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vecow Co., Ltd.
ECS-9000-2G VECOW-ECS-9000-2G Datasheet
379Kb / 2P
   ECS-9000, 2 GigE LAN, 6 USB 3.0, 4 COM, 3 SIM, 16 GPIO
More results

Mô tả tương tự - ECS-9000-2R

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vecow Co., Ltd.
ECS-9000-4R VECOW-ECS-9000-4R Datasheet
398Kb / 2P
   ECS-9000, 4 GigE LAN, 2 SSD Tray, 6 USB 3.0, 4 COM, 3 SIM, 16 GPIO
ECS-9000-6FR VECOW-ECS-9000-6FR Datasheet
415Kb / 2P
   ECS-9000, 6 GigE LAN with 2 SFP, 2 SSD Tray, 6 USB 3.0, 4 COM, 3 SIM, 16 GPIO
ECS-9000-2G VECOW-ECS-9000-2G Datasheet
379Kb / 2P
   ECS-9000, 2 GigE LAN, 6 USB 3.0, 4 COM, 3 SIM, 16 GPIO
ECS-9000-4G VECOW-ECS-9000-4G Datasheet
380Kb / 2P
   ECS-9000, 4 GigE LAN, 6 USB 3.0, 4 COM, 3 SIM, 16 GPIO
ECS-9000-6F VECOW-ECS-9000-6F Datasheet
399Kb / 2P
   ECS-9000, 6 GigE LAN with 2 SFP, 6 USB 3.0, 4 COM, 3 SIM, 16 GPIO
ECS-9160 VECOW-ECS-9160 Datasheet
389Kb / 2P
   ECS-9100, 2 GigE LAN, 4 GigE LAN Switch w/PoE, 2 SSD Tray, 8 USB 3.0, 4 COM, 3 SIM, 16 GPIO
ECS-9000-POER VECOW-ECS-9000-POER Datasheet
405Kb / 2P
   ECS-9000, 6 GigE LAN with 4 PoE, 2 SSD Tray, 6 USB 3.0, 4 COM, 3 SIM, Isolated DIO
ECS-9160P VECOW-ECS-9160P Datasheet
390Kb / 2P
   ECS-9100, 2 GigE LAN, 4 GigE LAN Switch w/LAN Bypass, 2 SSD Tray, 8 USB 3.0, 4 COM, 3 SIM, 16 GPIO
ECS-9000-9R VECOW-ECS-9000-9R Datasheet
421Kb / 2P
   ECS-9000, 9 GigE LAN with 4 PoE, 2 SSD Tray, 6 USB 3.0, 4 COM, 3 SIM, Isolated DIO
ECS-9071R VECOW-ECS-9071R Datasheet
439Kb / 2P
   ECS-9000, 6 GigE LAN with 4 PoE, 2 10G SFP, 2 SSD Tray, 4 COM, 3 SIM, 6 USB 3.0, 16 Isolated DIO
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com