công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC14021BDR2G bảng dữ liệu(PDF) 6 Page - ON Semiconductor |
|
MC14021BDR2G bảng dữ liệu(HTML) 6 Page - ON Semiconductor |
6 / 8 page MC14014B, MC14021B http://onsemi.com 6 Figure 4. Switching Time Test Circuit and Waveforms PULSE GENERATOR 1 PULSE GENERATOR 2 VDD 1 2 2 2 11 VDD VSS SW 1 SW 2 CL Q8 Q7 Q6 P/S C P6 P7 P8 DS P5 P4 P3 P2 P1 VDD VSS VDD VSS VOH VOL 20 ns 20 ns PARALLEL OR SERIAL DATA INPUT CLOCK OR P/S INPUT Q OUTPUT 90% 50% 10% tsu tWH tTHL 90% 50% 10% tWH tWL tPLH tPHL 90% 50% 10% tTLH tTHL tWL = tWH = 50% DUTY CYCLE SWITCH POSITION 1 = PARALLEL IN SWITCH POSITION 2 = SERIAL IN ORDERING INFORMATION Device Package Shipping† MC14014BCP PDIP−16 500 Units / Rail MC14014BCPG PDIP−16 (Pb−Free) 500 Units / Rail MC14014BD SOIC−16 48 Units / Rail MC14014BDG SOIC−16 (Pb−Free) 48 Units / Rail MC14014BDR2 SOIC−16 2500 Units / Tape & Reel MC14014BDR2G SOIC−16 (Pb−Free) 2500 Units / Tape & Reel MC14014BF SOEIAJ−16 50 Units / Rail MC14014BFEL SOEIAJ−16 2000 Units / Tape & Reel MC14021BCP PDIP−16 500 Units / Rail MC14021BCPG PDIP−16 (Pb−Free) 500 Units / Rail MC14021BD SOIC−16 48 Units / Rail MC14021BDG SOIC−16 (Pb−Free) 48 Units / Rail MC14021BDR2 SOIC−16 2500 Units / Tape & Reel MC14021BDR2G SOIC−16 (Pb−Free) 2500 Units / Tape & Reel MC14021BF SOEIAJ−16 50 Units / Rail MC14021BFEL SOEIAJ−16 2000 Units / Tape & Reel †For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D. |
Số phần tương tự - MC14021BDR2G |
|
Mô tả tương tự - MC14021BDR2G |