công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PT7C5022 bảng dữ liệu(PDF) 5 Page - Pericom Semiconductor Corporation

tên linh kiện PT7C5022
Giải thích chi tiết về linh kiện  Crystal Oscillator Module ICs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PERICOM [Pericom Semiconductor Corporation]
Trang chủ  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT7C5022 bảng dữ liệu(HTML) 5 Page - Pericom Semiconductor Corporation

  PT7C5022 Datasheet HTML 1Page - Pericom Semiconductor Corporation PT7C5022 Datasheet HTML 2Page - Pericom Semiconductor Corporation PT7C5022 Datasheet HTML 3Page - Pericom Semiconductor Corporation PT7C5022 Datasheet HTML 4Page - Pericom Semiconductor Corporation PT7C5022 Datasheet HTML 5Page - Pericom Semiconductor Corporation PT7C5022 Datasheet HTML 6Page - Pericom Semiconductor Corporation PT7C5022 Datasheet HTML 7Page - Pericom Semiconductor Corporation PT7C5022 Datasheet HTML 8Page - Pericom Semiconductor Corporation PT7C5022 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
PT0193(06/05)
Ver: 1
5
Data Sheet
PT7C5022 Series
Crystal Oscillator Module ICs
DC Electrical Characteristics
3V operation: AxA series
VDD = 2.7 to 3.6V, TA = -20 to 80°C, unless otherwise noted.
Sym.
Parameter
Condition
Min
Typ
Max
Unit
IDD
Current consumption
INH = open, Measurement cct 3, load cct 1, CL = 15 pF, 30
MHz cr ystal oscillator
-
4
7
mA
VIH
High level input voltage
INH pin
2.0
-
-
V
VIL
Low level input voltage
INH pin
-
-
0.5
V
RUP
INH pull-up resistance
Measurement cct 4
25
100
250
k
Rf
Feedback resistance
Measurement cct 5
200
600
1000
k
CG
7.44
8
8.56
CD
Built-in capacitance
Design value,
determined by the
internal wafer pattern
PT7C5022A1A, PT7C5022A3A,
PT7C5022A5A, PT7C5022A7A
9.3
10
10.7
pF
VOH
High level output
voltage
Q: Measurement cct 1, IOH = 4mA
2.1
2.4
-
V
VOL
Low level output
voltage
Q: Measurement cct 2, IOL = 4mA
-
0.3
0.4
V
VOH = VDD
-
-
10
IZ
Output leakage current
Q: Measurement cct 2, VDD = 3.6V, VINH
= LOW
VOL = GND
-
-
10
µA
5V operation: AxA series/BxA series
VDD = 4.5 to 5.5 V, TA = -20 to 80°C, unless otherwise noted.
Sym.
Parameter
Condition
Min
Typ
Max
Unit
Load cct 1 PT7C5022AxA
-
7
12
IDD
Current consumption
INH = open, Measurement
cct 3, CL = 15 pF, 30MHz
crystal
Load cct 2 PT7C5022BxA
-
7
12
mA
VIH
High level input voltage
INH
2.0
-
-
V
VIL
Low level input voltage
INH
-
-
0.8
V
RUP
INH pull-up resistance
Measurement cct 4
25
100
250
k
Rf
Feedback resistance
Measurement cct 5
200
600
1000
k
CG
7.44
8
8.56
CD
Built-in capacitance
Design value,
determined by the
internal wafer pattern
PT7C5022A1A, PT7C5022A3A,
PT7C5022A5A, PT7C5022A7A,
PT7C5022B1A
9.3
10
10.7
pF
VOH
High level output
voltage
Q: Measurement cct 1, IOH = 8 mA
3.9
4.2
-
V
VOL
Low level output
voltage
Q: Measurement cct 1, IOL = 8 mA
-
0.3
0.4
V
VOH = VDD
-
-
10
IZ
Output leakage current
Q: Measurement cct 2, INH=LOW
VOL = GND
-
-
10
µA


Số phần tương tự - PT7C5022

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Pericom Semiconductor C...
PT7C4050 PERICOM-PT7C4050 Datasheet
410Kb / 13P
   PLL with Integrated VCXO
PT7C4050ADE PERICOM-PT7C4050ADE Datasheet
410Kb / 13P
   PLL with Integrated VCXO
PT7C4050ALE PERICOM-PT7C4050ALE Datasheet
410Kb / 13P
   PLL with Integrated VCXO
PT7C4300 PERICOM-PT7C4300 Datasheet
495Kb / 17P
   Real-time Clock Module (I짼c Bus)
PT7C4300W PERICOM-PT7C4300W Datasheet
495Kb / 17P
   Real-time Clock Module (I짼c Bus)
More results

Mô tả tương tự - PT7C5022

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Nippon Precision Circui...
SM5006 NPC-SM5006 Datasheet
185Kb / 18P
   Crystal Oscillator Module ICs
SM5007 NPC-SM5007 Datasheet
111Kb / 11P
   Crystal Oscillator Module ICs
SM5009AH1S NPC-SM5009AH1S Datasheet
163Kb / 18P
   Crystal Oscillator Module ICs
5026 NPC-5026 Datasheet
126Kb / 16P
   Crystal Oscillator Module ICs
SM5021 NPC-SM5021_06 Datasheet
102Kb / 12P
   Crystal Oscillator Module ICs
CF5014 NPC-CF5014 Datasheet
95Kb / 10P
   Crystal Oscillator Module ICs
SM5021 NPC-SM5021 Datasheet
105Kb / 11P
   Crystal Oscillator Module ICs
SM5022 NPC-SM5022 Datasheet
104Kb / 10P
   Crystal Oscillator Module ICs
SM5010 NPC-SM5010_06 Datasheet
167Kb / 25P
   Crystal Oscillator Module ICs
5027 NPC-5027 Datasheet
710Kb / 21P
   Crystal Oscillator Module ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com