công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC14011 bảng dữ liệu(PDF) 2 Page - ON Semiconductor

tên linh kiện MC14011
Giải thích chi tiết về linh kiện  B-Suffix Series CMOS Gates
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14011 bảng dữ liệu(HTML) 2 Page - ON Semiconductor

  MC14011 Datasheet HTML 1Page - ON Semiconductor MC14011 Datasheet HTML 2Page - ON Semiconductor MC14011 Datasheet HTML 3Page - ON Semiconductor MC14011 Datasheet HTML 4Page - ON Semiconductor MC14011 Datasheet HTML 5Page - ON Semiconductor MC14011 Datasheet HTML 6Page - ON Semiconductor MC14011 Datasheet HTML 7Page - ON Semiconductor MC14011 Datasheet HTML 8Page - ON Semiconductor MC14011 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MC14001B Series
http://onsemi.com
2
LOGIC DIAGRAMS
1
2
5
6
8
9
12
13
3
4
10
11
1
2
5
6
8
9
12
13
3
4
10
11
1
2
5
6
8
9
12
13
3
4
10
11
1
2
5
6
8
9
12
13
3
4
10
11
1
2
9
8
3
4
6
5
11
12
10
13
1
2
9
8
3
4
6
5
11
12
10
13
1
2
9
8
3
4
6
5
11
12
10
13
1
13
3
4
5
2
10
11
12
9
NC = 6, 8
VDD = PIN 14
VSS = PIN 7
FOR ALL DEVICES
NOR
MC14001B
Quad 2−Input NOR Gate
MC14025B
Triple 3−Input NOR Gate
MC14023B
Triple 3−Input NAND Gate
NAND
MC14011B
Quad 2−Input NAND Gate
OR
MC14071B
Quad 2−Input OR Gate
AND
MC14081B
Quad 2−Input AND Gate
MC14073B
Triple 3−Input AND Gate
MC14082B
Dual 4−Input AND Gate
PIN ASSIGNMENTS
11
12
13
14
8
9
10
5
4
3
2
1
7
6
OUTC
OUTD
IN 1D
IN 2D
VDD
IN 1C
IN 2C
OUTB
OUTA
IN 2A
IN 1A
VSS
IN 2B
IN 1B
11
12
13
14
8
9
10
5
4
3
2
1
7
6
OUTC
OUTD
IN 1D
IN 2D
VDD
IN 1C
IN 2C
OUTB
OUTA
IN 2A
IN 1A
VSS
IN 2B
IN 1B
11
12
13
14
8
9
10
5
4
3
2
1
7
6
OUTC
IN 1C
IN 2C
IN 3C
VDD
IN 3A
OUTA
IN 2B
IN 1B
IN 2A
IN 1A
VSS
OUTB
IN 3B
11
12
13
14
8
9
10
5
4
3
2
1
7
6
OUTC
IN 1C
IN 2C
IN 3C
VDD
IN 3A
OUTA
IN 2B
IN 1B
IN 2A
IN 1A
VSS
OUTB
IN 3B
11
12
13
14
8
9
10
5
4
3
2
1
7
6
OUTC
OUTD
IN 1D
IN 2D
VDD
IN 1C
IN 2C
OUTB
OUTA
IN 2A
IN 1A
VSS
IN 2B
IN 1B
11
12
13
14
8
9
10
5
4
3
2
1
7
6
OUTC
IN 1C
IN 2C
IN 3C
VDD
IN 3A
OUTA
IN 2B
IN 1B
IN 2A
IN 1A
VSS
OUTB
IN 3B
11
12
13
14
8
9
10
5
4
3
2
1
7
6
OUTC
OUTD
IN 1D
IN 2D
VDD
IN 1C
IN 2C
OUTB
OUTA
IN 2A
IN 1A
VSS
IN 2B
IN 1B
11
12
13
14
8
9
10
5
4
3
2
1
7
6
IN 2B
IN 3B
IN 4B
OUTB
VDD
NC
IN 1B
IN 3A
IN 2A
IN 1A
OUTA
VSS
NC
IN 4A
NC = NO CONNECTION
MC14023B
Triple 3−Input NAND Gate
MC14001B
Quad 2−Input NOR Gate
MC14011B
Quad 2−Input NAND Gate
MC14082B
Dual 4−Input AND Gate
MC14081B
Quad 2−Input AND Gate
MC14025B
Triple 3−Input NOR Gate
MC14071B
Quad 2−Input OR Gate
MC14073B
Triple 3−Input AND Gate


Số phần tương tự - MC14011

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC14011B MOTOROLA-MC14011B Datasheet
327Kb / 11P
   B-Suffix Series CMOS Gates
logo
ON Semiconductor
MC14011B ONSEMI-MC14011B Datasheet
134Kb / 12P
   B-SUFFIX SERIES CMOS GATES
February, 2005 ??Rev. 4
MC14011B ONSEMI-MC14011B Datasheet
195Kb / 14P
   B?뭆uffix Series CMOS Gates
October, 2006 ??Rev. 6
logo
Motorola, Inc
MC14011BCL MOTOROLA-MC14011BCL Datasheet
327Kb / 11P
   B-Suffix Series CMOS Gates
MC14011BCP MOTOROLA-MC14011BCP Datasheet
327Kb / 11P
   B-Suffix Series CMOS Gates
More results

Mô tả tương tự - MC14011

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC14001B ONSEMI-MC14001B Datasheet
134Kb / 12P
   B-SUFFIX SERIES CMOS GATES
February, 2005 ??Rev. 4
MC14011BDG ONSEMI-MC14011BDG Datasheet
164Kb / 12P
   B-Suffix Series CMOS Gates
April, 2013 ??Rev. 10
MC14001B ONSEMI-MC14001B_14 Datasheet
135Kb / 11P
   B-Suffix Series CMOS Gates
July, 2014 ??Rev. 11
MC14012B ONSEMI-MC14012B Datasheet
177Kb / 8P
   B-Suffix Series CMOS Gates
April, 2000 ??Rev. 3
MC14001BDG ONSEMI-MC14001BDG Datasheet
171Kb / 14P
   B-Suffix Series CMOS Gates
October, 2006 ??Rev. 6
logo
Motorola, Inc
MC14001 MOTOROLA-MC14001 Datasheet
327Kb / 11P
   B-Suffix Series CMOS Gates
logo
ON Semiconductor
MC14001UB ONSEMI-MC14001UB Datasheet
216Kb / 8P
   UB-Suffix Series CMOS Gates
February, 2005 ??Rev. 5
MC14001UB ONSEMI-MC14001UB_09 Datasheet
194Kb / 7P
   UB-Suffix Series CMOS Gates
September, 2009 ??Rev. 7
MC14001UB ONSEMI-MC14001UB_14 Datasheet
144Kb / 6P
   UB-Suffix Series CMOS Gates
July, 2014 ??Rev. 10
MC14001B ONSEMI-MC14001B_06 Datasheet
195Kb / 14P
   B?뭆uffix Series CMOS Gates
October, 2006 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com