công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC1121DMR2 bảng dữ liệu(PDF) 4 Page - ON Semiconductor

tên linh kiện MC1121DMR2
Giải thích chi tiết về linh kiện  100mA Charge Pump Voltage Converter with Shutdown
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC1121DMR2 bảng dữ liệu(HTML) 4 Page - ON Semiconductor

  MC1121DMR2 Datasheet HTML 1Page - ON Semiconductor MC1121DMR2 Datasheet HTML 2Page - ON Semiconductor MC1121DMR2 Datasheet HTML 3Page - ON Semiconductor MC1121DMR2 Datasheet HTML 4Page - ON Semiconductor MC1121DMR2 Datasheet HTML 5Page - ON Semiconductor MC1121DMR2 Datasheet HTML 6Page - ON Semiconductor MC1121DMR2 Datasheet HTML 7Page - ON Semiconductor MC1121DMR2 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MC1121
http://onsemi.com
4
Figure 2. Cascading MC1121s to Increase Output Voltage
GND
CAP–
FC
Vout
SHDN
4
3
18
5
2
6
7
CAP+
C1
OSC
VDD
SHDN*
Vin+
+
C2
+
MC1121
“1”
NOTES: *SHDN should be tied to it’s respective VDD if not used.
GND
CAP–
FC
Vout
SHDN
4
3
18
5
2
6
7
CAP+
C1n
OSC
VDD
SHDN*
+
C2
+
Vout
MC1121
“n”
Paralleling Devices
To reduce output resistance, multiple MC1121s may be
paralleled (see Figure 3). Each device needs a pump
capacitor C1, but the reservoir capacitor C2 serves all
devices. The value of C2 should be increased by a factor of
n (the number of devices).
Figure 3. Paralleling MC1121s to Reduce Output Resistance
GND
CAP–
FC
Vout
SHDN
4
3
18
5
2
6
7
CAP+
C1
OSC
VDD
*SHDN
Vin+
+
MC1121
“1”
NOTES: *SHDN should be tied to VDD if not used.
GND
CAP–
FC
Vout
SHDN
4
3
18
5
2
6
7
CAP+
C1n
OSC
VDD
SHDN*
+
C2
+
MC1121
“n”
OSC
Rout = Rout (of MC1121)/n(number of devices)
Combined Positive Supply Multiplication and Negative
Voltage Conversion
Figure 4 shows this dual function circuit, in which
capacitors C1 and C2 perform pump and reservoir functions
to generate the negative voltage. Capacitors C2 and C4 are
the respective capacitors for the multiplied positive voltage.
This particular configuration leads to higher source
impedances of the generated supplies due to the finite
impedance of the common charge–pump driver.
Figure 4. Combined Positive
Multiplier and Negative Converter
GND
CAP–
FC
Vout
SHDN
4
3
18
6
2
5
7
CAP+
C1
OSC
VDD
SHDN*
Vin+
+
C4
+
Vout = Vin–
MC1121
NOTES: *SHDN should be
tied to VDD if not used.
C3
+
C2
+
D1, D2 = 1N4148
Vout = (2Vin) –
(VFD1) – (VFD2)
D1
D2


Số phần tương tự - MC1121DMR2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Zhengzhou Winsen Electr...
MC112 WINSEN-MC112 Datasheet
505Kb / 7P
   Catalytic Gas Sensor
logo
LANSDALE Semiconductor ...
MC112061P LANSDALE-MC112061P Datasheet
1Mb / 9P
   Crystal Oscillator
MC112061P LANSDALE-MC112061P Datasheet
366Kb / 9P
   Crystal Oscillator
logo
Zhengzhou Winsen Electr...
MC112C WINSEN-MC112C Datasheet
505Kb / 7P
   Catalytic Gas Sensor
MC112D WINSEN-MC112D Datasheet
505Kb / 7P
   Catalytic Gas Sensor
More results

Mô tả tương tự - MC1121DMR2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
TC1121 MICROCHIP-TC1121 Datasheet
442Kb / 14P
   100mA Charge Pump Voltage Converter with Shutdown
2002
TC1121EOA713 MICROCHIP-TC1121EOA713 Datasheet
462Kb / 14P
   100mA Charge Pump Voltage Converter with Shutdown
02/16/06
TC1121 MICROCHIP-TC1121_06 Datasheet
509Kb / 14P
   100mA Charge Pump Voltage Converter with Shutdown
2006
TC1121 MICROCHIP-TC1121_14 Datasheet
150Kb / 14P
   100mA Charge Pump Voltage Converter with Shutdown
03/25/14
logo
TelCom Semiconductor, I...
TC660 TELCOM-TC660 Datasheet
122Kb / 8P
   100mA CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
logo
BCD Semiconductor Manuf...
AP3602A BCDSEMI-AP3602A Datasheet
296Kb / 17P
   100mA REGULATED CHARGE PUMP
logo
Maxim Integrated Produc...
MAX864 MAXIM-MAX864 Datasheet
122Kb / 12P
   Dual-Output Charge Pump with Shutdown
Rev 0; 3/96
logo
Analog Microelectronics
AME7730 AME-AME7730 Datasheet
163Kb / 12P
   100mA Regulated Charge Pump
logo
Diodes Incorporated
AP3602A DIODES-AP3602A Datasheet
471Kb / 11P
   100mA REGULATED CHARGE PUMP
August 2019 Rev. 4 - 2
logo
Microchip Technology
TC3682 MICROCHIP-TC3682_05 Datasheet
240Kb / 10P
   Inverting Charge Pump Voltage Doublers with Active Low Shutdown
2005
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com