công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC10SX1190DT bảng dữ liệu(PDF) 2 Page - ON Semiconductor

tên linh kiện MC10SX1190DT
Giải thích chi tiết về linh kiện  Fibre Channel Coaxial Cable Driver and Loop Resiliency Circuit
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10SX1190DT bảng dữ liệu(HTML) 2 Page - ON Semiconductor

  MC10SX1190DT Datasheet HTML 1Page - ON Semiconductor MC10SX1190DT Datasheet HTML 2Page - ON Semiconductor MC10SX1190DT Datasheet HTML 3Page - ON Semiconductor MC10SX1190DT Datasheet HTML 4Page - ON Semiconductor MC10SX1190DT Datasheet HTML 5Page - ON Semiconductor MC10SX1190DT Datasheet HTML 6Page - ON Semiconductor MC10SX1190DT Datasheet HTML 7Page - ON Semiconductor MC10SX1190DT Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MC10SX1190
http://onsemi.com
2
FROM
INPUT CABLE
(ECL LEVELS)
LOCAL
RECEIVE DATA
(ECL LEVELS)
LOGIC DIAGRAM
QR
QR
1
0
DR
DR
QT
QT
DT
DT
SEL (TTL)
VBB
LOCAL
TRANSMIT DATA
(ECL LEVELS)
TO OUTPUT
CABLE
(ENHANCED SWING)
ABSOLUTE MAXIMUM RATINGS*
Symbol
Parameter
Value
Unit
VCC
Power Supply Voltage (VEE = 0V)
0 to +6.0
Vdc
VEE
Power Supply Voltage (VCC = 0V)
–6.0 to 0
Vdc
VIN
Input Voltage (VEE = 0V, VIN not more positive than VCC)
0 to +6.0
Vdc
VIN
Input Voltage (VCC = 0V, VIN not more negative than VEE)
–6.0 to 0
Vdc
IOUT
Output Current
Continuous
Surge
50
100
mA
θJA
Thermal Resistance (Junction–to–Ambient)
Still Air
500 LFPM
90
60
°C/W
θJC
Thermal Resistance (Junction–to–Case)
30 to 35
°C/W
TA
Operating Temperature Range
–40 to +85
°C
TSTG
Storage Temperature Range
–50 to +150
°C
* Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation should be restricted to
the Recommended Operating Conditions.


Số phần tương tự - MC10SX1190DT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC10SX1190DT ONSEMI-MC10SX1190DT Datasheet
142Kb / 6P
   Fibre Channel Coaxial Cable Driver and Loop Resiliency Circuit
January, 2006 ??Rev. 3
MC10SX1190DTG ONSEMI-MC10SX1190DTG Datasheet
142Kb / 6P
   Fibre Channel Coaxial Cable Driver and Loop Resiliency Circuit
January, 2006 ??Rev. 3
MC10SX1190DTR2 ONSEMI-MC10SX1190DTR2 Datasheet
142Kb / 6P
   Fibre Channel Coaxial Cable Driver and Loop Resiliency Circuit
January, 2006 ??Rev. 3
MC10SX1190DTR2G ONSEMI-MC10SX1190DTR2G Datasheet
142Kb / 6P
   Fibre Channel Coaxial Cable Driver and Loop Resiliency Circuit
January, 2006 ??Rev. 3
More results

Mô tả tương tự - MC10SX1190DT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC10SX1189 ONSEMI-MC10SX1189_06 Datasheet
128Kb / 5P
   Fibre Channel Coaxial Cable Driver and Loop Resiliency Circuit
January, 2006 ??Rev. 4
MC10SX1190 ONSEMI-MC10SX1190_06 Datasheet
142Kb / 6P
   Fibre Channel Coaxial Cable Driver and Loop Resiliency Circuit
January, 2006 ??Rev. 3
MC10SX1189 ONSEMI-MC10SX1189_16 Datasheet
144Kb / 6P
   Fibre Channel Coaxial Cable Driver and Loop Resiliency Circuit
August, 2016 ??Rev. 5
logo
Micrel Semiconductor
SY10EL1189 MICREL-SY10EL1189_03 Datasheet
60Kb / 4P
   FIBRE CHANNEL COAXIAL CABLE DRIVER AND LOOP RESILIENCY CIRCUIT
logo
ON Semiconductor
MC10SX1189 ONSEMI-MC10SX1189 Datasheet
79Kb / 4P
   FIBRE CHANNEL COAXIAL CABLE DRIVER AND LOOP RESILIENCY CIRCUIT
1996 REV 1
logo
Micrel Semiconductor
SY10EL1189 MICREL-SY10EL1189 Datasheet
53Kb / 4P
   FIBRE CHANNEL COAXIAL
logo
ON Semiconductor
MC10EL89 ONSEMI-MC10EL89 Datasheet
86Kb / 3P
   Coaxial Cable Driver
1996 REV 2
logo
Micrel Semiconductor
SY10EL89 MICREL-SY10EL89 Datasheet
54Kb / 4P
   COAXIAL CABLE DRIVER
SY10EL89 MICREL-SY10EL89_03 Datasheet
60Kb / 4P
   COAXIAL CABLE DRIVER
logo
ON Semiconductor
MC10EP89 ONSEMI-MC10EP89 Datasheet
97Kb / 8P
   Coaxial Cable Driver
December, 1999 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com