công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC10SX1189 bảng dữ liệu(PDF) 2 Page - ON Semiconductor

tên linh kiện MC10SX1189
Giải thích chi tiết về linh kiện  FIBRE CHANNEL COAXIAL CABLE DRIVER AND LOOP RESILIENCY CIRCUIT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10SX1189 bảng dữ liệu(HTML) 2 Page - ON Semiconductor

  MC10SX1189 Datasheet HTML 1Page - ON Semiconductor MC10SX1189 Datasheet HTML 2Page - ON Semiconductor MC10SX1189 Datasheet HTML 3Page - ON Semiconductor MC10SX1189 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MC10SX1189
2
MOTOROLA
High Performance Frequency
Control Products — BR1334
FROM
INPUT CABLE
(ECL LEVELS)
LOCAL
RECEIVE DATA
(ECL LEVELS)
LOGIC DIAGRAM
QR
QR
1
0
DR
DR
QT
QT
DT
DT
SEL (TTL)
VBB
LOCAL
TRANSMIT DATA
(ECL LEVELS)
TO OUTPUT
CABLE
(ENHANCED SWING)
ABSOLUTE MAXIMUM RATINGS*
Symbol
Parameter
Value
Unit
VCC
Power Supply Voltage (Referenced to GND)
0 to +7.0
Vdc
VIN
Input Voltage (Referenced to GND)
0 to +6.0
Vdc
IOUT
Output Current
Continuous
Surge
50
100
mA
TA
Operating Temperature Range
–40 to +85
°C
TSTG
Storage Temperature Range
–50 to +150
°C
VCC
Operating Voltage Range1
4.5 to 5.5
Vdc
* Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation should be restricted to the
Recommended Operating Conditions.
1. Parametric values specified at 4.75 to 5.25V.
DC CHARACTERISTICS1
-40
°C
0
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
VOH
Output Voltage High (QR,QR)
VCC = 5.0V, GND = 0V (Notes 2,3)
3.92
4.05
4.11
3.98
4.09
4.16
4.02
4.11
4.19
4.09
4.16
4.28
V
VOL
Output Voltage Low (QR,QR)
VCC = 5.0V, GND = 0V (Notes 2,3)
3.05
3.23
3.35
3.05
3.24
3.37
3.05
3.24
3.37
3.05
3.25
3.41
V
VOH
Output Voltage High (QT,QT)
VCC = 5.0V, GND = 0V (Notes 2,4)
3.71
3.89
4.08
3.79
3.98
4.17
3.83
4.02
4.20
3.90
4.09
4.28
V
VOL
Output Voltage Low (QT,QT)
VCC = 5.0V, GND = 0V (Notes 2,4)
1.94
2.22
2.50
1.83
2.12
2.41
1.80
2.10
2.39
1.77
2.06
2.35
V
ICC
Quiescent Supply Current (Note 5)
20
25
42
22
26
47
23
27
47
25
28
47
mA
VIH
Input Voltage High (DR,DR & DT,DT)
VCC = 5.0V, GND = 0V (Note 2)
3.77
4.11
3.83
4.16
3.87
4.19
3.94
4.28
V
VIL
Input Voltage Low (DR,DR & DT,DT)
VCC = 5.0V, GND = 0V (Note 2)
3.05
3.50
3.05
3.52
3.05
3.52
3.05
3.56
V
VIH
Input Voltage High SEL
2.0
2.0
2.0
2.0
V
VIL
Input Voltage Low SEL
0.8
0.8
0.8
0.8
V
VBB
Output Reference Voltage
VCC = 5.0V, GND = 0V (Note 2)
3.57
3.63
3.70
3.62
3.67
3.73
3.65
3.70
3.75
3.69
3.75
3.81
V
1. 10SX circuits are designed to meet the DC specifications shown in the table after thermal equilibrium has been established. The circuit is mounted in a test socket
or mounted on a printed circuit board and transverse air greater than 500lfm is maintained.
2. Values will track 1:1 with the VCC supply.
3. Outputs loaded with 50
Ω to +3.0V
4. Outputs loaded with 50
Ω to +2.0V
5. Outputs open circuited.


Số phần tương tự - MC10SX1189

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC10SX1189 ONSEMI-MC10SX1189 Datasheet
128Kb / 5P
   Fibre Channel Coaxial Cable Driver and Loop Resiliency Circuit
January, 2006 ??Rev. 4
MC10SX1189D ONSEMI-MC10SX1189D Datasheet
128Kb / 5P
   Fibre Channel Coaxial Cable Driver and Loop Resiliency Circuit
January, 2006 ??Rev. 4
MC10SX1189DG ONSEMI-MC10SX1189DG Datasheet
128Kb / 5P
   Fibre Channel Coaxial Cable Driver and Loop Resiliency Circuit
January, 2006 ??Rev. 4
MC10SX1189DG ONSEMI-MC10SX1189DG Datasheet
144Kb / 6P
   Fibre Channel Coaxial Cable Driver and Loop Resiliency Circuit
August, 2016 ??Rev. 5
MC10SX1189DR2 ONSEMI-MC10SX1189DR2 Datasheet
128Kb / 5P
   Fibre Channel Coaxial Cable Driver and Loop Resiliency Circuit
January, 2006 ??Rev. 4
More results

Mô tả tương tự - MC10SX1189

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC10SX1189 ONSEMI-MC10SX1189_06 Datasheet
128Kb / 5P
   Fibre Channel Coaxial Cable Driver and Loop Resiliency Circuit
January, 2006 ??Rev. 4
MC10SX1190 ONSEMI-MC10SX1190_06 Datasheet
142Kb / 6P
   Fibre Channel Coaxial Cable Driver and Loop Resiliency Circuit
January, 2006 ??Rev. 3
MC10SX1189 ONSEMI-MC10SX1189_16 Datasheet
144Kb / 6P
   Fibre Channel Coaxial Cable Driver and Loop Resiliency Circuit
August, 2016 ??Rev. 5
logo
Micrel Semiconductor
SY10EL1189 MICREL-SY10EL1189_03 Datasheet
60Kb / 4P
   FIBRE CHANNEL COAXIAL CABLE DRIVER AND LOOP RESILIENCY CIRCUIT
logo
ON Semiconductor
MC10SX1190 ONSEMI-MC10SX1190 Datasheet
105Kb / 8P
   Fibre Channel Coaxial Cable Driver and Loop Resiliency Circuit
December, 1999 ??Rev. 1
logo
Micrel Semiconductor
SY10EL1189 MICREL-SY10EL1189 Datasheet
53Kb / 4P
   FIBRE CHANNEL COAXIAL
logo
ON Semiconductor
MC10EL89 ONSEMI-MC10EL89 Datasheet
86Kb / 3P
   Coaxial Cable Driver
1996 REV 2
logo
Micrel Semiconductor
SY10EL89 MICREL-SY10EL89 Datasheet
54Kb / 4P
   COAXIAL CABLE DRIVER
SY10EL89 MICREL-SY10EL89_03 Datasheet
60Kb / 4P
   COAXIAL CABLE DRIVER
logo
ON Semiconductor
MC10EP89 ONSEMI-MC10EP89 Datasheet
97Kb / 8P
   Coaxial Cable Driver
December, 1999 ??Rev. 1
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com