công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC100H680FN bảng dữ liệu(PDF) 3 Page - ON Semiconductor

tên linh kiện MC100H680FN
Giải thích chi tiết về linh kiện  4-Bit Differential ECL Bus/TTL Bus Transceciver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100H680FN bảng dữ liệu(HTML) 3 Page - ON Semiconductor

  MC100H680FN Datasheet HTML 1Page - ON Semiconductor MC100H680FN Datasheet HTML 2Page - ON Semiconductor MC100H680FN Datasheet HTML 3Page - ON Semiconductor MC100H680FN Datasheet HTML 4Page - ON Semiconductor MC100H680FN Datasheet HTML 5Page - ON Semiconductor MC100H680FN Datasheet HTML 6Page - ON Semiconductor MC100H680FN Datasheet HTML 7Page - ON Semiconductor MC100H680FN Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MC10H680 MC100H680
MOTOROLA
MECL Data
DL122 — Rev 6
2–146
ECL DC CHARACTERISTICS: VCCT = + 5.0 V ±10%, VEE = – 5.2 ±5% (10H Version); VEE = – 4.2 V to – 5.5 V (100H Version)
Test
TA = 0°C
TA = 25°C
TA = 75°C
Test
Symbol
Parameter
Min
Max
Min
Max
Min
Max
Unit
Condition
IEE
Supply Current/ECL
–110
–110
–110
mA
IINH
Input HIGH Current
225
145
145
µA
IINL
Input LOW Current
0.5
0.5
0.3
µA
VOH
VOL
Output HIGH Voltage
Output LOW Voltage
–1100
– 2.1
– 840
– 2.03
–1100
– 2.1
– 810
– 2.03
–1100
– 2.1
– 735
– 2.03
mV
V
25
Ω to –2.1 V
CONTROL INPUTS ONLY
10H ECL DC CHARACTERISTICS: VCCT = + 5.0 ±10%, VEE = – 5.2 ±5%
Test
TA = 0°C
TA = 25°C
TA = 75°C
Test
Symbol
Parameter
Min
Max
Min
Max
Min
Max
Unit
Condition
VIH
VIL
Input HIGH Voltage
Input LOW Voltage
–1170
–1950
– 840
–1480
–1130
–1950
– 810
–1480
–1070
–1950
– 735
–1450
mV
CONTROL INPUTS ONLY
100H ECL DC CHARACTERISTICS: VCCT = + 5.0 ±10%, VEE = – 4.2 V to – 5.5 V
Test
TA = 0°C
TA = 25°C
TA = 75°C
Test
Symbol
Parameter
Min
Max
Min
Max
Min
Max
Unit
Condition
VIH
VIL
Input HIGH Voltage
Input LOW Voltage
–1165
–1810
– 880
–1475
–1165
–1810
– 880
–1475
–1165
–1810
– 880
–1475
mV
TTL DC CHARACTERISTICS: VCCT = + 5.0 V ±10%, VEE = – 5.2 ±5% (10H Version); VEE = – 4.2 V to – 5.5 V (100H Version)
Test
TA = 0°C
TA = 25°C
TA = 75°C
Test
Symbol
Parameter
Min
Max
Min
Max
Min
Max
Unit
Condition
VIH
VIL
Standard Input
Standard Input
2.0
0.8
2.0
0.8
2.0
0.8
Vdc
VIK
Input Clamp
–1.2
–1.2
–1.2
Vdc
IIN = –18 mA
VOH
Output HIGH Voltage
Output HIGH Voltage
2.5
2.0
2.5
2.0
2.5
2.0
V
IOH = – 3.0 mA
IOH = –15 mA
VOL
Output LOW Voltage
0.55
0.55
0.55
V
IOL = 48 mA
IIH*
TTL (Input HIGH)
TTL (Input HIGH)
20
100
20
100
20
100
µA
Vin = 2.7 V
Vin = 7.0 V
IIL*
TTL (Input LOW)
– 0.6
– 0.6
– 0.6
mA
Vin = 0.5 V
ICCL
Supply Current
75
75
75
mA
ICCH
Supply Current
70
70
70
mA
ICCZ
Supply Current
70
70
70
mA
IOS
Output Short Circuit Current
–100
– 225
–100
– 225
–100
– 225
mA
VOUT = 0 V
* NOTE: TTL Control Inputs only
TTL I/O DC CHARACTERISTICS ONLY
Test
TA = 0°C
TA = 25°C
TA = 75°C
Test
Symbol
Parameter
Min
Max
Min
Max
Min
Max
Unit
Condition
IIH/IOZH
IIL/IOZL
Output Disable
Current
70
200
70
200
70
200
µA
VOUT = 2.7 V
VOUT = 0.5 V


Số phần tương tự - MC100H680FN

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC100H680FN ONSEMI-MC100H680FN Datasheet
137Kb / 10P
   4?묪it Differential ECL Bus to TTL Bus Transceiver
November, 2006 ??Rev. 11
MC100H680FNG ONSEMI-MC100H680FNG Datasheet
137Kb / 10P
   4?묪it Differential ECL Bus to TTL Bus Transceiver
November, 2006 ??Rev. 11
More results

Mô tả tương tự - MC100H680FN

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC10H680 ONSEMI-MC10H680_06 Datasheet
137Kb / 10P
   4?묪it Differential ECL Bus to TTL Bus Transceiver
November, 2006 ??Rev. 11
MC10ELT25 ONSEMI-MC10ELT25 Datasheet
66Kb / 4P
   Differential ECL to TTL Translator
February, 2000 ??Rev. 3
logo
Micrel Semiconductor
SY100ELT24 MICREL-SY100ELT24_06 Datasheet
53Kb / 5P
   TTL-to-DIFFERENTIAL ECL TRANSLATOR
SY100ELT25 MICREL-SY100ELT25 Datasheet
57Kb / 6P
   DIFFERENTIAL ECL-to-TTL TRANSLATOR
SY100ELT24 MICREL-SY100ELT24 Datasheet
60Kb / 4P
   TTL-to-DIFFERENTIAL ECL TRANSLATOR
logo
ON Semiconductor
MC10ELT25 ONSEMI-MC10ELT25_15 Datasheet
97Kb / 8P
   Differential ECL to TTL Translator
August, 2015 ??Rev. 14
logo
Micrel Semiconductor
SY10H600 MICREL-SY10H600 Datasheet
69Kb / 4P
   9-BIT TTL-TO-ECL WITH TTL, ECL ENABLE
SY10H600 MICREL-SY10H600_06 Datasheet
469Kb / 4P
   9-BIT TTL-TO-ECL WITH TTL, ECL ENABLE
logo
ON Semiconductor
MC10ELT24 ONSEMI-MC10ELT24_15 Datasheet
94Kb / 8P
   5V TTL to Differential ECL Translator
August, 2015 ??Rev. 11
MC10ELT24 ONSEMI-MC10ELT24_06 Datasheet
137Kb / 8P
   5V TTL to Differential ECL Translator
December, 2006 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com