công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC100H681 bảng dữ liệu(PDF) 4 Page - ON Semiconductor

tên linh kiện MC100H681
Giải thích chi tiết về linh kiện  Hex ECL/TTL Transceiver with Latches
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100H681 bảng dữ liệu(HTML) 4 Page - ON Semiconductor

  MC100H681 Datasheet HTML 1Page - ON Semiconductor MC100H681 Datasheet HTML 2Page - ON Semiconductor MC100H681 Datasheet HTML 3Page - ON Semiconductor MC100H681 Datasheet HTML 4Page - ON Semiconductor MC100H681 Datasheet HTML 5Page - ON Semiconductor MC100H681 Datasheet HTML 6Page - ON Semiconductor MC100H681 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MC10H681 MC100H681
2–319
MOTOROLA
MECL Data
DL122 — Rev 6
TTL DC CHARACTERISTICS: VCCT = + 5.0 V ±10%, VEE = – 5.2 ±5% (10H Version); VEE = – 4.2 V to – 5.5 V (100H Version)
Test
TA = 0°C
TA = 25°C
TA = 75°C
Test
Symbol
Parameter
Min
Max
Min
Max
Min
Max
Unit
Condition
VIH
VIL
Standard Input
Standard Input
2.0
0.8
2.0
0.8
2.0
0.8
Vdc
VIK
Input Clamp
–1.2
–1.2
–1.2
Vdc
IIN = –18 mA
VOH
Output HIGH Voltage
Output HIGH Voltage
2.5
2.0
2.5
2.0
2.5
2.0
V
IOH = – 3.0 mA
IOH = –15 mA
VOL
Output LOW Voltage
0.55
0.55
0.55
V
IOL = 48 mA
IIH/IOZH
IIL/IOZL
Output Disable
Current
70
200
70
200
70
200
µA
VOUT = 2.7 V
VOUT = 0.5 V
ICCL
Supply Current
63
63
63
mA
ICCH
Supply Current
63
63
63
mA
ICCZ
Supply Current
63
63
63
mA
IOS
Output Short Circuit Current
–100
– 225
–100
– 225
–100
– 225
mA
VOUT = 0 V
ECL TO TTL DIRECTION AC CHARACTERISTICS
Test
TA = 0°C
TA = 25°C
TA = 75°C
Test
Symbol
Parameter
Min
Max
Min
Max
Min
Max
Unit
Condition
tPLH
tPHL
Propagation
Delay to Output
4.0
7.8
4.0
7.8
4.2
8.0
ns
CL = 50 pF
tPLH
tPHL
LEET to
Output
5.5
5.5
8.3
7.6
5.5
5.5
8.3
7.6
5.7
5.8
8.5
8.0
ns
CL = 50 pF
tPZH
tPZL
CEB to Output
Enable Time
5.5
5.3
8.3
8.3
5.5
5.3
8.3
8.3
4.7
5.4
8.5
8.4
ns
CL = 50 pF
tPHZ
tPLZ
CEB to Output
Disable Time
3.5
3.5
7.2
5.3
3.5
3.5
7.2
5.3
3.7
4.1
7.3
5.8
ns
CL = 50 pF
tr/tf
1.0 Vdc to 2.0 Vdc
0.4
2.2
0.4
2.2
0.4
2.2
ns
CL = 50 pF
TTL TO ECL DIRECTION AC CHARACTERISTICS
Test
TA = 0°C
TA = 25°C
TA = 75°C
Test
Symbol
Parameter
Min
Max
Min
Max
Min
Max
Unit
Condition
tPLH
tPHL
Propagation
Delay to Output
1.9
3.9
1.9
3.9
2.2
4.4
ns
50
Ω to –2.0 V
tPHL
tPLH
CEB to
Output
2.2
2.3
4.0
4.6
2.2
2.3
4.0
4.6
2.5
2.7
4.3
5.0
ns
50
Ω to –2.0 V
tPHL
tPLH
LETE to
Output
2.4
3.9
2.4
3.9
2.7
4.3
ns
50
Ω to –2.0 V
tr/tf
Output Rise/Fall
Time 20% – 80%
0.4
2.2
0.4
2.2
0.4
2.2
ns
50
Ω to –2.0 V


Số phần tương tự - MC100H681

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC100H680 ONSEMI-MC100H680 Datasheet
118Kb / 8P
   4-Bit Differential ECL Bus/TTL Bus Transceciver
1996 REV 6
MC100H680 ONSEMI-MC100H680 Datasheet
137Kb / 10P
   4?묪it Differential ECL Bus to TTL Bus Transceiver
November, 2006 ??Rev. 11
MC100H680FN ONSEMI-MC100H680FN Datasheet
118Kb / 8P
   4-Bit Differential ECL Bus/TTL Bus Transceciver
1996 REV 6
MC100H680FN ONSEMI-MC100H680FN Datasheet
137Kb / 10P
   4?묪it Differential ECL Bus to TTL Bus Transceiver
November, 2006 ??Rev. 11
MC100H680FNG ONSEMI-MC100H680FNG Datasheet
137Kb / 10P
   4?묪it Differential ECL Bus to TTL Bus Transceiver
November, 2006 ??Rev. 11
More results

Mô tả tương tự - MC100H681

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
F100125 NSC-F100125 Datasheet
105Kb / 4P
   Hex ECL-to-TTL Translator
logo
ON Semiconductor
MC10H604 ONSEMI-MC10H604 Datasheet
84Kb / 4P
   Registered Hex TTL/ECL Translator
1996 REV 1
logo
National Semiconductor ...
F100124 NSC-F100124 Datasheet
107Kb / 4P
   Hex TTL-to-ECL Translator
logo
ON Semiconductor
MC10H605 ONSEMI-MC10H605 Datasheet
143Kb / 7P
   Registered Hex ECL to TTL Translator
September, 2009 ??Rev. 8
logo
Fairchild Semiconductor
100393 FAIRCHILD-100393 Datasheet
60Kb / 6P
   Low Power 9-Bit ECL-to-TTL Translator with Latches
100397 FAIRCHILD-100397 Datasheet
129Kb / 13P
   Quad Differential ECL/TTL Translating Transceiver with Latch
100398 FAIRCHILD-100398 Datasheet
117Kb / 13P
   Quad Differential ECL/TTL Translating Transceiver with Latch
logo
Micrel Semiconductor
SY100S324 MICREL-SY100S324_06 Datasheet
506Kb / 6P
   LOW POWER HEX TTL-to-ECL TRANSLATOR
SY100S325 MICREL-SY100S325 Datasheet
100Kb / 5P
   LOW-POWER HEX ECL-to-TTL TRANSLATOR
logo
Texas Instruments
100325 TI1-100325 Datasheet
163Kb / 8P
[Old version datasheet]   Low Power Hex ECL-to-TTL Translator
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com