công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC100H602 bảng dữ liệu(PDF) 1 Page - ON Semiconductor

tên linh kiện MC100H602
Giải thích chi tiết về linh kiện  9-Bit Latch TTL/ECL Translator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100H602 bảng dữ liệu(HTML) 1 Page - ON Semiconductor

  MC100H602 Datasheet HTML 1Page - ON Semiconductor MC100H602 Datasheet HTML 2Page - ON Semiconductor MC100H602 Datasheet HTML 3Page - ON Semiconductor MC100H602 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
2–307
REV 5
© Motorola, Inc. 1996
3/93
9-Bit Latch TTL/ECL
Translator
The MC10H/100H602 is a 9–bit, dual supply TTL to ECL translator with
latch. Devices in the Motorola 9–bit translator series utilize the 28–lead
PLCC for optimal power pinning, signal flow–through and electrical
performance.
The H602 features D–type latches. Latching is controlled by Latch
Enable (LEN), while the Master Reset input resets the latches. A
post–latch logic enable is also provided (ENECL), allowing control of the
output state without destroying latch data. All control inputs are ECL level.
The 10H version is compatible with MECL 10H ECL logic levels. The
100H version is compatible with 100K levels.
• 9–Bit Ideal for Byte–Parity Applications
• Flow–Through Configuration
• Extra TTL and ECL Power/Ground Pins to Minimize Switching Noise
• Dual Supply
• 3.5 ns Max D to Q
• PNP TTL Inputs for Low Loading
MC10H602
MC100H602
Pinout: 28–Lead PLCC (Top View)
PIN NAMES
PIN
FUNCTION
GND
VCCE
VCCO
VCCT
VEE
D0 – D8
Q0 – Q8
ENECL
LEN
MR
TTL Ground (0 V)
ECL VCC (0 V)
ECL VCC (0 V) — Outputs
TTL Supply (+ 5.0 V)
ECL Supply (– 5.2 / – 4.5 V)
Data Inputs (TTL)
Data Outputs (ECL)
Enable Control (ECL)
Latch Enable (ECL)
Master Reset (ECL)
D6
56
78
9
10
11
25
24
23
22
21
20
19
D7
D8
GND
MR
LEN
ENECL
VCCE
Q0
Q1
VCCO
Q2
VCCO
Q3
26
27
28
2
3
4
18
17
16
14
13
12
15
D5 D4 VCCT D3 D2 D1 D0
Q8 Q7 VCCO Q6 VEE Q5 Q4
FN SUFFIX
PLASTIC PACKAGE
CASE 776–02
D
L
H
X
X
X
TRUTH TABLE
LEN
L
L
H
X
X
MR
L
L
L
H
X
Q
L
H
Q0
L
L
ENECL
H
H
H
H
L
LOGIC SYMBOL
DQ
EN
DQ
EN
DQ
EN
DQ
EN
DQ
EN
DQ
EN
DQ
EN
DQ
EN
DQ
EN
ENECL
D0
D1
D2
D3
D4
D5
D6
D7
D8
LEN
MR
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7
Q8
TTL
ECL


Số phần tương tự - MC100H602

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC100H602 ONSEMI-MC100H602 Datasheet
112Kb / 6P
   9?묪it Latch TTL to ECL Translator
November, 2006 ??Rev. 10
MC100H602FN ONSEMI-MC100H602FN Datasheet
112Kb / 6P
   9?묪it Latch TTL to ECL Translator
November, 2006 ??Rev. 10
MC100H602FNG ONSEMI-MC100H602FNG Datasheet
112Kb / 6P
   9?묪it Latch TTL to ECL Translator
November, 2006 ??Rev. 10
MC100H602FNR2 ONSEMI-MC100H602FNR2 Datasheet
112Kb / 6P
   9?묪it Latch TTL to ECL Translator
November, 2006 ??Rev. 10
MC100H602FNR2G ONSEMI-MC100H602FNR2G Datasheet
112Kb / 6P
   9?묪it Latch TTL to ECL Translator
November, 2006 ??Rev. 10
More results

Mô tả tương tự - MC100H602

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC10H603 ONSEMI-MC10H603 Datasheet
89Kb / 5P
   9-Bit Latch ECL/TTL Translator
1996 REV 5
MC10H600 ONSEMI-MC10H600 Datasheet
82Kb / 4P
   9-Bit TTL/ECL Translator
1996 REV 5
MC10H602 ONSEMI-MC10H602_06 Datasheet
112Kb / 6P
   9?묪it Latch TTL to ECL Translator
November, 2006 ??Rev. 10
MC10H603 ONSEMI-MC10H603_06 Datasheet
112Kb / 7P
   9?묪it Latch ECL to TTL Translator
November, 2006 ??Rev. 10
MC10H601 ONSEMI-MC10H601 Datasheet
111Kb / 6P
   9?묪it ECL to TTL Translator
November, 2006 ??Rev. 12
MC10H600 ONSEMI-MC10H600_06 Datasheet
110Kb / 6P
   9?묪it TTL to ECL Translator
November, 2006 ??Rev. 9
logo
Fairchild Semiconductor
100393 FAIRCHILD-100393 Datasheet
60Kb / 6P
   Low Power 9-Bit ECL-to-TTL Translator with Latches
100395 FAIRCHILD-100395 Datasheet
54Kb / 5P
   Low Power 9-Bit ECL-to-TTL Translator with Registers
logo
Micrel Semiconductor
SY10H600 MICREL-SY10H600 Datasheet
69Kb / 4P
   9-BIT TTL-TO-ECL WITH TTL, ECL ENABLE
SY10H600 MICREL-SY10H600_06 Datasheet
469Kb / 4P
   9-BIT TTL-TO-ECL WITH TTL, ECL ENABLE
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com