công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BZX85C82RL2 bảng dữ liệu(PDF) 5 Page - ON Semiconductor

tên linh kiện BZX85C82RL2
Giải thích chi tiết về linh kiện  1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BZX85C82RL2 bảng dữ liệu(HTML) 5 Page - ON Semiconductor

  BZX85C82RL2 Datasheet HTML 1Page - ON Semiconductor BZX85C82RL2 Datasheet HTML 2Page - ON Semiconductor BZX85C82RL2 Datasheet HTML 3Page - ON Semiconductor BZX85C82RL2 Datasheet HTML 4Page - ON Semiconductor BZX85C82RL2 Datasheet HTML 5Page - ON Semiconductor BZX85C82RL2 Datasheet HTML 6Page - ON Semiconductor BZX85C82RL2 Datasheet HTML 7Page - ON Semiconductor BZX85C82RL2 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
BZX85C3V3RL Series
http://onsemi.com
5
Figure 2. Temperature Coefficients
(–55
°C to +150°C temperature range; 90% of the units are in the ranges indicated.)
a. Range for Units to 12 Volts
b. Range for Units to 12 to 100 Volts
+12
+10
+8
+6
+4
+2
0
-2
-4
2
3
456
78
9
10
11
12
VZ, ZENER VOLTAGE (VOLTS)
100
70
50
30
20
10
7
5
3
2
1
10
20
30
50
70 100
VZ, ZENER VOLTAGE (VOLTS)
VZ @IZT
RANGE
RANGE
VZ @IZT
Figure 3. Typical Thermal Resistance
versus Lead Length
Figure 4. Effect of Zener Current
175
150
125
100
75
50
25
0
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
L, LEAD LENGTH TO HEAT SINK (INCHES)
+6
+4
+2
0
-2
-4
3
4
56
78
VZ, ZENER VOLTAGE (VOLTS)
VZ @IZ
TA =25°C
20mA
0.01mA
1mA
NOTE: BELOW 3 VOLTS AND ABOVE 8 VOLTS
NOTE: CHANGES IN ZENER CURRENT DO NOT
NOTE: EFFECT TEMPERATURE COEFFICIENTS
Figure 5. Maximum Surge Power
100
70
50
30
20
10
7
5
3
2
1
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
20
50
100
200
500 1000
PW, PULSE WIDTH (ms)
This graph represents 90 percentile data points.
For worst case design characteristics, multiply surge power by 2/3.
11V-100V NONREPETITIVE
3.3V-10V NONREPETITIVE
5% DUTY CYCLE
10% DUTY CYCLE
20% DUTY CYCLE
RECTANGULAR
WAVEFORM
TJ =25°C PRIOR TO
INITIAL PULSE


Số phần tương tự - BZX85C82RL2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
EIC discrete Semiconduc...
BZX85C82 EIC-BZX85C82 Datasheet
18Kb / 2P
   SILICON ZENER DIODES
logo
Vishay Siliconix
BZX85C82 VISHAY-BZX85C82 Datasheet
103Kb / 6P
   Zener Diodes
Rev. 2.2, 02-Jun-14
logo
GOOD-ARK Electronics
BZX85C82 GOOD-ARK-BZX85C82 Datasheet
129Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
SUNMATE electronic Co.,...
BZX85C82 SUNMATE-BZX85C82 Datasheet
364Kb / 2P
   AXIAL LEADED SILICON ZENER DIODES
logo
Taiwan Semiconductor Co...
BZX85C82 TSC-BZX85C82 Datasheet
150Kb / 5P
   Voltage Range 2.4 to 212 Volts 1.3Watts Power Dissipation
More results

Mô tả tương tự - BZX85C82RL2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Tak Cheong Electronics ...
1N4728A TAK_CHEONG-1N4728A_10 Datasheet
325Kb / 4P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
logo
List of Unclassifed Man...
TC1N4728A ETC1-TC1N4728A Datasheet
496Kb / 6P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
TC1N4728A TAK_CHEONG-TC1N4728A_10 Datasheet
454Kb / 5P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
1N4728A TAK_CHEONG-1N4728A Datasheet
128Kb / 4P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
TC1N4728A TAK_CHEONG-TC1N4728A Datasheet
178Kb / 5P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
1N4751A TAK_CHEONG-1N4751A Datasheet
445Kb / 7P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
March 2002 / A
TCBZX85C3V3 TAK_CHEONG-TCBZX85C3V3_11 Datasheet
168Kb / 4P
   1.3 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
TCBZX85C3V3 TAK_CHEONG-TCBZX85C3V3 Datasheet
177Kb / 5P
   1.3 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
BZX85C3V3 TAK_CHEONG-BZX85C3V3_10 Datasheet
289Kb / 4P
   1.3 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
BZX85C3V3 TAK_CHEONG-BZX85C3V3 Datasheet
128Kb / 4P
   1.3 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com