công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IZ0066 bảng dữ liệu(PDF) 1 Page - Integral Corp.

tên linh kiện IZ0066
Giải thích chi tiết về linh kiện  DOT MATRIX LCD CONTROLLER & DRIVER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTEGRAL [Integral Corp.]
Trang chủ  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IZ0066 bảng dữ liệu(HTML) 1 Page - Integral Corp.

  IZ0066 Datasheet HTML 1Page - Integral Corp. IZ0066 Datasheet HTML 2Page - Integral Corp. IZ0066 Datasheet HTML 3Page - Integral Corp. IZ0066 Datasheet HTML 4Page - Integral Corp. IZ0066 Datasheet HTML 5Page - Integral Corp. IZ0066 Datasheet HTML 6Page - Integral Corp. IZ0066 Datasheet HTML 7Page - Integral Corp. IZ0066 Datasheet HTML 8Page - Integral Corp. IZ0066 Datasheet HTML 9Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
DOT MATRIX LCD CONTROLLER & DRIVER
IZ0066
1
1
FEATURES
• Internal Memory
-
Character Generator ROM: 8320 bits
-
Character Generator RAM: 512 bit
-
Display Data RAM: 80 x 8 bits for 80 digits
• Internal automatic reset circuit at power ON
• Internal oscillation circuit
• Power Supply Voltage: +5V ± 10%
• LCD Driving Voltage for display: 0 ~ -5V(V
5)
• Duty factor selection (selected by programs)
1/8 duty: 5 x 7 dots format 1 line,
1/11 duty: 5 x 10 dots format 1 line
1/16 duty: 5 x 7 dots format 2 line
• Bare chip available
• Pin-to-Pin replacement for KS0066, HD44780, SED1278
FUNCTION
• Character type dot matrix LCD driver & controller
• Internal driver: 16 common and 40 segment signal output
• Display character format: 5 x 7 dots + cursor,
5 x 10 dots + cursor
• Easy interface with a 4-bit or 8-bit MPU
• Display character pattern:
5 x 7 dots format: 192 kinds, 5 x 10 dots format: 32 kinds
• The special character pattern can be programmable by
Character Generator RAM directly
• A customer character pattern can be programmable by mask
option
• Wide range of instruction function:
Display clear, Cursor home, Display ON/OFF, Display shift
Cursor ON/OFF, Display character blink, Cursor shift
DESCRIPTION
The IZ0066 is a dot matrix liquid crystal display controller & driver LSI that displays alphanumerics, characters and symbols.
It drives dot matrix LCD under microcomputer control. All functions needed for dot matrix LCD drive are internally provided
on one chip.
ODERING INFORMATION
Type
CGROM
IZ0066 - 00
English
Numberal
Japanese
IZ0066 - 01
English
Numberal
Cyrillic
IZ0066 - XX
Custom font (XX – ROM code)
ABSOLUTE MAXIMUM RATINGS
Characteristic
Symbol
Value
Unit
Power Supply Voltage
VDD
- 0.3 ~ 7.0
V
Driver Supply Voltage
V1 ~ V5
VDD - 13.5 ~ VDD + 0.3
V
Input Voltage
VI
-0.3 ~VDD + 0.3
V
Operating Temperature
Ta
- 20 ~ + 75
oC
Storage Temperature
Tstg
- 55 ~ + 125
oC
Notes: Must keep the relation of VDD
≥ V
1
≥ V
2
≥ V
3
≥ V
4
≥ V
5


Số phần tương tự - IZ0066

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Integral Corp.
IZ0065 INTEGRAL-IZ0065 Datasheet
145Kb / 6P
   40 Channel Segment / Common Driver For Dot Matrix LCD
More results

Mô tả tương tự - IZ0066

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
OKI electronic componet...
ML9041 OKI-ML9041 Datasheet
537Kb / 55P
   DOT MATRIX LCD CONTROLLER DRIVER
logo
Sitronix Technology Co....
ST7038 SITRONIX-ST7038 Datasheet
1Mb / 63P
   Dot Matrix LCD Controller/Driver
logo
Renesas Technology Corp
PD16435 RENESAS-PD16435_15 Datasheet
440Kb / 38P
   DOT MATRIX LCD CONTROLLER/DRIVER
logo
Sitronix Technology Co....
ST7066U SITRONIX-ST7066U Datasheet
601Kb / 42P
   Dot Matrix LCD Controller/Driver
logo
Epson Company
SED1530 EPSON-SED1530 Datasheet
176Kb / 13P
   DOT MATRIX LCD CONTROLLER DRIVER
logo
List of Unclassifed Man...
ST7036 ETC-ST7036 Datasheet
864Kb / 72P
   Dot Matrix LCD Controller/Driver
logo
OKI electronic componet...
ML9041A OKI-ML9041A Datasheet
655Kb / 64P
   DOT MATRIX LCD CONTROLLER DRIVER
logo
Epson Company
SED1200F EPSON-SED1200F Datasheet
149Kb / 6P
   Dot Matrix LCD Controller Driver
SED1526 EPSON-SED1526 Datasheet
105Kb / 12P
   Dot Matrix LCD Controller Driver
SED1278F EPSON-SED1278F Datasheet
561Kb / 13P
   Dot Matrix LCD Controller Driver
logo
Neotec Semiconductor Lt...
NT7070B NEOTEC-NT7070B Datasheet
323Kb / 33P
   Dot Matrix LCD Driver & Controller
Rev1.4 20130225
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com