công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC10H176 bảng dữ liệu(PDF) 1 Page - ON Semiconductor

tên linh kiện MC10H176
Giải thích chi tiết về linh kiện  Hex D Master-Slave Flip-Flop
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H176 bảng dữ liệu(HTML) 1 Page - ON Semiconductor

  MC10H176 Datasheet HTML 1Page - ON Semiconductor MC10H176 Datasheet HTML 2Page - ON Semiconductor MC10H176 Datasheet HTML 3Page - ON Semiconductor MC10H176 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
2–113
REV 5
© Motorola, Inc. 1996
3/93
Hex D Master-Slave Flip-Flop
The MC10H176 contains six master slave type D flip–flops with a common
clock. This MECL 10H part is a functional/pinout duplication of the standard
MECL 10K family part, with 100% improvement in clock frequency and
propagation delay and no increase in power–supply current.
• Propagation Delay, 1.7 ns Typical
• Power Dissipation, 460 mW Typical
• Improved Noise Margin 150 mV (Over Operating Voltage and
Temperature Range)
• Voltage Compensated
• MECL 10K–Compatible
MAXIMUM RATINGS
Characteristic
Symbol
Rating
Unit
Power Supply (VCC = 0)
VEE
–8.0 to 0
Vdc
Input Voltage (VCC = 0)
VI
0 to VEE
Vdc
Output Current — Continuous
— Surge
Iout
50
100
mA
Operating Temperature Range
TA
0 to +75
°C
Storage Temperature Range — Plastic
— Ceramic
Tstg
–55 to +150
–55 to +165
°C
°C
ELECTRICAL CHARACTERISTICS (VEE = –5.2 V ±5%) (See Note)
0
°
25
°
75
°
Characteristic
Symbol
Min
Max
Min
Max
Min
Max
Unit
Power Supply Current
IE
123
112
123
mA
Input Current High
Pins 5,6,7,10,11,12
Pin 9
IinH
425
670
265
420
265
420
µA
Input Current Low
IinL
0.5
0.5
0.3
µA
High Output Voltage
VOH
–1.02
–0.84
–0.98
–0.81
–0.92
–0.735
Vdc
Low Output Voltage
VOL
–1.95
–1.63
–1.95
–1.63
–1.95
–1.60
Vdc
High Input Voltage
VIH
–1.17
–0.84
–1.13
–0.81
–1.07
–0.735
Vdc
Low Input Voltage
VIL
–1.95
–1.48
–1.95
–1.48
–1.95
–1.45
Vdc
AC PARAMETERS
Propagation Delay
tpd
0.9
2.1
0.9
2.2
1.0
2.4
ns
Set–up Time
tset
1.5
1.5
1.5
ns
Hold Time
thold
0.9
0.9
1.0
ns
Rise Time
tr
0.5
1.8
0.5
1.9
0.5
2.0
ns
Fall Time
tf
0.5
1.8
0.5
1.9
0.5
2.0
ns
Toggle Frequency
ftog
250
250
250
MHz
NOTE:
Each MECL 10H series circuit has been designed to meet the dc specifications shown in the test
table, after thermal equilibrium has been established. The circuit is in a test socket or mounted on a
printed circuit board and transverse air flow greater than 500 linear fpm is maintained. Outputs are
terminated through a 50–ohm resistor to –2.0 volts.
CLOCKED TRUTH TABLE
MC10H176
DIP
PIN ASSIGNMENT
VCC1
Q0
Q1
Q2
D0
D1
D2
VEE
VCC2
Q5
Q4
Q3
D5
D4
D3
CLOCK
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
* A clock H is a clock transition from
a low to a high state.
C
L
H *
H *
Q
X
L
H
Qn+1
Qn
L
H
L SUFFIX
CERAMIC PACKAGE
CASE 620–10
P SUFFIX
PLASTIC PACKAGE
CASE 648–08
FN SUFFIX
PLCC
CASE 775–02
Pin assignment is for Dual–in–Line Package.
For PLCC pin assignment, see the Pin Conversion
Tables on page 6–11 of the Motorola MECL Data
Book (DL122/D).


Số phần tương tự - MC10H176

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC10H176 ONSEMI-MC10H176 Datasheet
153Kb / 7P
   Hex D Master?뭆lave Flip?묯lop
February, 2006 ??Rev. 7
MC10H176FN ONSEMI-MC10H176FN Datasheet
153Kb / 7P
   Hex D Master?뭆lave Flip?묯lop
February, 2006 ??Rev. 7
MC10H176FNG ONSEMI-MC10H176FNG Datasheet
153Kb / 7P
   Hex D Master?뭆lave Flip?묯lop
February, 2006 ??Rev. 7
MC10H176FNR2 ONSEMI-MC10H176FNR2 Datasheet
153Kb / 7P
   Hex D Master?뭆lave Flip?묯lop
February, 2006 ??Rev. 7
MC10H176FNR2G ONSEMI-MC10H176FNR2G Datasheet
153Kb / 7P
   Hex D Master?뭆lave Flip?묯lop
February, 2006 ??Rev. 7
More results

Mô tả tương tự - MC10H176

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC10176 ONSEMI-MC10176 Datasheet
106Kb / 5P
   Hex D Master/Slave Flip-Flop
1996 REV 5
MC10176 ONSEMI-MC10176_02 Datasheet
109Kb / 8P
   Hex D Master/Slave Flip-Flop
January, 2002 ??Rev. 7
MC10186 ONSEMI-MC10186 Datasheet
108Kb / 5P
   Hex D Master-Slave Flip-Flop With Reset
1996 REV 5
MC10186 ONSEMI-MC10186_02 Datasheet
110Kb / 8P
   Hex D Master-Slave Flip-Flop with Reset
January, 2002 ??Rev. 7
MC10H186 ONSEMI-MC10H186 Datasheet
100Kb / 4P
   Hex D Master-Slave Flip-Flop with Reset
1996 REV 5
logo
Motorola, Inc
MC1670 MOTOROLA-MC1670 Datasheet
80Kb / 4P
   Master-Slave Flip-Flop
logo
National Semiconductor ...
11C70 NSC-11C70 Datasheet
149Kb / 6P
   MASTER-SLAVE D-TYPE FLIP-FLOP
logo
ON Semiconductor
MC10131 ONSEMI-MC10131 Datasheet
111Kb / 5P
   Dual TYPE D Master-Slave Flip-Flop
1996 REV 5
MC10131 ONSEMI-MC10131_02 Datasheet
112Kb / 8P
   Dual Type D Master-Slave Flip-Flop
January, 2002 ??Rev. 7
MC10H131 ONSEMI-MC10H131 Datasheet
98Kb / 4P
   Dual D Type Master-Slave Flip-Flop
REV 5
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com