công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC10H165 bảng dữ liệu(PDF) 1 Page - ON Semiconductor

tên linh kiện MC10H165
Giải thích chi tiết về linh kiện  8-Input Priority Encoder
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H165 bảng dữ liệu(HTML) 1 Page - ON Semiconductor

  MC10H165 Datasheet HTML 1Page - ON Semiconductor MC10H165 Datasheet HTML 2Page - ON Semiconductor MC10H165 Datasheet HTML 3Page - ON Semiconductor MC10H165 Datasheet HTML 4Page - ON Semiconductor MC10H165 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
2–261
REV 5
© Motorola, Inc. 1996
3/93
8-Input Priority Encoder
The MC10H165 is an 8–Input Priority Encoder. This 10H part is a
functional/pinout duplication of the standard MECL 10K family part, with 100%
improv ement in propagation delay, and no inc r eas es in power–
supply current.
• Propagation Delay, Data–to–Output, 2.2 ns Typical
• Improved Noise Margin 150 mV (Over Operating Voltage and
Temperature Range)
• Voltage Compensated
• MECL 10K–Compatible
MAXIMUM RATINGS
Characteristic
Symbol
Rating
Unit
Power Supply (VCC = 0)
VEE
–8.0 to 0
Vdc
Input Voltage (VCC = 0)
VI
0 to VEE
Vdc
Output Current — Continuous
— Surge
Iout
50
100
mA
Operating Temperature Range
TA
0 to +75
°C
Storage Temperature Range — Plastic
— Ceramic
Tstg
–55 to +150
–55 to +165
°C
ELECTRICAL CHARACTERISTICS (VEE = –5.2 V ±5%) (See Note)
0
°
25
°
75
°
Characteristic
Symbol
Min
Max
Min
Max
Min
Max
Unit
Power Supply Current
IE
144
131
144
mA
Input Current High
Pin 4
Data Inputs
IinH
510
600
320
370
320
370
µAdc
Input Current Low
IinL
0.5
0.5
0.3
µA
High Output Voltage
VOH
–1.02
–0.84
–0.98
–0.81
–0.92
–0.735
Vdc
Low Output Voltage
VOL
–1.95
–1.63
–1.95
–1.63
–1.95
–1.60
Vdc
High Input Voltage
VIH
–1.17
–0.84
–1.13
–0.81
–1.07
–0.735
Vdc
Low Input Voltage
VIL
–1.95
–1.48
–1.95
–1.48
–1.95
–1.45
Vdc
AC PARAMETERS
Propagation Delay
Data Input
→ Output
Clock Input
→ Output
tpd
0.7
0.7
3.4
2.2
0.7
0.7
3.4
2.2
0.7
0.7
3.4
2.2
ns
Set–up Time
tset
3.0
3.0
3.0
ns
Hold Time
thold
0.5
0.5
0.5
ns
Rise Time
tr
0.5
2.4
0.5
2.4
0.5
2.4
ns
Fall Time
tf
0.5
2.4
0.5
2.4
0.5
2.4
ns
NOTE:
Each MECL 10H series circuit has been designed to meet the dc specifications shown in the test table,
after thermal equilibrium has been established. The circuit is in a test socket or mounted on a printed circuit
board and transverse air flow greater than 500 Ifpm is maintained. Outputs are terminated through a
50–ohm resistor to –2.0 volts.
MC10H165
DIP
PIN ASSIGNMENT
VCC1
Q1
Q0
CLOCK
D0
D7
D1
VEE
VCC2
Q2
Q3
D2
D5
D4
D3
D6
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
TRUTH TABLE
DATA INPUTS
OUTPUTS
D0
H
L
L
L
L
L
L
L
L
D1
X
H
L
L
L
L
L
L
L
D2
X
X
H
L
L
L
L
L
L
D3
X
X
X
H
L
L
L
L
L
D4
X
X
X
X
H
L
L
L
L
D5
X
X
X
X
X
H
L
L
L
D6
X
X
X
X
X
X
H
L
L
D7
X
X
X
X
X
X
X
H
L
Q3
H
H
H
H
H
H
H
H
L
Q2
L
L
L
L
H
H
H
H
L
Q1
L
L
H
H
L
L
H
H
L
Q0
L
H
L
H
L
H
L
H
L
L SUFFIX
CERAMIC PACKAGE
CASE 620–10
P SUFFIX
PLASTIC PACKAGE
CASE 648–08
FN SUFFIX
PLCC
CASE 775–02
Pin assignment is for Dual–in–Line Package.
For PLCC pin assignment, see the Pin Conversion
Tables on page 6–11 of the Motorola MECL Data
Book (DL122/D).


Số phần tương tự - MC10H165

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC10H165FN ONSEMI-MC10H165FN Datasheet
158Kb / 8P
   8?묲nput Priority Encoder
March, 2006 ??Rev. 7
MC10H165FNG ONSEMI-MC10H165FNG Datasheet
158Kb / 8P
   8?묲nput Priority Encoder
March, 2006 ??Rev. 7
MC10H165FNR2 ONSEMI-MC10H165FNR2 Datasheet
158Kb / 8P
   8?묲nput Priority Encoder
March, 2006 ??Rev. 7
MC10H165FNR2G ONSEMI-MC10H165FNR2G Datasheet
158Kb / 8P
   8?묲nput Priority Encoder
March, 2006 ??Rev. 7
MC10H165L ONSEMI-MC10H165L Datasheet
158Kb / 8P
   8?묲nput Priority Encoder
March, 2006 ??Rev. 7
More results

Mô tả tương tự - MC10H165

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
74F148 PHILIPS-74F148 Datasheet
85Kb / 10P
   8-input priority encoder
1990 Mar 01
HEF4532B PHILIPS-HEF4532B Datasheet
99Kb / 8P
   8-input priority encoder
January 1995
10165 PHILIPS-10165 Datasheet
222Kb / 5P
   8-Input Priority Encoder
June 14 1990
logo
Motorola, Inc
MC10165 MOTOROLA-MC10165 Datasheet
112Kb / 6P
   8-Input Priority Encoder
MC14532B MOTOROLA-MC14532B Datasheet
230Kb / 8P
   8-BIT PRIORITY ENCODER
logo
ON Semiconductor
MC10H165 ONSEMI-MC10H165_06 Datasheet
158Kb / 8P
   8?묲nput Priority Encoder
March, 2006 ??Rev. 7
MC14532B ONSEMI-MC14532B Datasheet
197Kb / 12P
   8-Bit Priority Encoder
March, 2000 ??Rev. 3
logo
STMicroelectronics
HCC4532B STMICROELECTRONICS-HCC4532B Datasheet
312Kb / 15P
   8-BIT PRIORITY ENCODER
logo
Hitachi Semiconductor
HD14532B HITACHI-HD14532B Datasheet
77Kb / 5P
   8-bit Priority Encoder
logo
Fairchild Semiconductor
4532B FAIRCHILD-4532B Datasheet
119Kb / 3P
   8-INUPUT PRIORITY ENCODER
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com