công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC10H162 bảng dữ liệu(PDF) 1 Page - ON Semiconductor

tên linh kiện MC10H162
Giải thích chi tiết về linh kiện  Binary to 1-8 Decoder(High)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H162 bảng dữ liệu(HTML) 1 Page - ON Semiconductor

  MC10H162 Datasheet HTML 1Page - ON Semiconductor MC10H162 Datasheet HTML 2Page - ON Semiconductor MC10H162 Datasheet HTML 3Page - ON Semiconductor MC10H162 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
2–253
REV 5
© Motorola, Inc. 1996
3/93
Binary to 1-8 Decoder (High)
The MC10H162 provides parallel decoding of a three bit binary word to one
of eight lines. The MC10H162 is useful in high–speed multiplexer/ demultiplexer
applications.
The MC10H162 is designed to decode a three bit input word to one of eight
output lines. The MC10H162 output will be high when selected while all other
output are low. The enable inputs, when either or both are high, force all outputs
low.
The MC10H162 is a true parallel decoder. This eliminates unequal parallel
path delay times found in other decoder designs. These devices are ideally
suited for multiplexer/demultiplexer applications.
• Propagation Delay, 1.0 ns Typical
• Power Dissipation, 315 mW Typical (same as MECL 10K)
• Improved Noise Margin 150 mV (Over Operating Voltage and
Temperature Range)
• Voltage Compensated
• MECL 10K–Compatible
MAXIMUM RATINGS
Characteristic
Symbol
Rating
Unit
Power Supply (VCC = 0)
VEE
–8.0 to 0
Vdc
Input Voltage (VCC = 0)
VI
0 to VEE
Vdc
Output Current — Continuous
— Surge
Iout
50
100
mA
Operating Temperature Range
TA
0 to +75
°C
Storage Temperature Range — Plastic
— Ceramic
Tstg
–55 to +150
–55 to +165
°C
°C
ELECTRICAL CHARACTERISTICS (VEE = –5.2 V ±5%) (See Note)
0
°
25
°
75
°
Characteristic
Symbol
Min
Max
Min
Max
Min
Max
Unit
Power Supply Current
IE
84
76
84
mA
Input Current High
IinH
465
275
275
µA
Input Current Low
IinL
0.5
0.5
0.3
µA
High Output Voltage
VOH
–1.02
–0.84
–0.98
–0.81
–0.92
–0.735
Vdc
Low Output Voltage
VOL
–1.95
–1.63
–1.95
–1.63
–1.95
–1.60
Vdc
High Input Voltage
VIH
–1.17
–0.84
–1.13
–0.81
–1.07
–0.735
Vdc
Low Input Voltage
VIL
–1.95
–1.48
–1.95
–1.48
–1.95
–1.45
Vdc
AC PARAMETERS
Propagation Delay
Pins 7, 9, 14 Only
Pins 2, 15 Only
tpd
0.7
0.8
2.0
2.3
0.7
0.8
2.1
2.4
0.8
0.9
2.5
2.6
ns
Rise Time
tr
0.6
1.8
0.6
1.9
0.6
2.0
ns
Fall Time
tf
0.6
1.8
0.6
1.9
0.6
2.0
ns
NOTE:
Each MECL 10H series circuit has been designed to meet the dc specifications shown in the test table,
after thermal equilibrium has been established. The circuit is in a test socket or mounted on a printed circuit
board and transverse air flow greater than 500 linear fpm is maintained. Outputs are terminated through
a 50–ohm resistor to –2.0 volts.
MC10H162
LOGIC DIAGRAM
DIP
PIN ASSIGNMENT
VCC1
E0
Q3
Q2
Q1
Q0
A
VEE
VCC2
E1
C
Q4
Q5
Q6
Q7
B
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
VCC1 = Pin 1
VCC2 = Pin 16
VEE = Pin 8
E02
E115
A7
B9
C14
6Q0
5Q1
4Q2
3Q3
13 Q4
12 Q5
11 Q6
10 Q7
L
L
L
L
H
L
L
L
L
L
L
L
L
L
L
L
L
L
X
H
TRUTH TABLE
INPUTS
OUTPUTS
L
L
L
L
L
L
L
L
H
X
L
L
L
L
H
H
H
H
X
X
L
L
H
H
L
L
H
H
X
X
L
H
L
H
L
H
L
H
X
X
H
L
L
L
L
L
L
L
L
L
L
H
L
L
L
L
L
L
L
L
L
L
H
L
L
L
L
L
L
L
L
L
L
H
L
L
L
L
L
L
L
L
L
L
L
H
L
L
L
L
L
L
L
L
L
L
H
L
L
L
L
L
L
L
L
L
L
H
L
L
Q4
E1
E0
C
B
A Q0 Q1 Q2 Q3
Q5 Q6 Q7
L SUFFIX
CERAMIC PACKAGE
CASE 620–10
P SUFFIX
PLASTIC PACKAGE
CASE 648–08
FN SUFFIX
PLCC
CASE 775–02
Pin assignment is for Dual–in–Line Package.
For PLCC pin assignment, see the Pin Conversion
Tables on page 6–11 of the Motorola MECL Data
Book (DL122/D).


Số phần tương tự - MC10H162

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC10H162FN ONSEMI-MC10H162FN Datasheet
163Kb / 7P
   Binary to 1?? Decoder (High)
February, 2006 ??Rev. 7
MC10H162FNG ONSEMI-MC10H162FNG Datasheet
163Kb / 7P
   Binary to 1?? Decoder (High)
February, 2006 ??Rev. 7
MC10H162FNR2 ONSEMI-MC10H162FNR2 Datasheet
163Kb / 7P
   Binary to 1?? Decoder (High)
February, 2006 ??Rev. 7
MC10H162FNR2G ONSEMI-MC10H162FNR2G Datasheet
163Kb / 7P
   Binary to 1?? Decoder (High)
February, 2006 ??Rev. 7
MC10H162L ONSEMI-MC10H162L Datasheet
163Kb / 7P
   Binary to 1?? Decoder (High)
February, 2006 ??Rev. 7
More results

Mô tả tương tự - MC10H162

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC10162 ONSEMI-MC10162 Datasheet
91Kb / 4P
   Binary to 1-8 Decoder (High)
January, 2002 ??Rev. 7
MC10H161 ONSEMI-MC10H161_00 Datasheet
138Kb / 8P
   Binary to 1-8 Decoder
March, 2000 ??Rev. 6
MC10161 ONSEMI-MC10161_02 Datasheet
119Kb / 8P
   Binary to 1-8 Decoder (Low)
January, 2002 ??Rev. 7
MC10161 ONSEMI-MC10161 Datasheet
120Kb / 5P
   Binary to 1-8 Decoder(Low)
1996 REV 5
MC10H161 ONSEMI-MC10H161 Datasheet
119Kb / 4P
   Binary to 1-8 Decoder(Low)
REV 5
MC10H162 ONSEMI-MC10H162_06 Datasheet
163Kb / 7P
   Binary to 1?? Decoder (High)
February, 2006 ??Rev. 7
MC10H161 ONSEMI-MC10H161_06 Datasheet
164Kb / 7P
   Binary to 1?? Decoder (Low)
February, 2006 ??Rev. 7
logo
Motorola, Inc
MC10172 MOTOROLA-MC10172 Datasheet
117Kb / 5P
   Dual Binary to 1-4 Decoder(High)
logo
ON Semiconductor
MC10H171 ONSEMI-MC10H171 Datasheet
135Kb / 5P
   Dual Binary to 1-4 Decoder (Low)
March, 2006 ??Rev. 7
MC10171 ONSEMI-MC10171 Datasheet
110Kb / 5P
   Dual Binary to 1-4 Decoder(Low)
1996 REV 5
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com