công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC10H124M bảng dữ liệu(PDF) 2 Page - ON Semiconductor

tên linh kiện MC10H124M
Giải thích chi tiết về linh kiện  Quad TTL-to-MECL Translator With TTL Strobe Input
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H124M bảng dữ liệu(HTML) 2 Page - ON Semiconductor

  MC10H124M Datasheet HTML 1Page - ON Semiconductor MC10H124M Datasheet HTML 2Page - ON Semiconductor MC10H124M Datasheet HTML 3Page - ON Semiconductor MC10H124M Datasheet HTML 4Page - ON Semiconductor MC10H124M Datasheet HTML 5Page - ON Semiconductor MC10H124M Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MC10H124
http://onsemi.com
2
Table 1. DIP CONVERSION TABLE
16−Pin DIL to 20−Pin PLCC
16 PIN DIL
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
20 PIN PLCC
2
3
4
5
7
8
9
10
12
13
14
15
17
18
19
20
Table 2. MAXIMUM RATINGS
Symbol
Characteristic
Rating
Unit
VEE
Power Supply (VCC = 5.0 V)
−8.0 to 0
Vdc
VCC
Power Supply (VEE = −5.2 V)
0 to +7.0
Vdc
VI
Input Voltage (VCC = 5.0 V) TTL
0 to VCC
Vdc
Iout
Output Current − Continuous
− Surge
50
100
mA
TA
Operating Temperature Range
0 to +75
°C
Tstg
Storage Temperature Range − Plastic
− Ceramic
−55 to +150
−55 to +165
°C
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
Table 3. ELECTRICAL CHARACTERISTICS (VEE = −5.2 V ±5%, VCC = 5.0 V ± 5.0%)
0
°
25
°
75
°
Symbol
Characteristic
Min
Max
Min
Max
Min
Max
Unit
IE
Negative Power
Supply Drain Current
72
66
72
mA
ICCH
Positive Power
16
16
18
mA
ICCH
ICCL
Positive Power
Supply Drain Current
16
25
16
25
18
25
mA
IR
Reverse Current
Pin 6
Pin 7
200
50
200
50
200
50
mA
IF
Forward Current
Pin 6
Pin 7
−12.8
−3.2
−12.8
−3.2
−12.8
−3.2
mA
V(BR)in
Input Breakdown Voltage
5.5
5.5
5.5
Vdc
VI
Input Clamp Voltage
−1.5
−1.5
−1.5
Vdc
VOH
High Output Voltage
−1.02
−0.84
−0.98
−0.81
−0.92
−0.735
Vdc
VOL
Low Output Voltage
−1.95
−1.63
−1.95
−1.63
−1.95
−1.60
Vdc
VIH
High Input Voltage
2.0
2.0
2.0
Vdc
VIL
Low Input Voltage
0.8
0.8
0.8
Vdc
1. Each MECL 10H series circuit has been designed to meet the dc specifications shown in the test table, after thermal equilibrium has been
established. The circuit is in a test socket or mounted on a printed circuit board and transverse air flow greater than 500 Ifpm is maintained.
Outputs are terminated through a 50
W resistor to −2.0 V.
Table 4. AC CHARACTERISTICS
0
°
25
°
75
°
Symbol
Characteristic
Min
Max
Min
Max
Min
Max
Unit
tpd
Propagation Delay
0.55
2.5
0.55
2.65
0.85
3.1
ns
tr
Rise Time
0.5
1.5
0.5
1.6
0.5
1.7
ns
tf
Fall Time
0.5
1.5
0.5
1.6
0.5
1.7
ns
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.


Số phần tương tự - MC10H124M

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC10H124 ONSEMI-MC10H124 Datasheet
149Kb / 6P
   Quad TTL?릘o?륪ECL Translator
August, 2016 ??Rev. 12
MC10H124FNG ONSEMI-MC10H124FNG Datasheet
149Kb / 6P
   Quad TTL?릘o?륪ECL Translator
August, 2016 ??Rev. 12
MC10H124FNR2G ONSEMI-MC10H124FNR2G Datasheet
149Kb / 6P
   Quad TTL?릘o?륪ECL Translator
August, 2016 ??Rev. 12
MC10H124PG ONSEMI-MC10H124PG Datasheet
149Kb / 6P
   Quad TTL?릘o?륪ECL Translator
August, 2016 ??Rev. 12
MC10H124 ONSEMI-MC10H124_16 Datasheet
149Kb / 6P
   Quad TTL?릘o?륪ECL Translator
August, 2016 ??Rev. 12
More results

Mô tả tương tự - MC10H124M

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC10524 MOTOROLA-MC10524 Datasheet
656Kb / 10P
   Quad TTL-to-MECL Translator
logo
ON Semiconductor
MC10H125 ONSEMI-MC10H125 Datasheet
78Kb / 8P
   Quad MECL-to-TTL Translator
May, 2003 - Rev. 11
MC10125 ONSEMI-MC10125 Datasheet
118Kb / 8P
   Quad MECL to TTL Translator
January, 2002 ??Rev. 7
logo
Motorola, Inc
MC10525 MOTOROLA-MC10525 Datasheet
872Kb / 12P
   Quad MECL-to-TTL Translator
logo
ON Semiconductor
MC10124 ONSEMI-MC10124 Datasheet
125Kb / 7P
   Quad TTL to MECL Translator
1996 REV 5
MC10124 ONSEMI-MC10124_02 Datasheet
121Kb / 8P
   Quad TTL to MECL Translator
January, 2002 ??Rev. 7
MC10H424 ONSEMI-MC10H424 Datasheet
102Kb / 4P
   Quad TTL-to-ECL Translator with ECL Strobe
1996 REV 5
MC10H424 ONSEMI-MC10H424_00 Datasheet
117Kb / 4P
   Quad TTL to ECL Translator with ECL Strobe
March, 2000 ??Rev. 6
MC10H424 ONSEMI-MC10H424_06 Datasheet
134Kb / 5P
   Quad TTL to ECL Translator with ECL Strobe
August, 2006 ??Rev. 10
logo
Motorola, Inc
MC10125 MOTOROLA-MC10125 Datasheet
127Kb / 7P
   Quad MECL to TTL Transistor
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com