công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PESD7V0C1BSF bảng dữ liệu(PDF) 4 Page - Nexperia B.V. All rights reserved

tên linh kiện PESD7V0C1BSF
Giải thích chi tiết về linh kiện  Ultra low capacitance bidirectional ESD protection diode
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEXPERIA [Nexperia B.V. All rights reserved]
Trang chủ  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PESD7V0C1BSF bảng dữ liệu(HTML) 4 Page - Nexperia B.V. All rights reserved

  PESD7V0C1BSF Datasheet HTML 1Page - Nexperia B.V. All rights reserved PESD7V0C1BSF Datasheet HTML 2Page - Nexperia B.V. All rights reserved PESD7V0C1BSF Datasheet HTML 3Page - Nexperia B.V. All rights reserved PESD7V0C1BSF Datasheet HTML 4Page - Nexperia B.V. All rights reserved PESD7V0C1BSF Datasheet HTML 5Page - Nexperia B.V. All rights reserved PESD7V0C1BSF Datasheet HTML 6Page - Nexperia B.V. All rights reserved PESD7V0C1BSF Datasheet HTML 7Page - Nexperia B.V. All rights reserved PESD7V0C1BSF Datasheet HTML 8Page - Nexperia B.V. All rights reserved PESD7V0C1BSF Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Nexperia
PESD7V0C1BSF
Ultra low capacitance bidirectional ESD protection diode
PESD7V0C1BSF
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2017. All rights reserved
Product data sheet
17 December 2017
4 / 12
9. Characteristics
Table 6. Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VRWM
reverse standoff
voltage
Tamb = 25 °C
-
-
7
V
VBR
breakdown voltage
IR = 1 mA; Tamb = 25 °C
7.5
9
11
V
IRM
reverse leakage
current
VRWM = 7 V; Tamb = 25 °C
-
1
50
nA
f = 1 MHz; VR = 0 V; Tamb = 25 °C
-
0.2
0.25
pF
Cd
diode capacitance
f = 2.5 GHz; VR = 0 V
-
0.2
-
pF
IPPM = 9 A; tp = 8/20 µs; Tamb = 25 °C
[1]
-
-
5.5
V
IPP = 8 A; tp = TLP; Tamb = 25 °C
[2]
-
4.6
-
V
VCL
clamping voltage
IPP = 16 A; tp = TLP; Tamb = 25 °C
[2]
-
6.5
-
V
Rdyn
dynamic resistance
IR = 10 A; Tamb = 25 °C
[2]
-
0.23
-
Ω
[1] According to IEC 61000-4-5 and IEC 61643-321.
[2] Non-repetitive current pulse, Transmission Line Pulse (TLP) tp = 100 ns; square pulse; ANSI / ESD STM5.5.1-2008.
006aab325
-VCL -VBR -VRWM
VCL
VBR
VRWM
-IRM
IRM
-IR
IR
-IPP
IPP
-
+
IPPM
-IPPM
Fig. 3. V-I characteristics for a bidirectional ESD
protection diode
VR (V)
7
5
1
6
4
2
0
3
aaa-027220
0.25
Cd
(pF)
0
0.05
0.10
0.15
0.20
f = 1 MHz; Tamb = 25 °C
Fig. 4. Diode capacitance as a function of reverse
voltage; typical values


Số phần tương tự - PESD7V0C1BSF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Nexperia B.V. All right...
PESD7V0H1BSF NEXPERIA-PESD7V0H1BSF Datasheet
238Kb / 12P
   Ultra low capacitance bidirectional ESD protection diode
21 January 2022
PESD7V0L1BSL NEXPERIA-PESD7V0L1BSL Datasheet
224Kb / 11P
   ESD protection device
3 September 2021
PESD7V0R1BSF NEXPERIA-PESD7V0R1BSF Datasheet
236Kb / 12P
   Ultra low capacitance bidirectional ESD protection diode
3 March 2021
More results

Mô tả tương tự - PESD7V0C1BSF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
PESD3V3X1BL NXP-PESD3V3X1BL Datasheet
91Kb / 11P
   Ultra low capacitance bidirectional ESD protection diode
Rev. 01-6 January 2009
PESD18VF1BL NXP-PESD18VF1BL Datasheet
716Kb / 11P
   Ultra low capacitance bidirectional ESD protection diode
Rev. 1-2 September 2013
PESD5V0H1BSF PHILIPS-PESD5V0H1BSF_15 Datasheet
193Kb / 13P
   Ultra low capacitance bidirectional ESD protection diode
7 May 2015
logo
Nexperia B.V. All right...
PESD3V3C1BSF NEXPERIA-PESD3V3C1BSF Datasheet
694Kb / 12P
   Ultra low capacitance bidirectional ESD protection diode
logo
NXP Semiconductors
PESD5V0R1BSF PHILIPS-PESD5V0R1BSF_15 Datasheet
189Kb / 12P
   Ultra low capacitance bidirectional ESD protection diode
7 May 2015
PESD18VF1BSF PHILIPS-PESD18VF1BSF_15 Datasheet
187Kb / 11P
   Ultra low capacitance bidirectional ESD protection diode
20 May 2015
logo
Nexperia B.V. All right...
PESD24VF1BSF NEXPERIA-PESD24VF1BSF Datasheet
672Kb / 12P
   Ultra low capacitance bidirectional ESD protection diode
PESD5V0U1BLD-Q NEXPERIA-PESD5V0U1BLD-Q Datasheet
216Kb / 11P
   Ultra low capacitance bidirectional ESD protection diode
13 July 2022
PESD24VF1BL-Q NEXPERIA-PESD24VF1BL-Q Datasheet
233Kb / 11P
   Ultra low capacitance bidirectional ESD protection diode
1 June 2022
PESD18VF1BLS-Q NEXPERIA-PESD18VF1BLS-Q Datasheet
210Kb / 11P
   Ultra-low capacitance bidirectional ESD protection diode
13 January 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com