công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS1205IRGET bảng dữ liệu(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS1205IRGET
Giải thích chi tiết về linh kiện  TWO 1-BIT, 10MHz, 2nd-ORDER DELTA-SIGMA MODULATORS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

ADS1205IRGET bảng dữ liệu(HTML) 4 Page - Texas Instruments

  ADS1205IRGET Datasheet HTML 1Page - Texas Instruments ADS1205IRGET Datasheet HTML 2Page - Texas Instruments ADS1205IRGET Datasheet HTML 3Page - Texas Instruments ADS1205IRGET Datasheet HTML 4Page - Texas Instruments ADS1205IRGET Datasheet HTML 5Page - Texas Instruments ADS1205IRGET Datasheet HTML 6Page - Texas Instruments ADS1205IRGET Datasheet HTML 7Page - Texas Instruments ADS1205IRGET Datasheet HTML 8Page - Texas Instruments ADS1205IRGET Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
ADS1205
SBAS312A − JANUARY 2005 − REVISED APRIL 2005
www.ti.com
4
ELECTRICAL CHARACTERISTICS (continued)
Over recommended operating free-air temperature range at −40
°C to +85°C, AVDD = 5V, BVDD = 3V, CH x+ = 0.5V to 4.5V, CH x− = 2.5V,
REFIN = REFOUT = internal +2.5V, CLKIN = 20MHz, and 16-bit Sinc3 filter with decimation by 256, unless otherwise noted.
PARAMETER
UNITS
ADS1205I
TEST CONDITIONS
PARAMETER
UNITS
MAX
TYP(1)
MIN
TEST CONDITIONS
Voltage Reference Output
VREFOUT
Reference voltage output
−40
°C to +85°C
2.450
2.5
2.550
V
dVREFOUT/dT Output voltage temperature drift
±20
ppm/
°C
Output voltage noise
f = 0.1Hz to 10Hz, CL = 10µF
10
µVrms
Output voltage noise
f =10Hz to 10kHz, CL = 10µF
12
µVrms
PSRR
Power-supply rejection ratio
60
dB
IOUT
Output current
10
µA
ISC
Short-circuit current
0.5
mA
Turn-on settling time
to 0.1% at CL = 0
100
µs
Voltage Reference Input
VIN
Reference voltage input
0.5
2.5
2.6
V
Reference input resistance
100
M
Reference input capacitance
5
pF
Reference input current
1
µA
Digital Inputs(6)
Logic family
CMOS with Schmitt Trigger
VIH
High-level input voltage
0.7
×BVDD
BVDD+0.3
V
VIL
Low-level input voltage
−0.3
0.3
×BVDD
V
IIN
Input current
VI = BVDD or GND
±50
nA
CI
Input capacitance
5
pF
Digital Outputs(6)
Logic family
CMOS
VOH
High-level output voltage
BVDD = 4.5V, IOH = −100µA
4.44
V
VOL
Low-level output voltage
BVDD = 4.5V, IOL = +100µA
0.5
V
CO
Output capacitance
5
pF
CL
Load capacitance
30
pF
Data format
Bit Stream
(1) All typical values are at TA = +25°C.
(2) Integral nonlinearity is defined as the maximum deviation of the line through the end points of the specified input range of the transfer curve
for CH x+ = −2V to +2V at 2.5V, expressed either as the number of LSBs or as a percent of measured input range (4V).
(3) Ensured by design.
(4) Maximum values, including temperature drift, are ensured over the full specified temperature range.
(5) With reduced accuracy, the clock frequency can go from 1MHz to 33MHz.
(6) Applicable for 5.0V nominal supply: BVDD (min) = 4.5V and BVDD (max) = 5.5V.
(7) Applicable for 3.0V nominal supply: BVDD (min) = 2.7V and BVDD (max) = 3.6V.


Số phần tương tự - ADS1205IRGET

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS1205IRGET TI1-ADS1205IRGET Datasheet
850Kb / 29P
[Old version datasheet]   Two 1-bit, 10Mhz, 2nd Order Delta-sigma Modulators
ADS1205IRGET TI1-ADS1205IRGET Datasheet
1Mb / 30P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1205IRGETG4 TI1-ADS1205IRGETG4 Datasheet
850Kb / 29P
[Old version datasheet]   Two 1-bit, 10Mhz, 2nd Order Delta-sigma Modulators
More results

Mô tả tương tự - ADS1205IRGET

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS1209 TI-ADS1209_15 Datasheet
966Kb / 23P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1205 TI1-ADS1205 Datasheet
850Kb / 29P
[Old version datasheet]   Two 1-bit, 10Mhz, 2nd Order Delta-sigma Modulators
ADS1209 TI-ADS1209 Datasheet
432Kb / 20P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1205 TI-ADS1205_15 Datasheet
850Kb / 29P
[Old version datasheet]   Two 1-Bit, 10MHz,2nd-Order Delta-sigma Modulators
ADS1209 TI-ADS1209_1 Datasheet
415Kb / 20P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1209 TI1-ADS1209_14 Datasheet
1,020Kb / 24P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1205 TI1-ADS1205_14 Datasheet
1Mb / 30P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1204 TI-ADS1204_15 Datasheet
968Kb / 28P
[Old version datasheet]   Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1204 TI1-ADS1204 Datasheet
812Kb / 27P
[Old version datasheet]   Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1204 TI1-ADS1204_14 Datasheet
1Mb / 29P
[Old version datasheet]   Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com