công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS1205IRGERG4 bảng dữ liệu(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS1205IRGERG4
Giải thích chi tiết về linh kiện  TWO 1-BIT, 10MHz, 2nd-ORDER DELTA-SIGMA MODULATORS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

ADS1205IRGERG4 bảng dữ liệu(HTML) 2 Page - Texas Instruments

  ADS1205IRGERG4 Datasheet HTML 1Page - Texas Instruments ADS1205IRGERG4 Datasheet HTML 2Page - Texas Instruments ADS1205IRGERG4 Datasheet HTML 3Page - Texas Instruments ADS1205IRGERG4 Datasheet HTML 4Page - Texas Instruments ADS1205IRGERG4 Datasheet HTML 5Page - Texas Instruments ADS1205IRGERG4 Datasheet HTML 6Page - Texas Instruments ADS1205IRGERG4 Datasheet HTML 7Page - Texas Instruments ADS1205IRGERG4 Datasheet HTML 8Page - Texas Instruments ADS1205IRGERG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
ADS1205
SBAS312A − JANUARY 2005 − REVISED APRIL 2005
www.ti.com
2
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with appropriate
precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more susceptible to
damage because very small parametric changes could cause the device not to meet its published specifications.
Package/Ordering Information
For the most current package and ordering information, see the Package Option Addendum at the end of this document,
or see the TI web site at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range unless otherwise noted(1)
ADS1205
UNIT
Supply voltage, AGND to AVDD
−0.3 to 6
V
Supply voltage, BGND to BVDD
−0.3 to 6
V
Analog input voltage with respect to AGND
AGND − 0.3 to AVDD + 0.3
V
Reference input voltage with respect to AGND
AGND − 0.3 to AVDD + 0.3
V
Digital input voltage with respect to BGND
BGND − 0.3 to BVDD + 0.3
V
Ground voltage difference, AGND to BGND
±0.3
V
Voltage differences, BVDD to AGND
−0.3 to 6
V
Input current to any pin except supply
±10
mA
Power dissipation
See Dissipation Rating table
Operating virtual junction temperature range, TJ
−40 to +150
°C
Operating free-air temperature range, TA
−40 to +85
°C
Storage temperature range, TSTG
−65 to +150
°C
(1) Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating Conditions is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
DISSIPATION RATINGS
PACKAGE
TA ≤ 25°C
POWER RATING
DERATING FACTOR
ABOVE TA = 25°C(1)
TA = 70°C
POWER RATING
TA = 85°C
POWER RATING
QFN-24 (4x4)
2193mW
21.929mW/
°C
1206mW
877.2mW
(1) This is the inverse of the traditional junction-to-ambient thermal resistance (RqJA). Thermal resistances are not production tested and are for
informational purposes only.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
MIN
NOM
MAX
UNIT
Supply voltage, AGND to AVDD
4.5
5
5.5
V
Supply voltage, BGND to BVDD
Low-Voltage Levels
2.7
3.6
V
Supply voltage, BGND to BVDD
5V Logic Levels
4.5
5
5.5
V
Reference input voltage
0.5
2.5
2.6
V
Operating common-mode signal
−IN
2.5
V
Analog inputs
+IN − (−IN)
±0.8 × REFIN
V
External clock(1)
16
20
24
MHz
Operating junction temperature range, TJ
−40
105
°C
(1) With reduced accuracy, clock can go from 1MHz up to 33MHz; see Typical Characteristics.


Số phần tương tự - ADS1205IRGERG4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS1205IRGERG4 TI1-ADS1205IRGERG4 Datasheet
850Kb / 29P
[Old version datasheet]   Two 1-bit, 10Mhz, 2nd Order Delta-sigma Modulators
More results

Mô tả tương tự - ADS1205IRGERG4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS1209 TI-ADS1209_15 Datasheet
966Kb / 23P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1205 TI1-ADS1205 Datasheet
850Kb / 29P
[Old version datasheet]   Two 1-bit, 10Mhz, 2nd Order Delta-sigma Modulators
ADS1209 TI-ADS1209 Datasheet
432Kb / 20P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1205 TI-ADS1205_15 Datasheet
850Kb / 29P
[Old version datasheet]   Two 1-Bit, 10MHz,2nd-Order Delta-sigma Modulators
ADS1209 TI-ADS1209_1 Datasheet
415Kb / 20P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1209 TI1-ADS1209_14 Datasheet
1,020Kb / 24P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1205 TI1-ADS1205_14 Datasheet
1Mb / 30P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1204 TI-ADS1204_15 Datasheet
968Kb / 28P
[Old version datasheet]   Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1204 TI1-ADS1204 Datasheet
812Kb / 27P
[Old version datasheet]   Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1204 TI1-ADS1204_14 Datasheet
1Mb / 29P
[Old version datasheet]   Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com