công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese▼

Delete All
ON OFF
ALLDATASHEET.VN

X  

Preview PDF Download HTML

U038-010-GY-MAX Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

tên linh kiện U038-010-GY-MAX
Nội dung chi tiết  Heavy-Duty USB-A to USB-C Cable - M/M, USB 2.0, UHMWPE and Aramid Fibers, Gray, 10 ft. (3m)
tải về  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
nhà sản xuất  TRIPPLITE [Tripp Lite. All Rights Reserved]
Trang chủ  http://www.tripplite.com/
Logo 

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Heavy-Duty USB-A to USB-C Cable - M/M, USB
2.0, UHMWPE and Aramid Fibers, Gray, 10 ft. (3
m)
MODEL NUMBER: U038-010-GY-MAX
Durable USB cable connects a smartphone or other USB-C device to the USB-A port on your computer,
wall charger or car charger.
Features
Heavily Reinforced USB 2.0 Cable Charges and Syncs Your Phone or Other USB-C DeviceThis
heavy-duty USB sync/charge cable (M/M) connects your smartphone, tablet, MacBook, Ultrabook,
Chromebook or other USB-C device to the USB-A port on a computer, car charger or wall charger. It
allows you to charge and power your USB-C device, while simultaneously synching and transferring data
at USB 2.0 data transfer speeds up to 480 Mbps. The cable is backward compatible with previous USB
generations, allowing you to use it with older equipment.
Constructed Using UHMWPE and Bulletproof Aramid Fiber Designed to LastCharging cables used
with mobile devices are often pulled, strained and generally abused, sometimes to the point of failure. To
counter the stress of daily abuse, the super-robust U038-010-GY-MAX is constructed using UHMWPE
and Aramid fiber to reinforce the conductors inside the cable. The double-braided nylon jacket helps
maintain top performance and long life, while the enhanced UHMWPE and Aramid protection stands up to
the strain of rigorous and frequent use. Integral strain relief gives the cable extra flexibility, reduces stress,
and helps the cable move freely without cracking or breaking loose from the connector.
Reversible USB-C Connector Attaches in Either DirectionUnlike traditional USB cables that connect in
only one direction, the reversible USB-C male connector plugs into a USB-C or Thunderbolt 3 port in
either direction for a fumble-free connection every time. The cord’s 10-foot length allows you flexibility in
placing your device with respect to the connected computer or charger.
Highlights
Engineered using UHMWPE
and Aramid fiber to stand up to
frequent and rigorous use
q
Extra-strong cable construction
helps prevent fraying and loose
cable connectors
q
Supports USB 2.0 speeds up to
480 Mbps to ensure efficient
charging and data transfers
q
Integral strain relief helps cable
move freely without stress or
cracking
q
Reversible USB-C plug
connects in either direction for
immediate no-fuss use
q
Applications
Charge and sync your
MacBook, Chromebook or other
USB-C device from a USB
computer or wall charger up to
10 ft. away
q
Transfer data between an
external hard drive and your
USB-C notebook or computer
q
Replace a cable that became
frayed or inoperable due to
frequent use
q
System Requirements
Device or charger with USB-A
port
q
Device with USB-C port
q
Package Includes
U038-010-GY-MAX Heavy-Duty
USB-A to USB-C Cable (M/M),
Gray, 10 ft. (3 m)
q
1 / 3



Html Pages

1  2  3 


bảng dữ liệu tải về




Link URL




Privacy Policy
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ]  

Alldatasheet là?   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Đánh dấu trang   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved© Alldatasheet.com


Site nhân bản
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn