công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese▼

Delete All
ON OFF
ALLDATASHEET.VN

X  

Preview PDF Download HTML

SBS9080-509T Datasheet(PDF) 1 Page - Kemet Corporation

tên linh kiện SBS9080-509T
Nội dung chi tiết  KEMET, SBS9080, DC Line Filters, Common Mode
tải về  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
nhà sản xuất  KEMET [Kemet Corporation]
Trang chủ  http://www.kemet.com
Logo 

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
KEMET Part Number: SBS9080-509T
(UDLSBS9080509T)
KEMET, SBS9080, DC Line Filters, Common Mode
Dimensions
L
9.7mm MAX
W
8.7mm MAX
T
5.4mm MAX
LL
1.5mm NOM
S
7.2mm MAX
Packaging Specifications
Packaging: T&R, 330mm
Packaging Quantity: 1000
Weight: 900 mg
General Information
Series: SBS9080
Style: SMD
RoHS: Yes
Miscellaneous:
Withstanding Voltage: 125 VDC
1min Between Lines, Insulation
Resistance: 10MOhm MIN (100
VDC Between Lines)
Specifications
Voltage DC: 50 VDC
Temperature Range: -25/+50°C
DC Resistance: 15 mOhms
© 2006 - 2019 KEMET
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.
Generated 11/14/2019 - cd255f2b-235e-47f1-9518-f34111eda1be



Html Pages

1 


bảng dữ liệu tải về




Link URL




Privacy Policy
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ]  

Alldatasheet là?   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Đánh dấu trang   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved© Alldatasheet.com


Site nhân bản
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn