công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC100EL16DT bảng dữ liệu(PDF) 4 Page - ON Semiconductor

tên linh kiện MC100EL16DT
Giải thích chi tiết về linh kiện  Differential Receiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EL16DT bảng dữ liệu(HTML) 4 Page - ON Semiconductor

  MC100EL16DT Datasheet HTML 1Page - ON Semiconductor MC100EL16DT Datasheet HTML 2Page - ON Semiconductor MC100EL16DT Datasheet HTML 3Page - ON Semiconductor MC100EL16DT Datasheet HTML 4Page - ON Semiconductor MC100EL16DT Datasheet HTML 5Page - ON Semiconductor MC100EL16DT Datasheet HTML 6Page - ON Semiconductor MC100EL16DT Datasheet HTML 7Page - ON Semiconductor MC100EL16DT Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MC10EL16, MC100EL16
http://onsemi.com
4
100EL SERIES PECL DC CHARACTERISTICS VCC = 5.0 V; VEE = 0.0 V (Note 9)
−40
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Power Supply Current
18
22
18
22
21
26
mA
VOH
Output HIGH Voltage (Note 10)
3915
3995
4120
3975
4045
4120
3975
4050
4120
mV
VOL
Output LOW Voltage (Note 10)
3170
3305
3445
3190
3295
3380
3190
3295
3380
mV
VIH
Input HIGH Voltage (Single−Ended)
3835
4120
3835
4120
3835
4120
mV
VIL
Input LOW Voltage (Single−Ended)
3190
3525
3190
3525
3190
3525
mV
VBB
Output Voltage Reference
3.62
3.74
3.62
3.74
3.62
3.74
V
VIHCMR
Input HIGH Voltage Common Mode
Range (Differential) (Note 11)
2.5
4.6
2.5
4.6
2.5
4.6
V
IIH
Input HIGH Current
150
150
150
mA
IIL
Input LOW Current
0.5
0.5
0.5
mA
NOTE: Devices are designed to meet the DC specifications shown in the above table, after thermal equilibrium has been established. The
circuit is in a test socket or mounted on a printed circuit board and transverse air flow greater than 500 lfpm is maintained.
9. Input and output parameters vary 1:1 with VCC. VEE can vary +0.8 V / −0.5 V.
10. Outputs are terminated through a 50
W resistor to VCC − 2 volts.
11. VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential input
signal. Normal operation is obtained if the HIGH level falls within the specified range and the peak-to-peak voltage lies between VPPmin and 1 V.
100EL SERIES NECL DC CHARACTERISTICS VCC = 0.0 V; VEE = −5.0 V (Note 12)
−40
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Power Supply Current
18
22
18
22
21
26
mA
VOH
Output HIGH Voltage (Note 13)
−1085
−1005
−880
−1025
−955
−880
−1025
−955
−880
mV
VOL
Output LOW Voltage (Note 13)
−1830
−1695
−1555
−1810
−1705
−1620
−1810
−1705
−1620
mV
VIH
Input HIGH Voltage (Single−Ended)
−1165
−880
−1165
−880
−1165
−880
mV
VIL
Input LOW Voltage (Single−Ended)
−1810
−1475
−1810
−1475
−1810
−1475
mV
VBB
Output Voltage Reference
−1.38
−1.26
−1.38
−1.26
−1.38
−1.26
V
VIHCMR
Input HIGH Voltage Common Mode
Range (Differential) (Note 14)
−2.5
−0.4
−2.5
−0.4
−2.5
−0.4
V
IIH
Input HIGH Current
150
150
150
mA
IIL
Input LOW Current
0.5
0.5
0.5
mA
NOTE: Devices are designed to meet the DC specifications shown in the above table, after thermal equilibrium has been established. The
circuit is in a test socket or mounted on a printed circuit board and transverse air flow greater than 500 lfpm is maintained.
12. Input and output parameters vary 1:1 with VCC. VEE can vary +0.8 V / −0.5 V.
13. Outputs are terminated through a 50
W resistor to VCC−2 volts.
14. VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential
input signal. Normal operation is obtained if the HIGH level falls within the specified range and the peak-to-peak voltage lies between VPPmin
and 1 V.


Số phần tương tự - MC100EL16DT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC100EL16DT ONSEMI-MC100EL16DT Datasheet
153Kb / 9P
   5.0 V ECL Differential Receiver
December, 2006 ??Rev. 7
MC100EL16DTG ONSEMI-MC100EL16DTG Datasheet
153Kb / 9P
   5.0 V ECL Differential Receiver
December, 2006 ??Rev. 7
MC100EL16DTG ONSEMI-MC100EL16DTG Datasheet
169Kb / 8P
   5.0 V ECL Differential Receiver
July, 2016 ??Rev. 9
MC100EL16DTR2 ONSEMI-MC100EL16DTR2 Datasheet
153Kb / 9P
   5.0 V ECL Differential Receiver
December, 2006 ??Rev. 7
MC100EL16DTR2G ONSEMI-MC100EL16DTR2G Datasheet
153Kb / 9P
   5.0 V ECL Differential Receiver
December, 2006 ??Rev. 7
More results

Mô tả tương tự - MC100EL16DT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC100LVEL16 ONSEMI-MC100LVEL16 Datasheet
58Kb / 3P
   Differential Receiver
1996 REV 0
MC10EP16 ONSEMI-MC10EP16 Datasheet
87Kb / 8P
   Differential Receiver
Sep, 1999 ??Rev. 1.0
logo
SEMTECH ELECTRONICS LTD...
100EL16TA-TD SEMTECH_ELEC-100EL16TA-TD Datasheet
202Kb / 10P
   Differential Receiver
logo
Elantec Semiconductor
EL2142C ELANTEC-EL2142C Datasheet
163Kb / 8P
   Differential Line Receiver
logo
Arizona Microtek, Inc
AZ100EP16 AZM-AZ100EP16_12 Datasheet
421Kb / 7P
   LVPECL Differential Receiver
logo
Micrel Semiconductor
SY10EL16VA MICREL-SY10EL16VA Datasheet
158Kb / 9P
   ENHANCED DIFFERENTIAL RECEIVER
logo
Integral Corp.
IL34C86 INTEGRAL-IL34C86 Datasheet
129Kb / 5P
   Differential line receiver.
logo
Intersil Corporation
EL9110 INTERSIL-EL9110_07 Datasheet
178Kb / 10P
   Differential Receiver/Equalizer
EL2142 INTERSIL-EL2142 Datasheet
274Kb / 6P
   Differential Line Receiver
logo
Micrel Semiconductor
SY10EL16VA-VF MICREL-SY10EL16VA-VF Datasheet
147Kb / 9P
   ENHANCED DIFFERENTIAL RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com