công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC10EL35 bảng dữ liệu(PDF) 3 Page - ON Semiconductor

tên linh kiện MC10EL35
Giải thích chi tiết về linh kiện  JK Flip-Flop
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EL35 bảng dữ liệu(HTML) 3 Page - ON Semiconductor

  MC10EL35 Datasheet HTML 1Page - ON Semiconductor MC10EL35 Datasheet HTML 2Page - ON Semiconductor MC10EL35 Datasheet HTML 3Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MC10EL35 MC100EL35
3–3
MOTOROLA
ECLinPS and ECLinPS Lite
DL140 — Rev 3
OUTLINE DIMENSIONS
D SUFFIX
PLASTIC SOIC PACKAGE
CASE 751–05
ISSUE P
SEATING
PLANE
1
4
5
8
A
0.25 (0.010) M T B S
S
8X
D
M
J
_
–A–
–B–
–T–
DIM
MIN
MAX
MILLIMETERS
A
4.80
5.00
B
3.80
4.00
C
1.35
1.75
D
0.35
0.49
F
0.40
1.25
G
1.27 BSC
J
0.18
0.25
K
0.10
0.25
M
0
7
P
5.80
6.20
R
0.25
0.50
_
_
G
NOTES:
1. DIMENSIONS A AND B ARE DATUMS AND T IS A
DATUM SURFACE.
2. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
3. DIMENSIONS ARE IN MILLIMETER.
4. DIMENSION A AND B DO NOT INCLUDE MOLD
PROTRUSION.
5. MAXIMUM MOLD PROTRUSION 0.15 PER SIDE.
6. DIMENSION D DOES NOT INCLUDE MOLD
PROTRUSION. ALLOWABLE DAMBAR
PROTRUSION SHALL BE 0.127 TOTAL IN EXCESS
OF THE D DIMENSION AT MAXIMUM MATERIAL
CONDITION.
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding
the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and
specifically disclaims any and all liability, including without limitation consequential or incidental damages. “Typical” parameters which may be provided in Motorola
data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including “Typicals”
must be validated for each customer application by customer’s technical experts. Motorola does not convey any license under its patent rights nor the rights of
others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other
applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury
or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola
and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees
arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that
Motorola was negligent regarding the design or manufacture of the part. Motorola and
are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal
Opportunity/Affirmative Action Employer.
How to reach us:
USA/EUROPE/Locations Not Listed: Motorola Literature Distribution;
JAPAN: Nippon Motorola Ltd.; Tatsumi–SPD–JLDC, 6F Seibu–Butsuryu–Center,
P.O. Box 20912; Phoenix, Arizona 85036. 1–800–441–2447 or 602–303–5454
3–14–2 Tatsumi Koto–Ku, Tokyo 135, Japan. 03–81–3521–8315
MFAX: RMFAX0@email.sps.mot.com – TOUCHTONE 602–244–6609
ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park,
INTERNET: http://Design–NET.com
51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852–26629298
MC10EL35/D
*MC10EL35/D*


Số phần tương tự - MC10EL35

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC10EL35 ONSEMI-MC10EL35 Datasheet
144Kb / 8P
   5V ECL JK Flip-Flop
December, 2006 ??Rev. 6
MC10EL35 ONSEMI-MC10EL35 Datasheet
157Kb / 7P
   5 V ECL JK Flip?륡lop
July, 2016 ??Rev. 8
MC10EL35D ONSEMI-MC10EL35D Datasheet
144Kb / 8P
   5V ECL JK Flip-Flop
December, 2006 ??Rev. 6
MC10EL35D ONSEMI-MC10EL35D Datasheet
202Kb / 20P
   Evaluation Board Manual for High Frequency SOIC 8
August, 2004 ??Rev. 1
MC10EL35DG ONSEMI-MC10EL35DG Datasheet
144Kb / 8P
   5V ECL JK Flip-Flop
December, 2006 ??Rev. 6
More results

Mô tả tương tự - MC10EL35

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Micrel Semiconductor
SY10EL35 MICREL-SY10EL35_06 Datasheet
50Kb / 4P
   JK FLIP-FLOP
logo
ON Semiconductor
MC10EP35 ONSEMI-MC10EP35 Datasheet
81Kb / 8P
   JK Flip Flop
Sep, 1999 ??Rev. 1.0
logo
Micrel Semiconductor
SY10EL35 MICREL-SY10EL35 Datasheet
47Kb / 4P
   JK FLIP-FLOP
logo
NXP Semiconductors
HEF4027B NXP-HEF4027B Datasheet
83Kb / 13P
   Dual JK flip-flop
Rev. 05-10 November 2008
logo
Nexperia B.V. All right...
HEF4027B NEXPERIA-HEF4027B Datasheet
220Kb / 11P
   Dual JK flip-flop
Rev. 11 - 7 December 2021
logo
Integral Corp.
IW4027B INTEGRAL-IW4027B Datasheet
48Kb / 6P
   Dual JK Flip-Flop
logo
KODENSHI_AUK CORP.
KK4027B KODENSHI-KK4027B Datasheet
232Kb / 6P
   Dual JK Flip-Flop
logo
NXP Semiconductors
HEF4027B PHILIPS-HEF4027B Datasheet
64Kb / 5P
   Dual JK flip-flop
January 1995
logo
IK Semicon Co., Ltd
IW4027B IKSEMICON-IW4027B Datasheet
158Kb / 6P
   Dual JK Flip-Flop
logo
List of Unclassifed Man...
GD4027B ETC1-GD4027B Datasheet
89Kb / 3P
   DUAL JK FLIP-FLOP
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com