công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC10E431 bảng dữ liệu(PDF) 2 Page - ON Semiconductor

tên linh kiện MC10E431
Giải thích chi tiết về linh kiện  3-BIT DIFFERENTIAL FLIP-FLOP
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10E431 bảng dữ liệu(HTML) 2 Page - ON Semiconductor

  MC10E431 Datasheet HTML 1Page - ON Semiconductor MC10E431 Datasheet HTML 2Page - ON Semiconductor MC10E431 Datasheet HTML 3Page - ON Semiconductor MC10E431 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MC10E431 MC100E431
MOTOROLA
ECLinPS and ECLinPS Lite
DL140 — Rev 4
2–2
FUNCTION TABLE
Dn
CLKn
Rn
Sn
Qn
L
Z
L
L
L
H
Z
L
L
H
X
X
Z
L
L
X
X
L
Z
H
Z = Low to high transition
X = Don’t Care
DC CHARACTERISTICS (VEE = VEE(min) to VEE(max); VCC = VCCO = GND)
–40
°C
0
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Cond
VBB
Output Reference
Voltage
10E
100E
–1.43
–1.38
–1.30
–1.26
–1.38
–1.38
–1.27
–1.26
–1.35
–1.38
–1.25
–1.26
–1.31
–1.38
–1.19
–1.26
V
IIH
Input HIGH
Current
150
150
150
150
µA
IEE
Power Supply
Current
10E
100E
110
110
132
132
110
110
132
132
110
110
132
132
110
127
132
152
mA
VCMR
Common Mode
Range
–1.5
0
–1.5
0
–1.5
0
–1.5
0
V
1
1. VCMR is referenced to the most positive side of the differential input signal. Normal specified operation is obtained when the input signals are
within the VCMR range and the input swing is greater than VPP.
AC CHARACTERISTICS (VEE = VEE(min) to VEE(max); VCC = VCCO = GND)
–40
°C
0
°C to 85°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Unit
Condition
fMAX
Maximum Toggle Frequency
1000
1400
1100
1400
MHz
tPLH
tPHL
Propagation Delay to Output
CLK (Diff)
CLK (SE)
R
S
410
460
500
500
600
600
725
725
790
840
975
975
450
400
550
550
600
600
725
725
750
800
925
925
ps
tS
Setup Time
D
R
S
250
1100
1100
0
700
700
200
1000
1000
0
700
700
ps
1
1
tH
Hold Time
D
250
0
200
0
ps
tPW
Minimum Pulse Width
CLK
400
400
ps
tskew
Within-Device Skew
50
50
ps
2
VPP
Minimum Input Swing
150
150
mV
3
tr/tf
Rise/Fall Times
250
450
700
275
450
650
ps
20–80%
1. These setup times define the minimum time the CLK or SET/RESET input must wait after the assertion of the RESET/SET input to assure the
proper operation of the flip-flop.
2. Within-device skew is defined as identical transitions on similar paths through a device.
3. Minimum input swing for which AC parameters are guaranteed.


Số phần tương tự - MC10E431

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC10E431 ONSEMI-MC10E431 Datasheet
133Kb / 9P
   5V ECL 3-Bit Differential Flip-Flop
November, 2006 ??Rev. 10
MC10E431 ONSEMI-MC10E431 Datasheet
168Kb / 9P
   5V ECL 3?륛it Differential Flip?륡lop
July, 2016 ??Rev. 11
MC10E431FN ONSEMI-MC10E431FN Datasheet
133Kb / 9P
   5V ECL 3-Bit Differential Flip-Flop
November, 2006 ??Rev. 10
MC10E431FNG ONSEMI-MC10E431FNG Datasheet
133Kb / 9P
   5V ECL 3-Bit Differential Flip-Flop
November, 2006 ??Rev. 10
MC10E431FNG ONSEMI-MC10E431FNG Datasheet
168Kb / 9P
   5V ECL 3?륛it Differential Flip?륡lop
July, 2016 ??Rev. 11
More results

Mô tả tương tự - MC10E431

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Micrel Semiconductor
SY10E431 MICREL-SY10E431_06 Datasheet
62Kb / 4P
   3-BIT DIFFERENTIAL FLIP-FLOP
SY10E431 MICREL-SY10E431 Datasheet
61Kb / 4P
   3-BIT DIFFERENTIAL FLIP-FLOP
logo
ON Semiconductor
MC10E431 ONSEMI-MC10E431_06 Datasheet
133Kb / 9P
   5V ECL 3-Bit Differential Flip-Flop
November, 2006 ??Rev. 10
MC10EL51 ONSEMI-MC10EL51 Datasheet
80Kb / 3P
   Differential Clock D Flip-Flop
1996 REV 2
logo
Micrel Semiconductor
SY10EL51 MICREL-SY10EL51 Datasheet
50Kb / 4P
   DIFFERENTIAL CLOCK D FLIP-FLOP
logo
ON Semiconductor
MC100LVEL51 ONSEMI-MC100LVEL51 Datasheet
82Kb / 3P
   Differential Clock D Flip-Flop
1996 REV 1
logo
Micrel Semiconductor
SY10EL51 MICREL-SY10EL51_05 Datasheet
52Kb / 4P
   DIFFERENTIAL CLOCK D FLIP-FLOP
logo
Texas Instruments
SN74AVC16722 TI-SN74AVC16722 Datasheet
202Kb / 1P
[Old version datasheet]   22-BIT FLIP-FLOP WITH 3-STATE OUTPUTS
logo
Semtech Corporation
SK10E131PJ SEMTECH-SK10E131PJ Datasheet
113Kb / 4P
   4-bit D Flip-Flop
logo
ON Semiconductor
MC10EL52 ONSEMI-MC10EL52 Datasheet
82Kb / 3P
   Differential Data and Clock D Flip-Flop
1996 REV 2
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com