công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC100E404 bảng dữ liệu(PDF) 1 Page - ON Semiconductor

tên linh kiện MC100E404
Giải thích chi tiết về linh kiện  QUAD DIFFERENTIAL AND/NAND
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100E404 bảng dữ liệu(HTML) 1 Page - ON Semiconductor

  MC100E404 Datasheet HTML 1Page - ON Semiconductor MC100E404 Datasheet HTML 2Page - ON Semiconductor MC100E404 Datasheet HTML 3Page - ON Semiconductor MC100E404 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
LOGIC DIAGRAM
25
24
23
22
21
20
19
18
17
16
15
14
13
12
5
6
7
8
9
10
11
26
27
28
2
3
4
D3a D3a D3b D3b VCCO Q3
Q3
Q2
Q2
VCC
Q1
Q1
Q0
Q0
D1a D1a D0b
D2b
D2b
D2a
VEE
D2a
D1b
D1b
D0b D0a D0a VCCO
D0a
D0a
D0b
D0b
D1a
D1a
D1b
D1b
D2a
D2a
D2b
D2b
D3a
D3a
D3b
D3b
Q0
Q0
Q1
Q1
Q2
Q2
Q3
Q3
1
Pinout: 28-Lead PLCC
(Top View)
* All VCC and VCCO pins are tied together on the die.
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
2–1
REV 2
© Motorola, Inc. 1996
12/93
Quad Differential AND/NAND
The MC10E404/100E404 is a 4-bit differential AND/NAND device. The
differential operation of the device makes it ideal for pulse shaping
applications where duty cycle skew is critical. Special design techniques
were incorporated to minimize the skew between the upper and lower
level gate inputs.
Because a negative 2-input NAND function is equivalent to a 2-input
OR function, the differential inputs and outputs of the device also allow for
its use as a fully differential 2 input OR/NOR function.
The output RISE/FALL times of this device are significantly faster than
most other standard ECLinPS devices resulting in an increased
bandwidth.
The differential inputs have clamp structures which will force the Q
output of a gate in an open input condition to go to a LOW state. Thus,
inputs of unused gates can be left open and will not affect the operation of
the rest of the device. Note that the input clamp will take affect only if both
inputs fall 2.5V below VCC.
Differential D and Q
700ps Max. Propagation Delay
High Frequency Outputs
Extended 100E VEE Range of – 4.2V to – 5.46V
Internal 75kΩ Input Pulldown Resistors
PIN NAMES
Pin
Function
D[0:4], D[0:4]
Differential Data Inputs
Q[0:4], Q[0:4]
Differential Data Outputs
FUNCTION TABLE
Da
Db
Q
Da
Db
Q
L
L
L
L
L
L
L
H
L
L
H
H
H
L
L
H
L
H
H
H
H
H
H
H
MC10E404
MC100E404
QUAD DIFFERENTIAL
AND/NAND
FN SUFFIX
PLASTIC PACKAGE
CASE 776-02


Số phần tương tự - MC100E404

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC100E404FN ONSEMI-MC100E404FN Datasheet
128Kb / 8P
   5 V ECL Quad Differential AND/NAND
November, 2006 ??Rev. 8
MC100E404FNG ONSEMI-MC100E404FNG Datasheet
128Kb / 8P
   5 V ECL Quad Differential AND/NAND
November, 2006 ??Rev. 8
MC100E404FNG ONSEMI-MC100E404FNG Datasheet
162Kb / 7P
   5V ECL Quad Differential AND/NAND
July, 2016 ??Rev. 9
MC100E404FNR2 ONSEMI-MC100E404FNR2 Datasheet
128Kb / 8P
   5 V ECL Quad Differential AND/NAND
November, 2006 ??Rev. 8
MC100E404FNR2G ONSEMI-MC100E404FNR2G Datasheet
128Kb / 8P
   5 V ECL Quad Differential AND/NAND
November, 2006 ??Rev. 8
More results

Mô tả tương tự - MC100E404

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Micrel Semiconductor
SY10E404 MICREL-SY10E404 Datasheet
60Kb / 4P
   QUAD DIFFERENTIAL AND/NAND
SY10E404 MICREL-SY10E404_06 Datasheet
62Kb / 4P
   QUAD DIFFERENTIAL AND/NAND
logo
ON Semiconductor
MC10EP105 ONSEMI-MC10EP105 Datasheet
123Kb / 8P
   Quad 2-Input Differential AND/NAND
December, 1999 ??Rev. 0
MC10E404 ONSEMI-MC10E404_16 Datasheet
162Kb / 7P
   5V ECL Quad Differential AND/NAND
July, 2016 ??Rev. 9
MC10E404 ONSEMI-MC10E404_06 Datasheet
128Kb / 8P
   5 V ECL Quad Differential AND/NAND
November, 2006 ??Rev. 8
MC100EP105 ONSEMI-MC100EP105 Datasheet
81Kb / 8P
   3.3V / 5V ECL Quad 2-Input Differential AND/NAND
September, 2002 ??Rev. 8
MC10EP105 ONSEMI-MC10EP105_06 Datasheet
160Kb / 11P
   3.3V / 5V ECL Quad 2?묲nput Differential AND/NAND
November, 2006 ??Rev. 11
logo
Micrel Semiconductor
SY10EL05 MICREL-SY10EL05 Datasheet
48Kb / 4P
   2-INPUT DIFFERENTIAL AND/NAND
logo
ON Semiconductor
MC10EL05 ONSEMI-MC10EL05 Datasheet
78Kb / 3P
   2-Input Differential AND/NAND
1996 REV 2
logo
Micrel Semiconductor
SY10EL05 MICREL-SY10EL05_06 Datasheet
50Kb / 4P
   2-INPUT DIFFERENTIAL AND/NAND
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com