công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC10E193 bảng dữ liệu(PDF) 1 Page - ON Semiconductor

tên linh kiện MC10E193
Giải thích chi tiết về linh kiện  ERROR DETECTION/ CORRECTION CIRCUIT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10E193 bảng dữ liệu(HTML) 1 Page - ON Semiconductor

  MC10E193 Datasheet HTML 1Page - ON Semiconductor MC10E193 Datasheet HTML 2Page - ON Semiconductor MC10E193 Datasheet HTML 3Page - ON Semiconductor MC10E193 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
2–1
REV 3
© Motorola, Inc. 1996
7/96
Error Detection/Correction
Circuit
The MC10E/100E193 is an error detection and correction (EDAC)
circuit. Modified Hamming parity codes are generated on an 8-bit word
according to the pattern shown in the logic symbol. The P5 output gives
the parity of the whole word. The word parity is also provided at the PGEN
pin, after Odd/Even parity control and gating with the BPAR input. This
output also feeds to a 1-bit shiftable register, for use as part of a scan ring.
Used in conjunction with 12-bit parity generators such as the E160, a
SECDED (single error correction, double error detection) error system
can be designed for a multiple of an 8-bit word.
Hamming Code Generation
8-Bit Word, Expandable
Provides Parity of Whole Word
Scannable Parity Register
Extended 100E VEE Range of – 4.2V to – 5.46V
75kΩ Input Pulldown Resistors
Pinout: 28-Lead PLCC (Top View)
B4
B5
B6
P2
PGEN
CLK
SHIFT
S-IN
HOLD
EN
LOGIC DIAGRAM
EV/OD
BPAR
B0
VEE
B1
B2
B3
26
27
28
2
3
4
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
5
6
7
8
9
10
VCCO
PARERR
PARERR
VCC
P5
VCCO
P4
P3
VCCO P1
B7
B INPUTS
0 3 6 5 7 4 2 1
B2, B3, B6, B7
B1, B3, B5, B7
B4, B5, B6, B7
B1, B2, B4, B7
P2
P1
P3
P4
P5
PGEN
BYTE (B0 – B7)
PARERR
PARERR
BPAR
EV/OD
EN
HOLD
S-IN
SHIFT
CLK
0
1
0
1
D
1
* All VCC and VCCO pins are tied together on the die.
MC10E193
MC100E193
ERROR DETECTION/
CORRECTION CIRCUIT
FN SUFFIX
PLASTIC PACKAGE
CASE 776-02


Số phần tương tự - MC10E193

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC10E195 ONSEMI-MC10E195 Datasheet
88Kb / 5P
   PROGRAMMABLE DELAY CHIP
REV 3
MC10E195 ONSEMI-MC10E195 Datasheet
150Kb / 11P
   5V ECL Programmable Delay Chip
November, 2006 ??Rev. 10
MC10E195 ONSEMI-MC10E195 Datasheet
183Kb / 11P
   5V ECL Programmable Delay Chip
July, 2016 ??Rev. 11
MC10E195FN ONSEMI-MC10E195FN Datasheet
150Kb / 11P
   5V ECL Programmable Delay Chip
November, 2006 ??Rev. 10
MC10E195FNG ONSEMI-MC10E195FNG Datasheet
150Kb / 11P
   5V ECL Programmable Delay Chip
November, 2006 ??Rev. 10
More results

Mô tả tương tự - MC10E193

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Micrel Semiconductor
SY10E193 MICREL-SY10E193 Datasheet
62Kb / 4P
   ERROR DETECTION/ CORRECTION CIRCUIT
SY10E193 MICREL-SY10E193_06 Datasheet
65Kb / 5P
   ERROR DETECTION/CORRECTION CIRCUIT
logo
Renesas Technology Corp
ACS630MS RENESAS-ACS630MS Datasheet
676Kb / 3P
   Radiation Hardened EDAC (Error Detection and Correction Circuit)
January 1996
logo
National Semiconductor ...
DP8406 NSC-DP8406 Datasheet
225Kb / 14P
   32-Bit Parallel Error Detection and Correction Circuit
logo
Intersil Corporation
ACS630MS INTERSIL-ACS630MS Datasheet
489Kb / 4P
   Radiation Hardened EDAC (Error Detection and Correction Circuit)
January 1996
ACTS630MS INTERSIL-ACTS630MS Datasheet
489Kb / 4P
   Radiation Hardened EDAC (Error Detection and Correction)
January 1996
logo
Renesas Technology Corp
ACTS630MS RENESAS-ACTS630MS Datasheet
683Kb / 4P
   Radiation Hardened EDAC (Error Detection and Correction)
January 1996
logo
Sanyo Semicon Device
LC7073 SANYO-LC7073 Datasheet
193Kb / 11P
   Error Detection Correction LSIs for RDS Demodulators
logo
Dynex Semiconductor
MA31755 DYNEX-MA31755 Datasheet
134Kb / 13P
   16-Bit Feedthrough Error Detection & Correction Unit EDAC
logo
Texas Instruments
SN54LS630 TI-SN54LS630 Datasheet
352Kb / 9P
[Old version datasheet]   16-BIT PARALLEL ERROR DETECTION AND CORRECTION CIRCUITS
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com