công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC10E1651 bảng dữ liệu(PDF) 2 Page - ON Semiconductor

tên linh kiện MC10E1651
Giải thích chi tiết về linh kiện  DUAL ECL OUTPUT COMPARATOR WITH LATCH
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10E1651 bảng dữ liệu(HTML) 2 Page - ON Semiconductor

  MC10E1651 Datasheet HTML 1Page - ON Semiconductor MC10E1651 Datasheet HTML 2Page - ON Semiconductor MC10E1651 Datasheet HTML 3Page - ON Semiconductor MC10E1651 Datasheet HTML 4Page - ON Semiconductor MC10E1651 Datasheet HTML 5Page - ON Semiconductor MC10E1651 Datasheet HTML 6Page - ON Semiconductor MC10E1651 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MC10E1651
MOTOROLA
ECLinPS and ECLinPS Lite
DL140 — Rev 4
2–2
Pinout: 20-Lead PLCC (Top View)
Qb
GND
NC
GND
Qa
Qb
LENb NC V1b
V2b
VCC
NC
NC
VEE
VCC
Qa
LENa NC
V2a
V1a
Pinout: 16-Pin Ceramic DIP (Top View)
8
7
6
5
4
3
2
1
9
10
11
12
13
14
15
16
NC
VCC
V2b
V1b
LENb
Qb
Qb
GND
VEE
VCC
V1a
V2a
LENa
Qa
Qa
GND
19
18
13
17
16
15
14
12
11
10
9
4
5
6
7
8
20
1
2
3
ABSOLUTE MAXIMUM RATINGS (Beyond which device life may be impaired)
Symbol
Characteristic
Min
Typ
Max
Unit
VSUP
Total Supply Voltage
|VEE| + |VCC|
12.0
V
VPP
Differential Input Voltage
|V1 – V2|
3.7
V
DC CHARACTERISTICS (VEE = –5.2 V ±5%; VCC = +5.0 V ±5%)
0
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Condition
VOH
Output HIGH Voltage
–1020
–840
–980
–810
–920
–735
mV
VOL
Output Low Voltage
–1950
–1630
–1950
–1630
–1950
–1600
mV
II
IIH
Input Current (V1, V2)
Input HIGH Current (LEN)
65
150
65
150
65
150
µA
ICC
IEE
Positive Supply Current
Negative Supply Current
50
–55
50
–55
50
–55
mA
VCMR
Common Mode Range
–2.0
3.0
–2.0
3.0
–2.0
3.0
V
Hys
Hysteresis
27
27
30
mV
Vskew
Hysteresis Skew
–1.0
–1.0
0
mV
1
Cin
Input Capacitance
DIP
PLCC
3
2
3
2
3
2
pF
1. Hysteresis skew (Vskew) is provided to indicate the offset of the hysteresis window. For example, at 25°C the nominal hysteresis value is 27mV
and the Vskew value indicates that the hysteresis was skewed from the reference level by 1mV in the negative direction. Hence the hysteresis
window ranged from 14mV below the reference level to 13mV above the reference level. All hysteresis measurements were determined using
a reference voltage of 0mV.


Số phần tương tự - MC10E1651

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC10E1651 ONSEMI-MC10E1651 Datasheet
136Kb / 10P
   5V, ??V Dual ECL Output Comparator with Latch
November, 2006 ??Rev. 8
MC10E1651 ONSEMI-MC10E1651 Datasheet
125Kb / 9P
   Dual ECL Output Comparator with Latch
April, 2013 ??Rev. 10
MC10E1651FN ONSEMI-MC10E1651FN Datasheet
136Kb / 10P
   5V, ??V Dual ECL Output Comparator with Latch
November, 2006 ??Rev. 8
MC10E1651FNG ONSEMI-MC10E1651FNG Datasheet
136Kb / 10P
   5V, ??V Dual ECL Output Comparator with Latch
November, 2006 ??Rev. 8
MC10E1651FNG ONSEMI-MC10E1651FNG Datasheet
125Kb / 9P
   Dual ECL Output Comparator with Latch
April, 2013 ??Rev. 10
More results

Mô tả tương tự - MC10E1651

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC10E1652 ONSEMI-MC10E1652_13 Datasheet
129Kb / 9P
   Dual ECL Output Comparator with Latch
April, 2013 ??Rev. 10
MC10E1652 ONSEMI-MC10E1652 Datasheet
140Kb / 7P
   DUAL ECL OUTPUT COMPARATOR WITH LATCH
REV 1
MC10E1651 ONSEMI-MC10E1651_13 Datasheet
125Kb / 9P
   Dual ECL Output Comparator with Latch
April, 2013 ??Rev. 10
MC10E1652 ONSEMI-MC10E1652_06 Datasheet
138Kb / 10P
   5V, ??V ECL Dual ECL Output Comparator with Latch
November, 2006 ??Rev. 9
MC10E1651 ONSEMI-MC10E1651_06 Datasheet
136Kb / 10P
   5V, ??V Dual ECL Output Comparator with Latch
November, 2006 ??Rev. 8
logo
Maxim Integrated Produc...
MAX9685 MAXIM-MAX9685 Datasheet
68Kb / 8P
   Ultra-Fast ECL-Output Comparator with Latch Enable
Rev 1; 7/93
MAX9687 MAXIM-MAX9687 Datasheet
44Kb / 4P
   Dual, Ultra-Fast ECL-Output Comparator
Rev 1; 7/93
MAX9690 MAXIM-MAX9690 Datasheet
28Kb / 4P
   Ultra-Fast ECL-Output Comparator
Rev 3; 3/97
MAX9691 MAXIM-MAX9691 Datasheet
320Kb / 10P
   Single/Dual, Ultra-Fast, ECL-Output Comparators with Latch Enable
Rev 1; 10/02
MAX9691 MAXIM-MAX9691_12 Datasheet
325Kb / 12P
   Single/Dual, Ultra-Fast, ECL-Output Comparators with Latch Enable
Rev 2; 1/12
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com