công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LT8920 bảng dữ liệu(PDF) 6 Page - List of Unclassifed Manufacturers

tên linh kiện LT8920
Giải thích chi tiết về linh kiện  Long range 2.4GHz Radio Transceiver
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

LT8920 bảng dữ liệu(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button LT8920 Datasheet HTML 2Page - List of Unclassifed Manufacturers LT8920 Datasheet HTML 3Page - List of Unclassifed Manufacturers LT8920 Datasheet HTML 4Page - List of Unclassifed Manufacturers LT8920 Datasheet HTML 5Page - List of Unclassifed Manufacturers LT8920 Datasheet HTML 6Page - List of Unclassifed Manufacturers LT8920 Datasheet HTML 7Page - List of Unclassifed Manufacturers LT8920 Datasheet HTML 8Page - List of Unclassifed Manufacturers LT8920 Datasheet HTML 9Page - List of Unclassifed Manufacturers LT8920 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 51 page
background image
LT8920 Datasheet V1.1
Page 6
Jan. 2017
Parameter
Symbol
MIN
TYP
MAX
Unis
Test Condition and Notes
Receive Section
Measured using 50 Ohm balun. For
BER ≤ 0.1%:
Receiver sensitivity
-87
dBm
1Mbps
-90
dBm
250Kbps
-93
dBm
125Kbps
-96
dBm
62.5Kbps
Maximum useable signal
-20
1
dBm
Data (Symbol) rate
Ts
1
us
Min. Carrier/Interference ratio
For BER ≤ 0.1%
Co-Channel Interference
CI_cochannel
+9
dB
-60 dBm desired signal.
Adjacent Ch. Interference,
1MHz offset
CI_1
+6
dB
-60 dBm desired signal.
Adjacent Ch. Interference,
2MHz offset
CI_2
-12
dB
-60 dBm desired signal.
Adjacent Ch. Interference,
3MHz offset
CI_3
-24
dB
-67 dBm desired signal.
Out-of-Band Blocking
For additional test conditions, see
footnote1.
OBB_1
-10
dBm
30
MHz
to
2000 MHz
Meas.
with
ACX
BF2520 ceramic filter
2 on ant. pin .
Desired
sig.
-67
dBm, BER ≤ 0.1%.
OBB_2
-27
dBm
2000 MHz to
2400 MHz
OBB_3
-27
dBm
2500 MHz to
3000 MHz
OBB_4
-10
dBm
3000 MHz to
12.75 GHz
Transmit Section
Measured using 50 Ohm balun3:
RF Output Power
PAV
6
dBm
POUT=
maximum
output
power
Reg09=0x4000
2
POUT
=
nominal
output
power,
Reg09=0x1840
-17
POUT=minimum
output
power,Reg09=1FC0
Second harmonic
-50
dBm
Conducted to ANT pin.
Third harmonic
-50
dBm
Conducted to ANT pin.
Modulation Characteristics
Peak
FM
Deviation
00001111 pattern
∆f1avg
280
kHz
01010101 pattern
∆f2max
225
kHz
In-Band Spurious Emission
2MHz offset
IBS_2
-40
dBm
>3MHz offset
IBS_3
-60
dBm
Out-of-Band Spurious
Emission, Operation
OBS_O_1
< -60
-36
dBm
30 MHz ~ 1 GHz
OBS_O_2
-45
-30
dBm
1 GHz ~ 12.75 GHz, excludes desired
signal and harmonics.
OBS_O_3
< -60
-47
dBm
1.8 GHz ~ 1.9 GHz
OBS_O_4
< -65
-47
dBm
5.15 GHz ~ 5.3 GHz
Note:
1.
The test is run at one midband frequency, typically 2460 MHz. With blocking frequency swept in 1 MHz steps, up to 24 exception
frequencies are allowed. Of these, no more than 5 shall persist with blocking signal reduced to -50dBm.
For blocking frequencies
below desired receive frequency, in-band harmonics of the out-of-band blocking signal are the most frequent cause of failure, so be


Số phần tương tự - LT8920

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
LETEX TECHNOLOGY CORP.
LT890 LETEX-LT890 Datasheet
102Kb / 3P
   Photo DMOS-FET Relay
LT891 LETEX-LT891 Datasheet
172Kb / 3P
   Photo DMOS-FET Relay
More results

Mô tả tương tự - LT8920

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
AUREL S.p.A.
650201347G AUREL-650201347G Datasheet
107Kb / 1P
   Half-duplex Long Range Transceiver 869 MHz Long Range GFSK Transceiver
15.10.2016 - Rev A
logo
Semtech Corporation
SX1272IMLTRT SEMTECH-SX1272IMLTRT Datasheet
4Mb / 129P
   Low Power Long Range Transceiver
SX1276IMLTRT SEMTECH-SX1276IMLTRT Datasheet
3Mb / 132P
   Low Power Long Range Transceiver
logo
HOPE Microelectronics C...
RF96 HOPE-RF96 Datasheet
2Mb / 121P
   Low Power Long Range Transceiver
logo
Dorji Industrial Group ...
DRF1276DM DORJI-DRF1276DM Datasheet
551Kb / 13P
   LORA Long Range SX1278 Data Radio Modem
DRF1278DM DORJI-DRF1278DM Datasheet
552Kb / 13P
   LORA Long Range SX1278 Data Radio Modem
DRF1278DX DORJI-DRF1278DX Datasheet
871Kb / 11P
   500mW Long Range Lora Data Radio Modem
logo
ATMEL Corporation
AT86RF215 ATMEL-AT86RF215 Datasheet
10Mb / 235P
   Sub-1GHz/2.4GHz Transceiver and I/Q Radio for
logo
Micro Linear Corporatio...
ML2712-1 MICRO-LINEAR-ML2712-1 Datasheet
174Kb / 2P
   2.4GHz FHSS Radio Chipset
logo
HOPE Microelectronics C...
RFM98PW HOPE-RFM98PW Datasheet
675Kb / 6P
   Enhanced Power Long Range Transceiver Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com