công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LT8920 bảng dữ liệu(PDF) 10 Page - List of Unclassifed Manufacturers

tên linh kiện LT8920
Giải thích chi tiết về linh kiện  Long range 2.4GHz Radio Transceiver
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

LT8920 bảng dữ liệu(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button LT8920 Datasheet HTML 6Page - List of Unclassifed Manufacturers LT8920 Datasheet HTML 7Page - List of Unclassifed Manufacturers LT8920 Datasheet HTML 8Page - List of Unclassifed Manufacturers LT8920 Datasheet HTML 9Page - List of Unclassifed Manufacturers LT8920 Datasheet HTML 10Page - List of Unclassifed Manufacturers LT8920 Datasheet HTML 11Page - List of Unclassifed Manufacturers LT8920 Datasheet HTML 12Page - List of Unclassifed Manufacturers LT8920 Datasheet HTML 13Page - List of Unclassifed Manufacturers LT8920 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 51 page
background image
LT8920 Datasheet V1.1
Page 10
Jan. 2017
5. Pin Description
Table 3. Pin Description
QFN24
Pin No.
Pin Name
Type
Description
1, 2, 5, 6, 7,
19, 22
VDD
PWR
Power supply voltage.
3, 4
ANTb, ANT
Balanced RF
RF input/output.
8
FIFO
O
FIFO status indicator bit.
9
GND
GND
Ground connection.
10
VDD_IO
PWR
Vdd for the digital interface.
11
SPI_SS
I
SPI: Enable input for the SPI bus, active low. Also used to bring
device out of SLEEP state.
I2C: Used to bring device out of SLEEP state.
12
BRCLK
O
Output from internal clock
13
PKT
O
Transmit/Receive packet status indicator bit.
14
SPICLK
I
Clock input for SPI/I2C interface.
15
I2C_SEL
I
Mode selection:
0: Interface is SPI
1: Interface is I2C
16
MOSI/A4
I
SPI: Data input for the SPI bus. I2C: Specifies I2C address bit 4.
17
MISO/I2C_DAT
I/O
SPI: Data output (tri-state when not active) I2C: Data in/out
18
RST_n
I
When RST_n is low, most of the chip shuts down to conserve
power. Register values will be lost. To preserve register values,
use SLEEP mode instead.
When raised high, RST_n is used to turn on the chip, restoring all
registers to their default value.
20
LDO_VDD
PWR
Input power to the on-chip LDO.
21
LDO_OUT
PWR
+1.8V output from the on-chip LDO voltage regulator.
Normally this will connect to all VDD pins of the chip, supplying
clean, well-regulated power to all critical sections.
DO NOT CONNECT TO EXTERNAL LOADS.
23
XTALO
A O
Output of the crystal oscillator gain block.
24
XTALI
A I
Input to the crystal oscillator gain block.
25 (Exposed
pad)
GND
GND
Ground reference connection.


Số phần tương tự - LT8920

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
LETEX TECHNOLOGY CORP.
LT890 LETEX-LT890 Datasheet
102Kb / 3P
   Photo DMOS-FET Relay
LT891 LETEX-LT891 Datasheet
172Kb / 3P
   Photo DMOS-FET Relay
More results

Mô tả tương tự - LT8920

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
AUREL S.p.A.
650201347G AUREL-650201347G Datasheet
107Kb / 1P
   Half-duplex Long Range Transceiver 869 MHz Long Range GFSK Transceiver
15.10.2016 - Rev A
logo
Semtech Corporation
SX1272IMLTRT SEMTECH-SX1272IMLTRT Datasheet
4Mb / 129P
   Low Power Long Range Transceiver
SX1276IMLTRT SEMTECH-SX1276IMLTRT Datasheet
3Mb / 132P
   Low Power Long Range Transceiver
logo
HOPE Microelectronics C...
RF96 HOPE-RF96 Datasheet
2Mb / 121P
   Low Power Long Range Transceiver
logo
Dorji Industrial Group ...
DRF1276DM DORJI-DRF1276DM Datasheet
551Kb / 13P
   LORA Long Range SX1278 Data Radio Modem
DRF1278DM DORJI-DRF1278DM Datasheet
552Kb / 13P
   LORA Long Range SX1278 Data Radio Modem
DRF1278DX DORJI-DRF1278DX Datasheet
871Kb / 11P
   500mW Long Range Lora Data Radio Modem
logo
ATMEL Corporation
AT86RF215 ATMEL-AT86RF215 Datasheet
10Mb / 235P
   Sub-1GHz/2.4GHz Transceiver and I/Q Radio for
logo
Micro Linear Corporatio...
ML2712-1 MICRO-LINEAR-ML2712-1 Datasheet
174Kb / 2P
   2.4GHz FHSS Radio Chipset
logo
HOPE Microelectronics C...
RFM98PW HOPE-RFM98PW Datasheet
675Kb / 6P
   Enhanced Power Long Range Transceiver Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com